Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4PH50SPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRG4PH50SPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PH50SPBF Datasheet(HTML) 5 Page - International Rectifier

  IRG4PH50SPBF_15 Datasheet HTML 1Page - International Rectifier IRG4PH50SPBF_15 Datasheet HTML 2Page - International Rectifier IRG4PH50SPBF_15 Datasheet HTML 3Page - International Rectifier IRG4PH50SPBF_15 Datasheet HTML 4Page - International Rectifier IRG4PH50SPBF_15 Datasheet HTML 5Page - International Rectifier IRG4PH50SPBF_15 Datasheet HTML 6Page - International Rectifier IRG4PH50SPBF_15 Datasheet HTML 7Page - International Rectifier IRG4PH50SPBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRG4PH50SPbF
www.irf.com
5
Fig. 7 - Typical Capacitance vs.
Collector-to-Emitter Voltage
Fig. 8 - Typical Gate Charge vs.
Gate-to-Emitter Voltage
Fig. 9 - Typical Switching Losses vs. Gate
Resistance
Fig. 10 - Typical Switching Losses vs.
Junction Temperature
15Ω
1
10
100
0
1000
2000
3000
4000
5000
6000
7000
V
, Collector-to-Emitter Voltage (V)
CE
V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GE
ies
ge
gc ,
ce
res
gc
oes
ce
gc
Cies
Coes
Cres
0
25
50
75
100
125
150
175
0
5
10
15
20
Q , Total Gate Charge (nC)
G
V
= 400V
I
= 33A
CC
C
0
10
20
30
40
50
21.0
22.0
23.0
24.0
25.0
R , Gate Resistance (Ohm)
G
V
= 960V
V
= 15V
T
= 25 C
I
= 33A
CC
GE
J
C
°
-60 -40 -20 0
20 40 60 80 100 120 140 160
1
10
100
1000
T , Junction Temperature ( C )
J
°
R
= 5Ohm
V
= 15V
V
= 960V
G
GE
CC
I =
A
66
C
I =
A
33
C
I =
A
16.5
C
5
RG , Gate Resistance ( Ω )


Similar Part No. - IRG4PH50SPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PH50SPBF IRF-IRG4PH50SPBF Datasheet
228Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRG4PH50SPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
logo
International Rectifier
IRG4PSC71UPBF IRF-IRG4PSC71UPBF_15 Datasheet
294Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF_15 Datasheet
261Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30SPBF IRF-IRG4PC30SPBF_15 Datasheet
250Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com