Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG7PH35UDPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRG7PH35UDPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG7PH35UDPBF Datasheet(HTML) 1 Page - International Rectifier

  IRG7PH35UDPBF_15 Datasheet HTML 1Page - International Rectifier IRG7PH35UDPBF_15 Datasheet HTML 2Page - International Rectifier IRG7PH35UDPBF_15 Datasheet HTML 3Page - International Rectifier IRG7PH35UDPBF_15 Datasheet HTML 4Page - International Rectifier IRG7PH35UDPBF_15 Datasheet HTML 5Page - International Rectifier IRG7PH35UDPBF_15 Datasheet HTML 6Page - International Rectifier IRG7PH35UDPBF_15 Datasheet HTML 7Page - International Rectifier IRG7PH35UDPBF_15 Datasheet HTML 8Page - International Rectifier IRG7PH35UDPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
INSULATED GATE BIPOLAR TRANSISTOR WITH
ULTRAFAST SOFT RECOVERY DIODE
IRG7PH35UDPbF
IRG7PH35UD-EP
1
www.irf.com
02/08/10
E
G
n-channel
C
Features
• Low VCE (ON) trench IGBT technology
• Low switching losses
• Square RBSOA
• 100% of the parts tested for ILM 
• Positive VCE (ON) temperature co-efficient
• Ultra fast soft recovery co-pak diode
• Tight parameter distribution
• Lead-Free
Benefits
• High efficiency in a wide range of applications
• Suitable for a wide range of switching frequencies due to
low VCE (ON) and low switching losses
• Rugged transient performance for increased reliability
• Excellent current sharing in parallel operation
Applications
• U.P.S.
• Welding
• Solar Inverter
• Induction Heating
GC
E
Gate
Collector
Emitter
TO-247AC
IRG7PH35UDPbF
TO-247AD
IRG7PH35UD-EP
G C E
C
G C E
C
VCES = 1200V
I NOMINAL = 20A
TJ(max) = 150°C
VCE(on) typ. = 1.9V
Absolute Maximum Ratings
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
1200
V
IC @ TC = 25°C
Continuous Collector Current
50
IC @ TC = 100°C
Continuous Collector Current
25
INOMINAL
Nominal Current
20
ICM
Pulse Collector Current, VGE=15V
60
ILM
Clamped Inductive Load Current, VGE=20V
c
80
IF @ TC = 25°C
Diode Continous Forward Current
50
IF @ TC = 100°C
Diode Continous Forward Current
25
IFM
Diode Maximum Forward Current
d
80
VGE
Continuous Gate-to-Emitter Voltage
±30
V
PD @ TC = 25°C
Maximum Power Dissipation
180
PD @ TC = 100°C
Maximum Power Dissipation
70
TJ
Operating Junction and
-55 to +150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case)
Mounting Torque, 6-32 or M3 Screw
10 lbf·in (1.1 N·m)
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
RθJC (IGBT)
Thermal Resistance Junction-to-Case-(each IGBT)
f
–––
–––
0.70
RθJC (Diode)
Thermal Resistance Junction-to-Case-(each Diode)
–––
–––
0.65
RθCS
Thermal Resistance, Case-to-Sink (flat, greased surface)
–––
0.24
–––
RθJA
Thermal Resistance, Junction-to-Ambient (typical socket mount)
–––
40
–––
°C/W
A
W
°C
PD-96288


Similar Part No. - IRG7PH35UDPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG7PH35UDPBF IRF-IRG7PH35UDPBF Datasheet
466Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRG7PH35UDPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com