Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP752AMX28TCG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP752AMX28TCG
Description  200 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, Low Dropout Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP752AMX28TCG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP752AMX28TCG Datasheet HTML 1Page - ON Semiconductor NCP752AMX28TCG Datasheet HTML 2Page - ON Semiconductor NCP752AMX28TCG Datasheet HTML 3Page - ON Semiconductor NCP752AMX28TCG Datasheet HTML 4Page - ON Semiconductor NCP752AMX28TCG Datasheet HTML 5Page - ON Semiconductor NCP752AMX28TCG Datasheet HTML 6Page - ON Semiconductor NCP752AMX28TCG Datasheet HTML 7Page - ON Semiconductor NCP752AMX28TCG Datasheet HTML 8Page - ON Semiconductor NCP752AMX28TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
© Semiconductor Components Industries, LLC, 2013
April, 2013 − Rev. 2
1
Publication Order Number:
NCP752/D
NCP752
200 mA, Ultra-Low
Quiescent Current, IQ 12 mA,
Ultra-Low Noise, Low
Dropout Regulator
Noise sensitive RF applications such as Power Amplifiers in
satellite radios, infotainment equipment, and precision
instrumentation require very clean power supplies. The NCP752 is
200 mA LDO that provides the engineer with a very stable, accurate
voltage with ultra low noise and very high Power Supply Rejection
Ratio (PSRR) suitable for RF applications. The device doesn’t require
any additional noise bypass capacitor to achieve ultra low noise
performance. In order to optimize performance for battery operated
portable applications, the NCP752 employs the Auto Low−Power
Function for Ultra Low Quiescent Current consumption.
Features
Operating Input Voltage Range: 2.0 V to 5.5 V
Available in Fixed Voltage Options: 0.8 to 3.5 V
Contact Factory for Other Voltage Options
Ultra Low Quiescent Current of Typ. 12 mA
Ultra Low Noise: 11.5 mVRMS from 100 Hz to 100 kHz
Very Low Dropout: 130 mV Typical at 200 mA
±2% Accuracy Over Load/Line/Temperature
High PSRR: 68 dB at 1 kHz
Power Good Output
Internal Soft−Start to Limit the Inrush Current
Thermal Shutdown and Current Limit Protections
Stable with a 1 mF Ceramic Output Capacitor
Available in TSOP−5 and XDFN 1.5 x 1.5 mm Package
Active Output Discharge for Fast Turn−Off
These are Pb−Free Devices
Typical Applications
PDAs, Mobile phones, GPS, Smartphones
Wireless Handsets, Wireless LAN, Bluetooth®, Zigbee®
Portable Medical and Other Battery Powered Devices
NCP752
IN
EN
OUT
PG
GND
OFF
ON
100k
Figure 1. Typical Application Schematic
VOUT
COUT
1 mF
VPG
CIN
VIN
XDFN6
CASE 711AE
MARKING DIAGRAMS
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 19 of this data sheet.
ORDERING INFORMATION
TSOP−5
CASE 483
1
5
XXXAYWG
G
XXX = Specific Device Code
A
= Assembly Location
M
= Date Code
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
(Top view)
1
OUT
PG
IN
N/C
EN
GND
IN
GND
OUT
PG
1
2
3
5
4
EN
PIN CONNECTIONS
X MG
G
1
XDFN6
TSOP−5
TSOP−5
XDFN6


Similar Part No. - NCP752AMX28TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP700 ONSEMI-NCP700 Datasheet
127Kb / 8P
   Ultra Low Noise, High PSSR,BiCMOS RF LDO Regulator
May, 2007 - Rev. 0
NCP700B ONSEMI-NCP700B Datasheet
540Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
NCP700BMT18TBG ONSEMI-NCP700BMT18TBG Datasheet
540Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
NCP700BMT18TBG ONSEMI-NCP700BMT18TBG Datasheet
619Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
April, 2013 ??Rev. 2
NCP700BMT25TBG ONSEMI-NCP700BMT25TBG Datasheet
619Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
April, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com