Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4588DSQ25T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP4588DSQ25T1G
Description  200 mA, Output Capacitor Free, LDO Linear Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4588DSQ25T1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP4588DSQ25T1G Datasheet HTML 1Page - ON Semiconductor NCP4588DSQ25T1G Datasheet HTML 2Page - ON Semiconductor NCP4588DSQ25T1G Datasheet HTML 3Page - ON Semiconductor NCP4588DSQ25T1G Datasheet HTML 4Page - ON Semiconductor NCP4588DSQ25T1G Datasheet HTML 5Page - ON Semiconductor NCP4588DSQ25T1G Datasheet HTML 6Page - ON Semiconductor NCP4588DSQ25T1G Datasheet HTML 7Page - ON Semiconductor NCP4588DSQ25T1G Datasheet HTML 8Page - ON Semiconductor NCP4588DSQ25T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© Semiconductor Components Industries, LLC, 2013
February, 2013 − Rev. 1
1
Publication Order Number:
NCP4588/D
NCP4588
200 mA, Output Capacitor
Free, LDO Linear Voltage
Regulator
The NCP4588 is a CMOS 200mA LDO which is stable without an
output capacitor. This results in a reduction in component count, cost
and board area, as well as contributing to a more robust solution in
hostile environments. With quiescent current < 9.5
mA and
PSRR > 60 dB, the device is an excellent trade off between the two
features. The family is available in a variety of packages: SC−70,
SOT23 and a small, ultra thin 1.2 x 1.2 x 0.4 mm XDFN.
Features
Operating Input Voltage Range: 1.4 V to 5.25 V
Output Voltage Range: 1.0 to 4.2 V (available in 0.1 V steps)
Output Voltage Accuracy: 1%
Quiescent Current: 9.5 mA
Standby Current: 0.1 mA
Very Low Dropout: 270 mV (IOUT = 200 mA, VIN = 3.0 V)
High PSRR: 70 dB at 1 kHz, VOUT ≤ 1.2 V
65 dB at 1 kHz, 1.2 < VOUT < 2.2 V
60 dB at 1 kHz, VOUT ≥ 2.2 V
Line Regulation 0.02%/V Typ.
Current Fold Back Protection: 50 mA at short
Stable with no Output Capacitor
Available in SC−70, XDFN and SOT23 Package
These are Pb−Free Devices
Typical Applications
Battery Powered Equipments
Portable Communication Equipments
Cameras, VCRs and Camcorders
VIN
VOUT
CE
GND
C1
C2
100n
100n*
VIN
VOUT
NCP4588x
* output capacitor
may be omitted
Figure 1. Typical Application Schematic
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 14 of this data sheet.
ORDERING INFORMATION
SC−70
CASE 419A
XX, XXX= Specific Device Code
M, MM = Date Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
MARKING
DIAGRAMS
(Note: Microdot may be in either location)
XDFN6
CASE 711AA
SOT−23−5
CASE 1212
XX
MM
XXX MG
G
XX
M


Similar Part No. - NCP4588DSQ25T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4588DSQ25T1G ONSEMI-NCP4588DSQ25T1G Datasheet
384Kb / 17P
   200 mA, Output Capacitor Free, LDO Linear Voltage Regulator
November, 2010 ??Rev. 0
More results

Similar Description - NCP4588DSQ25T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4588 ONSEMI-NCP4588 Datasheet
384Kb / 17P
   200 mA, Output Capacitor Free, LDO Linear Voltage Regulator
November, 2010 ??Rev. 0
logo
Texas Instruments
TLV733P-Q1 TI1-TLV733P-Q1_18 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1_1812 TI1-TLV733P-Q1_1812 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
logo
ON Semiconductor
NCP140 ONSEMI-NCP140 Datasheet
779Kb / 15P
   LDO Voltage Regulator - Capacitor Free, Low Noise 150 mA
September, 2019 ??Rev. 2
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
logo
ABLIC Inc.
S-1315 ABLIC-S-1315 Datasheet
662Kb / 43P
   5.5 V INPUT, 200 mA, OUTPUT CAPACITOR-LESS VOLTAGE REGULATOR
Rev.1.4_00
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
   300 mA LDO Linear Regulator
FS8855 FORTUNE-FS8855 Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com