Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4625DSN30T1G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP4625DSN30T1G
Description  300 mA, 10 V, Low Dropout Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4625DSN30T1G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP4625DSN30T1G Datasheet HTML 7Page - ON Semiconductor NCP4625DSN30T1G Datasheet HTML 8Page - ON Semiconductor NCP4625DSN30T1G Datasheet HTML 9Page - ON Semiconductor NCP4625DSN30T1G Datasheet HTML 10Page - ON Semiconductor NCP4625DSN30T1G Datasheet HTML 11Page - ON Semiconductor NCP4625DSN30T1G Datasheet HTML 12Page - ON Semiconductor NCP4625DSN30T1G Datasheet HTML 13Page - ON Semiconductor NCP4625DSN30T1G Datasheet HTML 14Page - ON Semiconductor NCP4625DSN30T1G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
NCP4625
http://onsemi.com
11
TYPICAL CHARACTERISTICS
Figure 35. Start−up, 1.2 V Version, VIN = 2.6 V
−0.5
0.0
0.5
1.0
1.5
2.0
0
20
40
60
80
100 120 140 160 180 200
0
1
2
3
4
t (ms)
Chip Enable
IOUT = 300 mA
IOUT = 30 mA
IOUT = 1 mA
Figure 36. Start−up, 2.8 V Version, VIN = 3.8 V
t (ms)
Chip Enable
IOUT = 300 mA
IOUT = 30 mA
IOUT = 1 mA
Figure 37. Start−up, 5.0 V Version, VIN = 6.0 V
−2
0
2
4
6
8
0
20
40
60
80
100 120 140 160 180 200
0
2
4
6
8
10
Chip Enable
IOUT = 300 mA
IOUT = 30 mA
IOUT = 1 mA
t (ms)
0
1
2
3
4
5
−1
0
1
2
3
4
0
20
40
60
80
100 120 140 160 180 200
0
1
2
3
4
5


Similar Part No. - NCP4625DSN30T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4625DSN30T1G ONSEMI-NCP4625DSN30T1G Datasheet
535Kb / 17P
   300 mA, 10 V, Low Dropout Regulator
February, 2012 ??Rev. 2
More results

Similar Description - NCP4625DSN30T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4625HSN18T1G ONSEMI-NCP4625HSN18T1G Datasheet
535Kb / 17P
   300 mA, 10 V, Low Dropout Regulator
February, 2012 ??Rev. 2
logo
Texas Instruments
TPS7A6033-Q1 TI1-TPS7A6033-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   300-mA, 40-V Low-Dropout Regulator
TPS7A6301-Q1 TI1-TPS7A6301-Q1_15 Datasheet
1Mb / 41P
[Old version datasheet]   300-mA 40-V Low-Dropout Regulator
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV743P TI1-TLV743P Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683 Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
logo
Texas Instruments
TLV743P TI1-TLV743P_18 Datasheet
874Kb / 29P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683_16 Datasheet
361Kb / 21P
   300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
NCP146 ONSEMI-NCP146 Datasheet
73Kb / 6P
   300 mA CMOS Low Dropout Regulator
January, 2016 ??Rev. P0
logo
Unisonic Technologies
UTCLM2954 UTC-UTCLM2954 Datasheet
78Kb / 6P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com