Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4671DSN15T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP4671DSN15T1G
Description  400 mA, Dual Rail Ultra Low Dropout Linear Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4671DSN15T1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP4671DSN15T1G Datasheet HTML 1Page - ON Semiconductor NCP4671DSN15T1G Datasheet HTML 2Page - ON Semiconductor NCP4671DSN15T1G Datasheet HTML 3Page - ON Semiconductor NCP4671DSN15T1G Datasheet HTML 4Page - ON Semiconductor NCP4671DSN15T1G Datasheet HTML 5Page - ON Semiconductor NCP4671DSN15T1G Datasheet HTML 6Page - ON Semiconductor NCP4671DSN15T1G Datasheet HTML 7Page - ON Semiconductor NCP4671DSN15T1G Datasheet HTML 8Page - ON Semiconductor NCP4671DSN15T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
© Semiconductor Components Industries, LLC, 2012
February, 2012 − Rev. 2
1
Publication Order Number:
NCP4671/D
NCP4671
400 mA, Dual Rail Ultra Low
Dropout Linear Regulator
The NCP4671 is a CMOS Dual Supply Rail Linear Regulator
designed to provide very low output voltages. The Dual Rail
architecture which separates the power for the LDO control circuitry
(provided via the Vbias pin) from the main power path (Vin) offers
ultra−low dropout performance, allowing the device to operate from
input voltages down to 0.9 V and to generate a fixed high accuracy
output voltage as low as 0.6 V.
The NCP4671 offers excellent transient response with very low
quiescent currents. The family is available in a variety of packages:
SC−70, SOT23 and a small, ultra thin 1.2 x 1.2 x 0.4mm XDFN.
Features
Bias Supply Voltage Range : 2.4 V to 5.25 V (VOUT < 0.8 V)
Set VOUT + 1.6 V to 5.25 V (VOUT ≥ 0.8 V)
Power Input Voltage Range : 0.9 V to VBIAS (VOUT < 0.8 V)
Set VOUT + 0.1 V to VBIAS (VOUT ≥ 0.8 V)
Output Voltage Range: 0.6 to 1.5 V (available at 0.1 steps)
Very Low Dropout: 180 mV Typ. at 400 mA
Quiescent Current: 28 mA
Standby Current: 0.1 mA
±15 mV Output Voltage Accuracy (TA = 25°C)
High PSRR: 80 dB at 1 kHz (Ripple at VIN)
50 dB at 1 kHz (Ripple at VBIAS)
Current Fold Back Protection Typ. 120 mA
Available in XDFN, SC−70, SOT23 Package
These are Pb−Free Devices
Typical Applications
Battery Powered Equipments
Portable Communication Equipments
Cameras, VCRs and Camcorders
VIN
VOUT
CE
GND
C1
C3
2m 2
VIN
VOUT
NCP4671x
VBIAS
C2
1m
1m
DC/DC
converter
Figure 1. Typical Application Schematic
http://onsemi.com
See detailed ordering, marking and shipping information in the
package dimensions section on page 20 of this data sheet.
ORDERING INFORMATION
SC−70
CASE 419A
(In Development)
XX, XXX= Specific Device Code
M, MM = Date Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
MARKING
DIAGRAMS
(*Note: Microdot may be in either location)
XDFN6
CASE 711AA
SOT−23−5
CASE 1212
XX
MM
XXX
XMM
1
XXXMM
1
1


Similar Part No. - NCP4671DSN15T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4671DSN15T1G ONSEMI-NCP4671DSN15T1G Datasheet
1Mb / 23P
   400 mA, Dual Rail Ultra Low Dropout Linear Regulator
February, 2012 ??Rev. 2
More results

Similar Description - NCP4671DSN15T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4671DSN09T1G ONSEMI-NCP4671DSN09T1G Datasheet
1Mb / 23P
   400 mA, Dual Rail Ultra Low Dropout Linear Regulator
February, 2012 ??Rev. 2
NCV4274C ONSEMI-NCV4274C Datasheet
125Kb / 13P
   400 mA Low Dropout Voltage Regulator
May, 2015 ??Rev. 1
NCP5504 ONSEMI-NCP5504 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
NCP5504 ONSEMI-NCP5504_06 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
logo
Texas Instruments
TPS7A15 TI1-TPS7A15_V01 Datasheet
3Mb / 37P
[Old version datasheet]   TPS7A15 400-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
REVISED AUGUST 2023
TPS7A15 TI-TPS7A15 Datasheet
2Mb / 32P
[Old version datasheet]   TPS7A15 400-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
JUNE 2022
logo
Analog Devices
ADP3300 AD-ADP3300_15 Datasheet
288Kb / 9P
   50 mA Low Dropout Linear Regulator
REV. C
logo
Texas Instruments
TPS799L TI1-TPS799L Datasheet
603Kb / 14P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com