Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP717BMX285TCG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP717BMX285TCG
Description  300 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP717BMX285TCG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP717BMX285TCG Datasheet HTML 4Page - ON Semiconductor NCP717BMX285TCG Datasheet HTML 5Page - ON Semiconductor NCP717BMX285TCG Datasheet HTML 6Page - ON Semiconductor NCP717BMX285TCG Datasheet HTML 7Page - ON Semiconductor NCP717BMX285TCG Datasheet HTML 8Page - ON Semiconductor NCP717BMX285TCG Datasheet HTML 9Page - ON Semiconductor NCP717BMX285TCG Datasheet HTML 10Page - ON Semiconductor NCP717BMX285TCG Datasheet HTML 11Page - ON Semiconductor NCP717BMX285TCG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
NCP717
www.onsemi.com
8
Figure 24. Short−Circuit Limit vs. Temperature
VOUT = 1.5 V
Figure 25. Short−Circuit Limit vs. Temperature
VOUT = 1.85 V
JUNCTION TEMPERATURE (
°C)
440
−40
−20
0
140
120
100
20
40
60
80
420
400
380
360
340
320
300
Short−Circuit Current:
IOUT for VOUT = 0 V
CIN = COUT = 1 mF
VIN = 2.3 V
VOUT(NOM) = 1.5 V
Current Limit: IOUT for
VOUT = VOUT(NOM) − 0.1 V
JUNCTION TEMPERATURE (
°C)
440
−40
−20
0
140
120
100
20
40
60
80
420
400
380
360
340
320
300
Short−Circuit Current:
IOUT for VOUT = 0 V
Current Limit: IOUT for
VOUT = VOUT(NOM) − 0.1 V
CIN = COUT = 1 mF
VIN = 2.35 V
VOUT(NOM) = 1.85 V
Figure 26. Short−Circuit Limit vs. Temperature
VOUT = 2.85 V
Figure 27. Short−Circuit Limit vs. Temperature
VOUT = 3.0 V
Figure 28. Short−Circuit Limit vs. Temperature
VOUT = 3.1 V
Figure 29. Short−Circuit Limit vs. Temperature
VOUT = 3.3 V
JUNCTION TEMPERATURE (
°C)
440
−40
−20
0
140
120
100
20
40
60
80
420
400
380
360
340
320
300
Short−Circuit Current:
IOUT for VOUT = 0 V
CIN = COUT = 1 mF
VIN = 3.35 V
VOUT(NOM) = 2.85 V
Current Limit: IOUT for
VOUT = VOUT(NOM) − 0.1 V
JUNCTION TEMPERATURE (
°C)
440
−40
−20
0
140
120
100
20
40
60
80
420
400
380
360
340
320
300
Short−Circuit Current:
IOUT for VOUT = 0 V
Current Limit: IOUT for
VOUT = VOUT(NOM) − 0.1 V
CIN = COUT = 1 mF
VIN = 3.5 V
VOUT(NOM) = 3.0 V
JUNCTION TEMPERATURE (
°C)
440
−40
−20
0
140
120
100
20
40
60
80
420
400
380
360
340
320
460
Short−Circuit Current:
IOUT for VOUT = 0 V
CIN = COUT = 1 mF
VIN = 3.6 V
VOUT(NOM) = 3.1 V
Current Limit: IOUT for
VOUT = VOUT(NOM) − 0.1 V
JUNCTION TEMPERATURE (
°C)
−40
−20
0
140
120
100
20
40
60
80
440
420
400
380
360
340
320
460
Short−Circuit Current:
IOUT for VOUT = 0 V
Current Limit: IOUT for
VOUT = VOUT(NOM) − 0.1 V
CIN = COUT = 1 mF
VIN = 3.8 V
VOUT(NOM) = 3.3 V


Similar Part No. - NCP717BMX285TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP717BMX285TCG ONSEMI-NCP717BMX285TCG Datasheet
550Kb / 16P
   Regulator
November, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com