Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4626DMX033TCG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP4626DMX033TCG
Description  300 mA, Low Dropout Voltage Regulator with Reverse Current Protection
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4626DMX033TCG Datasheet(HTML) 4 Page - ON Semiconductor

  NCP4626DMX033TCG Datasheet HTML 1Page - ON Semiconductor NCP4626DMX033TCG Datasheet HTML 2Page - ON Semiconductor NCP4626DMX033TCG Datasheet HTML 3Page - ON Semiconductor NCP4626DMX033TCG Datasheet HTML 4Page - ON Semiconductor NCP4626DMX033TCG Datasheet HTML 5Page - ON Semiconductor NCP4626DMX033TCG Datasheet HTML 6Page - ON Semiconductor NCP4626DMX033TCG Datasheet HTML 7Page - ON Semiconductor NCP4626DMX033TCG Datasheet HTML 8Page - ON Semiconductor NCP4626DMX033TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
NCP4626
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS −40°C ≤ TA ≤ 85°C; VIN = VCE = VOUT(NOM) + 3.0 V; IOUT = 1 mA, CIN = 2.2 mF, COUT = 4.7 mF,
unless otherwise noted. Typical values are at TA = +25°C
Parameter
Unit
Max
Typ
Min
Symbol
Test Conditions
Load Regulation
IOUT = 1 mA to 300 mA Fast Mode, VECO = VIN
LoadReg
50
120
mV
Low Power, VECO =
GND
60
130
Dropout Voltage
IOUT = 300 mA, Fast
Mode, VECO = VIN
2.0 V ≤ VOUT < 2.5 V
VDO
1.20
1.80
V
2.5 V ≤ VOUT < 3.3 V
1.00
1.50
3.3 V ≤ VOUT < 5.0 V
0.75
1.00
5.0 V ≤ VOUT < 12.0 V
0.55
0.75
12.0 V ≤ VOUT
0.40
0.60
IOUT = 300 mA, Low
Power Mode, VECO =
GND
2.0 V ≤ VOUT < 2.5 V
2.50
3.00
2.5 V ≤ VOUT < 3.3 V
2.00
2.50
3.3 V ≤ VOUT < 5.0 V
1.50
1.80
5.0 V ≤ VOUT < 12.0 V
0.70
1.00
12.0 V ≤ VOUT
0.40
0.60
Output Current
IOUT
300
mA
Short Current Limit
VOUT = 0 V
ISC
50
mA
Quiescent Current
VECO = VIN, IOUT = 0 mA
IQ
50
100
mA
VECO = GND, IOUT = 0 mA
6
15
Standby Current
VIN = 16.0 V
(If VOUT < 3.0 V, VIN = 14.0 V), TA = 25°C
ISTB
0.1
1
mA
CE and ECO Pin Threshold
Voltage
CE Input Voltage “H”
VCEH
1.6
VIN
V
CE Input Voltage “L”
VCEL
0
0.6
Power Supply Rejection Ratio
VIN = VECO = VOUT +
1.0 V, DVIN= 0.2 VPP, f
= 1 kHz
2.0 V ≤ VOUT < 5.0 V
PSRR
70
dB
5.0 V ≤ VOUT
60
Output Noise Voltage
VIN = 6.0 V, VOUT = 3.0 V, IOUT = 30 mA,
f = 10 Hz to 100 kHz
VN
90
mVrms
Thermal Shutdown Temperature
TSD
150
°C
Thermal Shutdown Release
Temperature
TSDR
130
°C
Reverse Current
VOUT > 0.6 V, 0 V ≤ VIN ≤ 16 V
IREV
0
0.1
mA
Low Output Nch Tr. On
Resistance
D Version only, VIN = 5 V, VCE = 0 V, VOUT =
0.3 V
RLOW
150
W


Similar Part No. - NCP4626DMX033TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4626DMX033TCG ONSEMI-NCP4626DMX033TCG Datasheet
586Kb / 28P
   300 mA, Low Dropout Voltage Regulator with Reverse Current Protection
August, 2013 ??Rev. 4
More results

Similar Description - NCP4626DMX033TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4626DSN033T1G ONSEMI-NCP4626DSN033T1G Datasheet
586Kb / 28P
   300 mA, Low Dropout Voltage Regulator with Reverse Current Protection
August, 2013 ??Rev. 4
logo
Unisonic Technologies
UTCLM2954 UTC-UTCLM2954 Datasheet
78Kb / 6P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954 Datasheet
87Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
MC33275 ONSEMI-MC33275_05 Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
logo
Unisonic Technologies
LM2954 UTC-LM2954_10 Datasheet
177Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
MC33275 ONSEMI-MC33275_15 Datasheet
225Kb / 14P
   300 mA, Low Dropout Voltage Regulator
March, 2015 ??Rev. 20
logo
Texas Instruments
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI1-TPS73701_13 Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI-TPS737XX_09 Datasheet
991Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI1-TPS737XX Datasheet
470Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com