Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7650CPA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # ICL7650CPA
Description  Chopper-Stabilized Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7650CPA Datasheet(HTML) 1 Page - Maxim Integrated Products

  ICL7650CPA Datasheet HTML 1Page - Maxim Integrated Products ICL7650CPA Datasheet HTML 2Page - Maxim Integrated Products ICL7650CPA Datasheet HTML 3Page - Maxim Integrated Products ICL7650CPA Datasheet HTML 4Page - Maxim Integrated Products ICL7650CPA Datasheet HTML 5Page - Maxim Integrated Products ICL7650CPA Datasheet HTML 6Page - Maxim Integrated Products ICL7650CPA Datasheet HTML 7Page - Maxim Integrated Products ICL7650CPA Datasheet HTML 8Page - Maxim Integrated Products ICL7650CPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
Maxim’s ICL7650/ICL7653 are chopper-stabilized
amplifiers, ideal for low-level signal processing applica-
tions. Featuring high performance and versatility, these
devices combine low input offset voltage, low input bias
current, wide bandwidth, and exceptionally low drift
over time and temperature. Low offset is achieved
through a nulling scheme that provides continuous
error correction. A nulling amplifier alternately nulls
itself and the main amplifier. The result is an input offset
voltage that is held to a minimum over the entire operat-
ing temperature range.
The ICL7650B/ICL7653B are exact replacements for
Intersil’s ICL7650B/ICL7653B. These devices have a
10µV max offset voltage, a 0.1µV/°C max input offset
voltage temperature coefficient, and a 20pA max bias
current—all specified over the commercial temperature
range.
A 14-pin version is available that can be used with
either an internal or external clock. The 14-pin version
has an output voltage clamp circuit to minimize over-
load recovery time.
Applications
Condition Amplifier
Precision Amplifier
Instrumentation Amplifier
Thermocouples
Thermistors
Strain Gauges
Features
o ICL7650/53 are Improved Second Sources to
ICL7650B/53B
o Lower Supply Current: 2mA
o Low Offset Voltage: 1µV
o No Offset Voltage Trimming Needed
o High-Gain CMRR and PSRR: 120dB min
o Lower Offset Drift with Time and Temperature
o Extended Common-Mode Voltage Range
o Low DC Input Bias Current: 10pA
o Monolithic, Low-Power CMOS Design
Chopper-Stabilized Op Amps
________________________________________________________________ Maxim Integrated Products
1
ICL7650
ICL7653
OUTPUT
INVERTING AMPLIFIER
WITH OPTIONAL CLAMP
INPUT
C
R
C
CLAMP
Typical Operating Circuit
19-0960; Rev 2; 1/00
Pin Configurations appear at end of data sheet.
Ordering Information
PART
ICL7650CSA
ICL7650CSD
ICL7650CPA
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
8 SO
14 SO
8 Plastic DIP
ICL7650CPD
ICL7650CTV
ICL7650C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
14 Plastic DIP
8 TO-99
Dice
ICL7650IJA
ICL7650IJD
-20°C to +85°C
-20°C to +85°C
8 CERDIP
14 CERDIP
ICL7650MTV
ICL7650MJD
-55°C to +125°C
-55°C to +125°C
8 CERDIP
14 CERDIP
ICL7650BCSA
ICL7650BCSD
0°C to +70°C
0°C to +70°C
8 SO
14 SO
ICL7650BCPA
ICL7650BCPD
0°C to +70°C
0°C to +70°C
8 Plastic DIP
14 Plastic DIP
ICL7650BCTV
ICL7650BC/D
0°C to +70°C
0°C to +70°C
8 TO-99
Dice
ICL7653CSA
ICL7653CPA
ICL7653CTV
0°C to +70°C
8 SO
ICL7653BCSA
ICL7653BCPA
0°C to +70°C
0°C to +70°C
8 Plastic DIP
8 TO-99
0°C to +70°C
ICL7653IJA
ICL7653MTV
-55°C to +125°C
-20°C to +85°C
8 CERDIP
8 CERDIP
0°C to +70°C
8 SO
8 Plastic DIP
ICL7653BCTV
0°C to +70°C
8 TO-99
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.


Similar Part No. - ICL7650CPA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
ICL7650CPA LINER-ICL7650CPA Datasheet
850Kb / 24P
   Zero-Drift Operational Amplifier
More results

Similar Description - ICL7650CPA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
233A ETC1-233A Datasheet
36Kb / 1P
   CHOPPER STABILIZED AMPLIFER
logo
Intronics Power, Inc.
233 INTRONICS-233 Datasheet
99Kb / 1P
   CHOPPER STABILIZED AMPLIFIER
logo
Microchip Technology
TC7650 MICROCHIP-TC7650_13 Datasheet
209Kb / 14P
   Chopper Stabilized Operational Amplifier
11/29/12
logo
Maxim Integrated Produc...
ICL7652 MAXIM-ICL7652 Datasheet
428Kb / 11P
   Chopper Stabilized Operatlonal Amplifier
19-3031; Rev 0; 1988
logo
TelCom Semiconductor, I...
TC7650 TELCOM-TC7650 Datasheet
90Kb / 7P
   CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Microchip Technology
TC7650 MICROCHIP-TC7650 Datasheet
457Kb / 14P
   Chopper Stabilized Operational Amplifier
2002
logo
Linear Technology
LTC1052CS LINER-LTC1052CS_15 Datasheet
165Kb / 2P
   CHOPPER STABILIZED OPERATIONAL AMPLIFIER
logo
Texas Instruments
LTC1052 TI1-LTC1052 Datasheet
51Kb / 4P
[Old version datasheet]   CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Linear Technology
LTC1052 LINER-LTC1052 Datasheet
1Mb / 20P
   Chopper-Stabilized Operational Amplifier(CSOATM)
logo
Allegro MicroSystems
A3282 ALLEGRO-A3282 Datasheet
476Kb / 11P
   Chopper-Stabilized Hall Effect Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com