Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG7PH46UPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRG7PH46UPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG7PH46UPBF Datasheet(HTML) 1 Page - International Rectifier

  IRG7PH46UPBF_15 Datasheet HTML 1Page - International Rectifier IRG7PH46UPBF_15 Datasheet HTML 2Page - International Rectifier IRG7PH46UPBF_15 Datasheet HTML 3Page - International Rectifier IRG7PH46UPBF_15 Datasheet HTML 4Page - International Rectifier IRG7PH46UPBF_15 Datasheet HTML 5Page - International Rectifier IRG7PH46UPBF_15 Datasheet HTML 6Page - International Rectifier IRG7PH46UPBF_15 Datasheet HTML 7Page - International Rectifier IRG7PH46UPBF_15 Datasheet HTML 8Page - International Rectifier IRG7PH46UPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
INSULATED GATE BIPOLAR TRANSISTOR
1
www.irf.com
07/27/12
VCES = 1200V
IC = 75A, TC = 100°C
TJ(max) =175°C
VCE(on) typ. = 1.7V
Features
• Low VCE (ON) trench IGBT technology
• Low switching losses
• Maximum junction temperature 175 °C
• Square RBSOA
• 100% of the parts tested for ILM
• Positive VCE (ON) temperature co-efficient
• Tight parameter distribution
• Lead -Free
Benefits
• High efficiency in a wide range of applications
• Suitable for a wide range of switching frequencies due to
low VCE (ON) and low switching losses
• Rugged transient performance for increased reliability
• Excellent current sharing in parallel operation
E
C
G
n-channel
G
C
E
Gate
Collector
Emitter
TO-247AC
IRG7PH46UPbF
TO-247AD
IRG7PH46U-EP
IRG7PH46UPbF
IRG7PH46U-EP
Applications
• U.P.S
• Welding
• Solar inverter
• Induction heating
G
C
E
C
Absolute Maximum Ratings
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
1200
V
IC @ TC = 25°C
Continuous Collector Current (Silicon Limited)
130g
IC @ TC = 100°C
Continuous Collector Current (Silicon Limited)
75
INOMINAL
Nominal Current
40
ICM
Pulse Collector Current, VGE = 20V
160
ILM
Clamped Inductive Load Current, VGE = 20V c
160
VGE
Continuous Gate-to-Emitter Voltage
±30
V
PD @ TC = 25°C
Maximum Power Dissipation
469
PD @ TC = 100°C
Maximum Power Dissipation
234
TJ
Operating Junction and
-55 to +175
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case)
Mounting Torque, 6-32 or M3 Screw
10 lbf·in (1.1 N·m)
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
RθJC (IGBT)
Thermal Resistance Junction-to-Case-(each IGBT) TO-247AC f
–––
–––
0.32
RθCS
Thermal Resistance, Case-to-Sink (flat, greased surface)
f
–––
0.24
–––
RθJA
Thermal Resistance, Junction-to-Ambient (typical socket mount)
–––
40
–––
A
W
°C/W
C
G
C
E
PD - 96305A


Similar Part No. - IRG7PH46UPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG7PH46UPBF IRF-IRG7PH46UPBF Datasheet
388Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRG7PH46UPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
logo
International Rectifier
IRG4PSC71UPBF IRF-IRG4PSC71UPBF_15 Datasheet
294Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF_15 Datasheet
261Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30SPBF IRF-IRG4PC30SPBF_15 Datasheet
250Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com