Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7650BCSA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # ICL7650BCSA
Description  Chopper-Stabilized Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7650BCSA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button ICL7650BCSA Datasheet HTML 4Page - Maxim Integrated Products ICL7650BCSA Datasheet HTML 5Page - Maxim Integrated Products ICL7650BCSA Datasheet HTML 6Page - Maxim Integrated Products ICL7650BCSA Datasheet HTML 7Page - Maxim Integrated Products ICL7650BCSA Datasheet HTML 8Page - Maxim Integrated Products ICL7650BCSA Datasheet HTML 9Page - Maxim Integrated Products ICL7650BCSA Datasheet HTML 10Page - Maxim Integrated Products ICL7650BCSA Datasheet HTML 11Page - Maxim Integrated Products ICL7650BCSA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
The 14-pin DIP configuration has been specifically
designed to ease input guarding. The pins adjacent to
the inputs are not used.
Pin Compatibility
The ICL7653’s pinout generally corresponds to that of
industry-standard 8-pin devices such as the LM741 or
LM101. However, its external null storage capacitors
are connected to pins 1 and 8; whereas most op amps
leave these pins open or use them for offset null or
compensation capacitors.
The OP05 and OP07 op amps can be converted for
ICL7650/ICL7653 operation. This can be accomplished
by removing the offset null potentiometer, which is con-
nected from pins 1 and 8 to V+, and replacing it with
two capacitors connected from pins 1 and 8 to V-. For
LM108 devices, the compensation capacitor is
replaced by the external nulling capacitors. Pin 5 is the
output clamp connection on the ICL7650/ICL7653. By
removing any circuit connections from this pin, the
LM101/LM748/LM709 devices can undergo a similar
conversion.
Typical Applications
Figure 4 shows the ICL7650/ICL7653 automatically
nulling the offset voltage of a high-speed amplifier. The
ICL7650/ICL7653 continuously monitor the voltage at
the amplifier’s inverting input, integrate the error, and
drive the amplifier’s noninverting input to correct for the
offset voltage detected at the inverting input. The cir-
cuit’s DC offset characteristics are determined by the
ICL7650/ICL7653, and its AC performance is deter-
mined by the high-speed amplifier. While this circuit
continuously and automatically adjusts the amplifier’s
offset to less than 5µV, it does not correct for errors
caused by the input bias current, so the value of resis-
tor RF should be as low as is practical. This technique
can be used with any op amp that is configured as an
inverting amplifier.
Figures 5 and 6 illustrate basic inverting and noninvert-
ing amplifier circuits. Both figures show an output
clamping circuit being used to enhance overload
recovery performance. Supply voltage (±8V max) and
output drive capability (10k
Ω load for full swing) are the
only limitations to consider when replacing other op
amps with the ICL7650/ICL7653. Use a simple booster
circuit to overcome these limitations (Figure 7). This
enables the full output capabilities of the LM118 (or any
other standard device) to be combined with the input
capabilities of the ICL7650/ICL7653. Observe the loop
gain stability carefully when the feedback network is
added, particularly when a slower amplifier such as the
LM741 is used.
A lower voltage supply is required when mixing the
ICL7650/ICL7653 with circuits that operate at ±15V sup-
plies. One approach is to use a highly efficient voltage
divider. This is illustrated in Figure 8, where the ICL7660
voltage converter is used to convert +15V to +7.5V.
Chopper-Stabilized Op Amps
_______________________________________________________________________________________
9
HIGH-
SPEED
AMP
0.1
µF
47
10k
100k
RF
ICL7650
ICL7653
VOUT
RIN
ICL7650
OUTPUT
(R1 || R2)
≥ 100kΩ
FOR FULL CLAMP EFFECT
INPUT
C
R
C
CLAMP
0.1
µF 0.1µF
R2
R1
1k
NOTE: R1 || R2 INDICATES THE
PARALLEL COMBINATION OF
R1 || R2.
Figure 4. Nulling a High-Speed Amplifier
Figure 5. Inverting Amplifier with Optional Clamp


Similar Part No. - ICL7650BCSA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7650 INTERSIL-ICL7650 Datasheet
4Mb / 122P
   P-CHANNEL JFET
ICL7650-SCPD INTERSIL-ICL7650-SCPD Datasheet
328Kb / 13P
   2MHz, Super Chopper-Stabilized Operational Amplifier
logo
Linear Technology
ICL7650CPA LINER-ICL7650CPA Datasheet
850Kb / 24P
   Zero-Drift Operational Amplifier
ICL7650CPD LINER-ICL7650CPD Datasheet
850Kb / 24P
   Zero-Drift Operational Amplifier
ICL7650CTV LINER-ICL7650CTV Datasheet
850Kb / 24P
   Zero-Drift Operational Amplifier
More results

Similar Description - ICL7650BCSA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
233A ETC1-233A Datasheet
36Kb / 1P
   CHOPPER STABILIZED AMPLIFER
logo
Intronics Power, Inc.
233 INTRONICS-233 Datasheet
99Kb / 1P
   CHOPPER STABILIZED AMPLIFIER
logo
Microchip Technology
TC7650 MICROCHIP-TC7650_13 Datasheet
209Kb / 14P
   Chopper Stabilized Operational Amplifier
11/29/12
logo
Maxim Integrated Produc...
ICL7652 MAXIM-ICL7652 Datasheet
428Kb / 11P
   Chopper Stabilized Operatlonal Amplifier
19-3031; Rev 0; 1988
logo
TelCom Semiconductor, I...
TC7650 TELCOM-TC7650 Datasheet
90Kb / 7P
   CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Microchip Technology
TC7650 MICROCHIP-TC7650 Datasheet
457Kb / 14P
   Chopper Stabilized Operational Amplifier
2002
logo
Linear Technology
LTC1052CS LINER-LTC1052CS_15 Datasheet
165Kb / 2P
   CHOPPER STABILIZED OPERATIONAL AMPLIFIER
logo
Texas Instruments
LTC1052 TI1-LTC1052 Datasheet
51Kb / 4P
[Old version datasheet]   CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Linear Technology
LTC1052 LINER-LTC1052 Datasheet
1Mb / 20P
   Chopper-Stabilized Operational Amplifier(CSOATM)
logo
Allegro MicroSystems
A3282 ALLEGRO-A3282 Datasheet
476Kb / 11P
   Chopper-Stabilized Hall Effect Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com