Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7650BCTV Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # ICL7650BCTV
Description  Chopper-Stabilized Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7650BCTV Datasheet(HTML) 4 Page - Maxim Integrated Products

  ICL7650BCTV Datasheet HTML 1Page - Maxim Integrated Products ICL7650BCTV Datasheet HTML 2Page - Maxim Integrated Products ICL7650BCTV Datasheet HTML 3Page - Maxim Integrated Products ICL7650BCTV Datasheet HTML 4Page - Maxim Integrated Products ICL7650BCTV Datasheet HTML 5Page - Maxim Integrated Products ICL7650BCTV Datasheet HTML 6Page - Maxim Integrated Products ICL7650BCTV Datasheet HTML 7Page - Maxim Integrated Products ICL7650BCTV Datasheet HTML 8Page - Maxim Integrated Products ICL7650BCTV Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
-30
-10
-20
1
0
3
2
4
26
8
4
10121416
MAXIMUM OUTPUT CURRENT
vs. SUPPLY VOLTAGE
TOTAL SUPPLY VOLTAGE (V)
SOURCE CURRENT
SINK CURRENT
1k
100
10
1
0.1
25
75
50
100
125
150
CLOCK RIPPLE REFERRED TO INPUT
vs. TEMPERATURE
TEMPERATURE (
°C)
BROADBAND
NOISE
(AV = 1000)
0.1
µF
1
µF
0
1
2
3
48
10
6
121416
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
TOTAL SUPPLY VOLTAGE (V)
Typical Operating Characteristics
(Circuit of Figure 1, V+ = +5V, V- = -5V, TA = +25°C, unless otherwise noted.)
Chopper-Stabilized Op Amps
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—ICL7650/ICL7653 (continued)
(Circuit of Figure 1, V+ = +5V, V- = -5V, TA = +25°C, unless otherwise noted.) (Note 5)
CL = 50pF, RL = 10k
f = 10Hz
RS = 100
Ω, f = 0 to 10Hz
V+ to V- = ±3V to ±8V
CMVR = -5V to +2.5V
%
CONDITIONS
µs
0.2
tr
Rise Time
V/µs
2.5
SR
Slew Rate
MHz
2.0
GBW
Unity-Gain Bandwidth
pA/
√Hz
0.01
In
Input Noise Current
µVp-p
2
enp-p
Input Noise Voltage
dB
120
130
PSRR
Power-Supply Rejection Ratio
dB
120
130
CMRR
Common-Mode Rejection Ratio
20
Overshoot
V
4.5
16
V+ to V-
Operating Supply Range
No load
mA
1.2
2.0
ISUPP
Supply Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Pins 13 and 14 open (DIP)
Hz
120
200
375
fCLKOUT
Internal Chopping Frequency
RL = 100k
µA
25
70
200
Clamp On Current (Note 4)
-4.0
≤ VOUT ≤ +4.0V
pA
1
Clamp Off Current (Note 4)
nV/
√month
100
Offset Voltage vs. Time
Note 3: OUTPUT and CLAMP pins not connected.
Note 4: See Output Clamp section for details.
Note 5: All pins are designed to withstand electrostatic discharge (ESD) levels in excess of 2000V (MIL STD 8838 Method 3015.1
test circuit).
Note 6: Sample tested. Limits are not used to calculate outgoing quality level.


Similar Part No. - ICL7650BCTV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7650 INTERSIL-ICL7650 Datasheet
4Mb / 122P
   P-CHANNEL JFET
ICL7650-SCPD INTERSIL-ICL7650-SCPD Datasheet
328Kb / 13P
   2MHz, Super Chopper-Stabilized Operational Amplifier
logo
Linear Technology
ICL7650CPA LINER-ICL7650CPA Datasheet
850Kb / 24P
   Zero-Drift Operational Amplifier
ICL7650CPD LINER-ICL7650CPD Datasheet
850Kb / 24P
   Zero-Drift Operational Amplifier
ICL7650CTV LINER-ICL7650CTV Datasheet
850Kb / 24P
   Zero-Drift Operational Amplifier
More results

Similar Description - ICL7650BCTV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
233A ETC1-233A Datasheet
36Kb / 1P
   CHOPPER STABILIZED AMPLIFER
logo
Intronics Power, Inc.
233 INTRONICS-233 Datasheet
99Kb / 1P
   CHOPPER STABILIZED AMPLIFIER
logo
Microchip Technology
TC7650 MICROCHIP-TC7650_13 Datasheet
209Kb / 14P
   Chopper Stabilized Operational Amplifier
11/29/12
logo
Maxim Integrated Produc...
ICL7652 MAXIM-ICL7652 Datasheet
428Kb / 11P
   Chopper Stabilized Operatlonal Amplifier
19-3031; Rev 0; 1988
logo
TelCom Semiconductor, I...
TC7650 TELCOM-TC7650 Datasheet
90Kb / 7P
   CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Microchip Technology
TC7650 MICROCHIP-TC7650 Datasheet
457Kb / 14P
   Chopper Stabilized Operational Amplifier
2002
logo
Linear Technology
LTC1052CS LINER-LTC1052CS_15 Datasheet
165Kb / 2P
   CHOPPER STABILIZED OPERATIONAL AMPLIFIER
logo
Texas Instruments
LTC1052 TI1-LTC1052 Datasheet
51Kb / 4P
[Old version datasheet]   CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Linear Technology
LTC1052 LINER-LTC1052 Datasheet
1Mb / 20P
   Chopper-Stabilized Operational Amplifier(CSOATM)
logo
Allegro MicroSystems
A3282 ALLEGRO-A3282 Datasheet
476Kb / 11P
   Chopper-Stabilized Hall Effect Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com