Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG7PSH50UDPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRG7PSH50UDPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG7PSH50UDPBF Datasheet(HTML) 2 Page - International Rectifier

  IRG7PSH50UDPBF Datasheet HTML 1Page - International Rectifier IRG7PSH50UDPBF Datasheet HTML 2Page - International Rectifier IRG7PSH50UDPBF Datasheet HTML 3Page - International Rectifier IRG7PSH50UDPBF Datasheet HTML 4Page - International Rectifier IRG7PSH50UDPBF Datasheet HTML 5Page - International Rectifier IRG7PSH50UDPBF Datasheet HTML 6Page - International Rectifier IRG7PSH50UDPBF Datasheet HTML 7Page - International Rectifier IRG7PSH50UDPBF Datasheet HTML 8Page - International Rectifier IRG7PSH50UDPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRG7PSH50UDPbF
2
www.irf.com
Notes:
 VCC = 80% (VCES), VGE = 20V, L = 200µH, RG = 5.0Ω.
‚ Pulse width limited by max. junction temperature.
ƒ Refer to AN-1086 for guidelines for measuring V
(BR)CES safely.
„ Rθ is measured at TJ of approximately 90°C.
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ. Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
1200
V
VGE = 0V, IC = 100µA e
∆V(BR)CES/∆TJ
Temperature Coeff. of Breakdown Voltage
1.0
V/°C VGE = 0V, IC = 1.0mA (25°C-150°C)
VCE(on)
Collector-to-Emitter Saturation Voltage
1.7
2.0
IC = 50A, VGE = 15V, TJ = 25°C
—2.0
V
IC = 50A, VGE = 15V, TJ = 150°C
VGE(th)
Gate Threshold Voltage
3.0
6.0
V
VCE = VGE, IC = 2.0mA
∆VGE(th)/∆TJ
Threshold Voltage temp. coefficient
-17
mV/°C VCE = VGE, IC = 1.0mA (25°C - 150°C)
gfe
Forward Transconductance
55
S
VCE = 50V, IC = 50A, PW = 30µs
ICES
Collector-to-Emitter Leakage Current
2.0
100
µA
VGE = 0V, VCE = 1200V
—3700
VGE = 0V, VCE = 1200V, TJ = 150°C
VFM
Diode Forward Voltage Drop
3.0
3.9
V
IF = 50A
—2.7
IF = 50A, TJ = 150°C
IGES
Gate-to-Emitter Leakage Current
±200
nA
VGE = ±30V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ. Max. Units
Qg
Total Gate Charge (turn-on)
290
440
IC = 50A
Qge
Gate-to-Emitter Charge (turn-on)
40
60
nC
VGE = 15V
Qgc
Gate-to-Collector Charge (turn-on)
110
170
VCC = 600V
Eon
Turn-On Switching Loss
3600
4600
IC = 50A, VCC = 600V, VGE = 15V
Eoff
Turn-Off Switching Loss
2200
3200
µJ
RG = 5.0
Ω, L = 200µH,TJ = 25°C
Etotal
Total Switching Loss
5800
7800
Energy losses include tail & diode reverse recovery
td(on)
Turn-On delay time
35
55
tr
Rise time
4060ns
td(off)
Turn-Off delay time
430
500
tf
Fall time
45
65
Eon
Turn-On Switching Loss
5080
IC = 50A, VCC = 600V, VGE=15V
Eoff
Turn-Off Switching Loss
3370
µJ
RG=5.0
Ω, L=200µH, TJ = 150°C
Etotal
Total Switching Loss
8450
Energy losses include tail & diode reverse recovery
td(on)
Turn-On delay time
30
tr
Rise time
40
ns
td(off)
Turn-Off delay time
480
tf
Fall time
170
Cies
Input Capacitance
6000
pF
VGE = 0V
Coes
Output Capacitance
300
VCC = 30V
Cres
Reverse Transfer Capacitance
130
f = 1.0Mhz
TJ = 150°C, IC = 200A
RBSOA
Reverse Bias Safe Operating Area
FULL SQUARE
VCC = 960V, Vp =1200V
Rg = 5.0
Ω, VGE = +20V to 0V
Erec
Reverse Recovery Energy of the Diode
1510
µJ
TJ = 150°C
trr
Diode Reverse Recovery Time
190
ns
VCC = 600V, IF = 5.0A
Irr
Peak Reverse Recovery Current
5760
A
Rg = 5.0
Ω, L =1.0mH
Conditions


Similar Part No. - IRG7PSH50UDPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG7PSH50UDPBF IRF-IRG7PSH50UDPBF Datasheet
389Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRG7PSH50UDPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com