Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGB20B60PD1PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRGB20B60PD1PBF
Description  WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGB20B60PD1PBF Datasheet(HTML) 4 Page - International Rectifier

  IRGB20B60PD1PBF_15 Datasheet HTML 1Page - International Rectifier IRGB20B60PD1PBF_15 Datasheet HTML 2Page - International Rectifier IRGB20B60PD1PBF_15 Datasheet HTML 3Page - International Rectifier IRGB20B60PD1PBF_15 Datasheet HTML 4Page - International Rectifier IRGB20B60PD1PBF_15 Datasheet HTML 5Page - International Rectifier IRGB20B60PD1PBF_15 Datasheet HTML 6Page - International Rectifier IRGB20B60PD1PBF_15 Datasheet HTML 7Page - International Rectifier IRGB20B60PD1PBF_15 Datasheet HTML 8Page - International Rectifier IRGB20B60PD1PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IRGB20B60PD1PbF
4
www.irf.com
Fig. 8 - Typical VCE vs. VGE
TJ = 25°C
Fig. 9 - Typical VCE vs. VGE
TJ = 125°C
Fig. 12 - Typ. Switching Time vs. IC
TJ = 125°C; L = 200µH; VCE = 390V, RG = 10Ω; VGE = 15V.
Diode clamp used: 8ETH06 (See C.T.3)
Fig. 11 - Typ. Energy Loss vs. IC
TJ = 125°C; L = 200µH; VCE = 390V, RG = 10Ω; VGE = 15V.
Diode clamp used: 8ETH06 (See C.T.3)
Fig. 10 - Typ. Diode Forward Characteristics
tp = 80µs
0
5
10
15
20
VGE (V)
0
50
100
150
200
250
300
350
400
450
TJ = 25°C
TJ = 125°C
Fig. 7 - Typ. Transfer Characteristics
VCE = 50V; tp = 10µs
0
5
10
15
20
VGE (V)
0
1
2
3
4
5
6
7
8
9
10
ICE = 20A
ICE = 13A
ICE = 8.0A
0
5
10
15
20
VGE (V)
0
1
2
3
4
5
6
7
8
9
10
ICE = 20A
ICE = 13A
ICE = 8.0A
0
5
10
15
20
25
IC (A)
0
50
100
150
200
250
300
350
EOFF
EON
0
5
10
15
20
25
IC (A)
1
10
100
1000
tR
tdOFF
tF
tdON
0.1
1
10
100
0.0
1.0
2.0
3.0
4.0
5.0
6.0
FM
Forward Voltage Drop - V
(V)
T = 150°C
T = 125°C
T =
25°C
J
J
J


Similar Part No. - IRGB20B60PD1PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB20B60PD1PBF IRF-IRGB20B60PD1PBF Datasheet
359Kb / 11P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRGB20B60PD1PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP50B60PD1 IRF-IRGP50B60PD1 Datasheet
468Kb / 10P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
logo
Infineon Technologies A...
AUIRGP35B60PD-E INFINEON-AUIRGP35B60PD-E Datasheet
514Kb / 11P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
2017-08-24
logo
International Rectifier
IRGP50B60PD1PBF IRF-IRGP50B60PD1PBF Datasheet
395Kb / 10P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP50B60PD1-EP IRF-IRGP50B60PD1-EP Datasheet
427Kb / 10P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
logo
Infineon Technologies A...
AUIRGP35B60PD INFINEON-AUIRGP35B60PD Datasheet
516Kb / 11P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
2017-08-24
logo
International Rectifier
IRGP20B60PD IRF-IRGP20B60PD Datasheet
739Kb / 10P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
AUIRGP35B60PD IRF-AUIRGP35B60PD Datasheet
299Kb / 13P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP35B60PD-EP IRF-IRGP35B60PD-EP Datasheet
413Kb / 10P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP35B60PD-EP IRF-IRGP35B60PD-EP_15 Datasheet
413Kb / 10P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
logo
Infineon Technologies A...
AUIRGP50B60PD1 INFINEON-AUIRGP50B60PD1 Datasheet
571Kb / 12P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
2017-08-29
logo
International Rectifier
IRGP50B60PD1 IRF-IRGP50B60PD1_06 Datasheet
476Kb / 11P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com