Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGB20B60PD1PBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRGB20B60PD1PBF
Description  WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGB20B60PD1PBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IRGB20B60PD1PBF_15 Datasheet HTML 3Page - International Rectifier IRGB20B60PD1PBF_15 Datasheet HTML 4Page - International Rectifier IRGB20B60PD1PBF_15 Datasheet HTML 5Page - International Rectifier IRGB20B60PD1PBF_15 Datasheet HTML 6Page - International Rectifier IRGB20B60PD1PBF_15 Datasheet HTML 7Page - International Rectifier IRGB20B60PD1PBF_15 Datasheet HTML 8Page - International Rectifier IRGB20B60PD1PBF_15 Datasheet HTML 9Page - International Rectifier IRGB20B60PD1PBF_15 Datasheet HTML 10Page - International Rectifier IRGB20B60PD1PBF_15 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
IRGB20B60PD1PbF
8
www.irf.com
Fig.C.T.1 - Gate Charge Circuit (turn-off)
Fig.C.T.2 - RBSOA Circuit
L
Rg
80 V
DUT
480V
1K
VCC
DUT
0
L
Fig.C.T.4 - Resistive Load Circuit
Rg
VCC
DUT
R =
VCC
ICM
Fig.C.T.3 - Switching Loss Circuit
Fig. C.T.5 - Reverse Recovery Parameter
Test Circuit
REVERSE RECOVERY CIRCUIT
IRFP250
D.U.T.
L = 70µH
V = 200V
R
0.01
G
D
S
dif/dt
ADJUST
PFC diode
L
Rg
VCC
DUT /
DRIVER


Similar Part No. - IRGB20B60PD1PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB20B60PD1PBF IRF-IRGB20B60PD1PBF Datasheet
359Kb / 11P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRGB20B60PD1PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP50B60PD1 IRF-IRGP50B60PD1 Datasheet
468Kb / 10P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
logo
Infineon Technologies A...
AUIRGP35B60PD-E INFINEON-AUIRGP35B60PD-E Datasheet
514Kb / 11P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
2017-08-24
logo
International Rectifier
IRGP50B60PD1PBF IRF-IRGP50B60PD1PBF Datasheet
395Kb / 10P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP50B60PD1-EP IRF-IRGP50B60PD1-EP Datasheet
427Kb / 10P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
logo
Infineon Technologies A...
AUIRGP35B60PD INFINEON-AUIRGP35B60PD Datasheet
516Kb / 11P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
2017-08-24
logo
International Rectifier
IRGP20B60PD IRF-IRGP20B60PD Datasheet
739Kb / 10P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
AUIRGP35B60PD IRF-AUIRGP35B60PD Datasheet
299Kb / 13P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP35B60PD-EP IRF-IRGP35B60PD-EP Datasheet
413Kb / 10P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP35B60PD-EP IRF-IRGP35B60PD-EP_15 Datasheet
413Kb / 10P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
logo
Infineon Technologies A...
AUIRGP50B60PD1 INFINEON-AUIRGP50B60PD1 Datasheet
571Kb / 12P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
2017-08-29
logo
International Rectifier
IRGP50B60PD1 IRF-IRGP50B60PD1_06 Datasheet
476Kb / 11P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com