Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1PS76SB21_15 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 1PS76SB21_15
Description  Schottky barrier diodes in small packages
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS76SB21_15 Datasheet(HTML) 1 Page - NXP Semiconductors

  1PS76SB21_15_15 Datasheet HTML 1Page - NXP Semiconductors 1PS76SB21_15_15 Datasheet HTML 2Page - NXP Semiconductors 1PS76SB21_15_15 Datasheet HTML 3Page - NXP Semiconductors 1PS76SB21_15_15 Datasheet HTML 4Page - NXP Semiconductors 1PS76SB21_15_15 Datasheet HTML 5Page - NXP Semiconductors 1PS76SB21_15_15 Datasheet HTML 6Page - NXP Semiconductors 1PS76SB21_15_15 Datasheet HTML 7Page - NXP Semiconductors 1PS76SB21_15_15 Datasheet HTML 8Page - NXP Semiconductors 1PS76SB21_15_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.
Product profile
1.1 General description
Planar Schottky barrier diodes with an integrated guard ring for stress protection.
Encapsulated in small Surface-Mounted Device (SMD) plastic packages.
1.2 Features
I Low forward voltage
I Small SMD plastic packages
I Low capacitance
1.3 Applications
I Ultra high-speed switching
I Voltage clamping
I Line termination
I Reverse polarity protection
1.4 Quick reference data
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
1PS76SB21; BAT721 series
Schottky barrier diodes in small packages
Rev. 06 — 21 December 2006
Product data sheet
Table 1.
Product overview
Type number
Package
Configuration
NXP
JEITA
1PS76SB21
SOD323
SC-76
single
BAT721
SOT23
-
single
BAT721A
SOT23
-
dual common anode
BAT721C
SOT23
-
dual common cathode
BAT721S
SOT23
-
dual series
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
IF
forward current
-
-
200
mA
VR
reverse voltage
-
-
40
V
VF
forward voltage
IF = 200 mA
[1] -
-
550
mV


Similar Part No. - 1PS76SB21_15_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
1PS76SB21-Q NEXPERIA-1PS76SB21-Q Datasheet
190Kb / 10P
   40 V, 200 mA Schottky barrier diode
25 July 2022
More results

Similar Description - 1PS76SB21_15_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
11PS76SB21_SER NEXPERIA-11PS76SB21_SER Datasheet
655Kb / 11P
   Schottky barrier diodes in small packages
Rev. 06 - 21 December 2006
logo
TAITRON Components Inco...
SD103A TAITRON-SD103A Datasheet
238Kb / 3P
   Small Signal Schottky Barrier Diodes
logo
NXP Semiconductors
BAS70H.115 NXP-BAS70H.115 Datasheet
224Kb / 20P
   General-purpose Schottky diodes in small Surface-Mounted Device (SMD) plastic packages.
Rev. 09-13 January 2010
logo
List of Unclassifed Man...
SBT10K45WS ETC1-SBT10K45WS Datasheet
46Kb / 3P
   Small-Signal Schottky Barrier Diodes
logo
GOOD-ARK Electronics
MCL101A GOOD-ARK-MCL101A Datasheet
103Kb / 2P
   Small Signal Schottky Barrier Diodes
LS101A GOOD-ARK-LS101A Datasheet
98Kb / 2P
   Small Signal Schottky Barrier Diodes
MCL103A GOOD-ARK-MCL103A Datasheet
96Kb / 2P
   Small Signal Schottky Barrier Diodes
BAT81S GOOD-ARK-BAT81S_15 Datasheet
103Kb / 2P
   Small Signal Schottky Barrier Diodes
BAS81 GOOD-ARK-BAS81 Datasheet
114Kb / 2P
   Small Signal Schottky Barrier Diodes
logo
Vishay Siliconix
MCL101A VISHAY-MCL101A Datasheet
98Kb / 4P
   Small Signal Schottky Barrier Diodes
Rev. 3, 25-Jun-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com