Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1PS300 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 1PS300
Description  Dual high-speed switching diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS300 Datasheet(HTML) 1 Page - NXP Semiconductors

  1PS300_15 Datasheet HTML 1Page - NXP Semiconductors 1PS300_15 Datasheet HTML 2Page - NXP Semiconductors 1PS300_15 Datasheet HTML 3Page - NXP Semiconductors 1PS300_15 Datasheet HTML 4Page - NXP Semiconductors 1PS300_15 Datasheet HTML 5Page - NXP Semiconductors 1PS300_15 Datasheet HTML 6Page - NXP Semiconductors 1PS300_15 Datasheet HTML 7Page - NXP Semiconductors 1PS300_15 Datasheet HTML 8Page - NXP Semiconductors 1PS300_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.
Product profile
1.1 General description
Dual high-speed switching diode, encapsulated in a very small SOT323 (SC-70)
Surface-Mounted Device (SMD) plastic package.
1.2 Features and benefits
1.3 Applications
High-speed switching
General-purpose switching
1.4 Quick reference data
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Single diode loaded.
[3]
Double diode loaded.
[4]
When switched from IF = 10 mA to IR =10mA; RL = 100 ; measured at IR =1mA.
1PS300
Dual high-speed switching diode
Rev. 5 — 5 March 2012
Product data sheet
High switching speed: trr  4ns
Low capacitance: Cd  2pF
Repetitive peak reverse voltage:
VRRM  85 V
Repetitive peak forward current:
IFRM  500 mA
Reverse voltage: VR  80 V
Very small SMD plastic package
AEC-Q101 qualified
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
IF
forward current
[1]
[2] --
200
mA
[3] --
170
mA
IR
reverse current
VR =80V
-
-
0.5
A
VR
reverse voltage
-
-
80
V
trr
reverse recovery time
[4] --
4
ns


Similar Part No. - 1PS300_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS300 PHILIPS-1PS300 Datasheet
52Kb / 8P
   High-speed double diode
1999 May 26
1PS300 NXP-1PS300 Datasheet
127Kb / 8P
   High-speed double diode
1996 Oct 04
logo
Nexperia B.V. All right...
1PS300 NEXPERIA-1PS300 Datasheet
749Kb / 11P
   Dual high-speed switching diode
Rev. 5 - 5 March 2012
More results

Similar Description - 1PS300_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS302 PHILIPS-1PS302_15 Datasheet
212Kb / 11P
   Dual high-speed switching diode
Rev. 6-23 July 2012
1PS301 PHILIPS-1PS301_15 Datasheet
236Kb / 11P
   Dual high-speed switching diode
Rev. 5-6 March 2012
logo
Nexperia B.V. All right...
1PS302 NEXPERIA-1PS302 Datasheet
787Kb / 11P
   Dual high-speed switching diode
Rev. 6 - 23 July 2012
1PS300 NEXPERIA-1PS300 Datasheet
749Kb / 11P
   Dual high-speed switching diode
Rev. 5 - 5 March 2012
1PS301 NEXPERIA-1PS301 Datasheet
810Kb / 11P
   Dual high-speed switching diode
Rev. 5 - 6 March 2012
BAS16DY NEXPERIA-BAS16DY Datasheet
212Kb / 9P
   High-speed dual switching diode
20 April 2023
BAS16DY-Q NEXPERIA-BAS16DY-Q Datasheet
204Kb / 9P
   High-speed dual switching diode
20 April 2023
logo
Central Semiconductor C...
BAS28 CENTRAL-BAS28 Datasheet
49Kb / 2P
   DUAL, ISOLATED HIGH SPEED SWITCHING DIODE
logo
Nexperia B.V. All right...
BAW56QA NEXPERIA-BAW56QA Datasheet
701Kb / 13P
   Dual common anode high-speed switching diode
BAV70QA NEXPERIA-BAV70QA Datasheet
692Kb / 12P
   Dual common cathode high-speed switching diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com