Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGP20B60PDPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRGP20B60PDPBF
Description  WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP20B60PDPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRGP20B60PDPBF_15 Datasheet HTML 2Page - International Rectifier IRGP20B60PDPBF_15 Datasheet HTML 3Page - International Rectifier IRGP20B60PDPBF_15 Datasheet HTML 4Page - International Rectifier IRGP20B60PDPBF_15 Datasheet HTML 5Page - International Rectifier IRGP20B60PDPBF_15 Datasheet HTML 6Page - International Rectifier IRGP20B60PDPBF_15 Datasheet HTML 7Page - International Rectifier IRGP20B60PDPBF_15 Datasheet HTML 8Page - International Rectifier IRGP20B60PDPBF_15 Datasheet HTML 9Page - International Rectifier IRGP20B60PDPBF_15 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IRGP20B60PDPbF
6
www.irf.com
Fig. 20 - Typical Recovery Current vs. dif/dt
Fig. 19 - Typical Reverse Recovery vs. dif/dt
Fig. 21 - Typical Stored Charge vs. dif/dt
Fig. 22 - Typical di(rec)M/dt vs. dif/dt,
0
20
40
60
80
100
1000
f
di /dt - (A/µs)
F
I = 8.0A
I = 16A
F
F
I = 4.0A
F
V = 200V
T = 125°C
T = 25°C
R
J
J
0
4
8
12
16
20
100
1000
f
di /dt - (A/µs)
I = 8.0A
I = 4.0A
V = 200V
T = 125°C
T = 25°C
R
J
J
F
I = 16A
F
F
0
100
200
300
400
500
100
1000
f
di /dt - (A/µs)
V = 200V
T = 125°C
T = 25°C
R
J
J
I = 16A
I = 8.0A
I = 4.0A
F
F
F
100
1000
10000
100
1000
f
di /dt - (A/µs)
V = 200V
T = 125°C
T = 25°C
R
J
J
I = 16A
I = 8.0A
I = 4.0A
F
F
F


Similar Part No. - IRGP20B60PDPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP20B60PDPBF IRF-IRGP20B60PDPBF Datasheet
409Kb / 11P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRGP20B60PDPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP50B60PD1 IRF-IRGP50B60PD1 Datasheet
468Kb / 10P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
logo
Infineon Technologies A...
AUIRGP35B60PD-E INFINEON-AUIRGP35B60PD-E Datasheet
514Kb / 11P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
2017-08-24
logo
International Rectifier
IRGP50B60PD1PBF IRF-IRGP50B60PD1PBF Datasheet
395Kb / 10P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP50B60PD1-EP IRF-IRGP50B60PD1-EP Datasheet
427Kb / 10P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
logo
Infineon Technologies A...
AUIRGP35B60PD INFINEON-AUIRGP35B60PD Datasheet
516Kb / 11P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
2017-08-24
logo
International Rectifier
IRGP20B60PD IRF-IRGP20B60PD Datasheet
739Kb / 10P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
AUIRGP35B60PD IRF-AUIRGP35B60PD Datasheet
299Kb / 13P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP35B60PD-EP IRF-IRGP35B60PD-EP Datasheet
413Kb / 10P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP35B60PD-EP IRF-IRGP35B60PD-EP_15 Datasheet
413Kb / 10P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
logo
Infineon Technologies A...
AUIRGP50B60PD1 INFINEON-AUIRGP50B60PD1 Datasheet
571Kb / 12P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
2017-08-29
logo
International Rectifier
IRGP50B60PD1 IRF-IRGP50B60PD1_06 Datasheet
476Kb / 11P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com