Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR Datasheet(PDF) 6 Page - MERITEK ELECTRONICS CORPORATION

Part # CR
Description  Excellent mechanical strength and electrical stability
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CR Datasheet(HTML) 6 Page - MERITEK ELECTRONICS CORPORATION

  CR Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CR Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CR Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CR Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CR Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CR Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION CR Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
 
 
 
Rev. 7c
 
Thick Film Chip Resistors
CR Series
 
Tape Dimensions
Type
A
B
W
E
F
T1
T2
P
P0
10 X P0
P1
CR25(0201) 0.68±0.03 0.38±0.03
8.00±0.10
1.75±0.10 3.50±0.05 0.45±0.10/-0 0.28±0.02 2.00±0.05 4.00±0.05 40.00±0.20 2.00±0.05
CR20(0402) 1.15±0.05 0.65±0.05
8.00±0.20
1.75±0.10 3.50±0.05 0.45+0.20/-0 0.45±0.05 2.00±0.10 4.00±0.05 40.00±0.20 2.00±0.05
CR16(0603) 1.80±0.10 1.00±0.10
8.00±0.20
1.75±0.10 3.50±0.05 0.60+0.20/-0 0.60±0.10 4.00±0.10 4.00±0.05 40.00±0.20 2.00±0.05
CR10(0805) 2.30±0.10 1.55±0.10
8.00±0.20
1.75±0.10 3.50±0.05 0.75+0.20/-0 0.75±0.10 4.00±0.10 4.00±0.05 40.00±0.20 2.00±0.05
CR08(1206) 3.50±0.20 1.90±0.20
8.00±0.20
1.75±0.10 3.50±0.05 0.75+0.20/-0 0.75±0.10 4.00±0.10 4.00±0.05 40.00±0.20 2.00±0.05
CR04(1210) 3.50±0.20 2.80±0.20
8.00±0.20
1.75±0.10 3.50±0.05 0.75+0.20/-0 0.75±0.10 4.00±0.10 4.00±0.05 40.00±0.20 2.00±0.05
CR02(2010) 5.50±0.20 2.80±0.20 12.00±0.20 1.75±0.10 5.50±0.05
0.85±0.15
0.23±0.15 4.00±0.10 4.00±0.05 40.00±0.20 2.00±0.05
CR01(2512) 6.70±0.20 3.40±0.20 12.00±0.20 1.75±0.10 5.50±0.05
0.85±0.15
0.23±0.15 4.00±0.10 4.00±0.05 40.00±0.20 2.00±0.05
Reel Type/ Tape
Wa
M
A
B
C
D
7” reel for 8 mm tape
9.0 ± 0.5
178 ± 2.0
2.0 ± 0.5
13.5 ± 0.5
21.0 ± 0.5
60.0 ± 1.0
7” reel for 12 mm tape
13.8 ± 0.5
178 ± 2.0
80.0 ± 1.0
13” reel for 8 mm tape
10.0 ± 0.5
330 ± 2.0
100.0 ± 1.0
Unit: mm
Unit: mm


Similar Description - CR

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCA65R042E SEMIHOW-HCA65R042E Datasheet
242Kb / 7P
   Excellent stability and uniformity
HCU70R1K5E SEMIHOW-HCU70R1K5E Datasheet
435Kb / 9P
   Excellent stability and uniformity
HCA65R042FE SEMIHOW-HCA65R042FE Datasheet
246Kb / 7P
   Excellent stability and uniformity
HCA65R099FE SEMIHOW-HCA65R099FE Datasheet
260Kb / 7P
   Excellent stability and uniformity
HCS60R520T SEMIHOW-HCS60R520T Datasheet
201Kb / 7P
   Excellent stability and uniformity
logo
Delta Electronics, Inc.
CMK08B02TH DELTA-CMK08B02TH Datasheet
54Kb / 1P
   Low cost, Low resistance, Excellent electrical isolation and environmental stability
logo
List of Unclassifed Man...
POLYPADK-4 ETC2-POLYPADK-4 Datasheet
557Kb / 2P
   Excellent dielectric and physical strength
logo
Laird Tech Smart Techno...
BSR-U LSTD-BSR-U Datasheet
207Kb / 2P
   High mechanical strength
logo
TE Connectivity Ltd
PT2S7LB2 TEC-PT2S7LB2 Datasheet
309Kb / 3P
   Mechanical and electrical indicator
logo
Murata Manufacturing Co...
SCA61T MURATA-SCA61T Datasheet
565Kb / 17P
   Excellent stability over temperature and time
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com