Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGP30B120KD-EPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRGP30B120KD-EPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP30B120KD-EPBF Datasheet(HTML) 4 Page - International Rectifier

  IRGP30B120KD-EPBF_15 Datasheet HTML 1Page - International Rectifier IRGP30B120KD-EPBF_15 Datasheet HTML 2Page - International Rectifier IRGP30B120KD-EPBF_15 Datasheet HTML 3Page - International Rectifier IRGP30B120KD-EPBF_15 Datasheet HTML 4Page - International Rectifier IRGP30B120KD-EPBF_15 Datasheet HTML 5Page - International Rectifier IRGP30B120KD-EPBF_15 Datasheet HTML 6Page - International Rectifier IRGP30B120KD-EPBF_15 Datasheet HTML 7Page - International Rectifier IRGP30B120KD-EPBF_15 Datasheet HTML 8Page - International Rectifier IRGP30B120KD-EPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
May 29, 2014
IRGP30B120KD-EP
Fig.5 - Typical IGBT Output
Characteristics
Tj= -40°C; tp=300μs
0
5
10
15
20
25
30
35
40
45
50
55
60
01
2
3
4
5
6
V CE (V)
V GE = 18V
V GE = 15V
V GE = 12V
V GE = 10V
V GE = 8V
Fig.6 - Typical IGBT Output
Characteristics
Tj=25°C; tp=300μs
0
5
10
15
20
25
30
35
40
45
50
55
60
012
3456
V CE (V)
V GE = 18V
V GE = 15V
V GE = 12V
V GE = 10V
V GE = 8V
Fig.7 - Typical IGBT Output
Characteristics
Tj=125°C; tp=300μs
0
5
10
15
20
25
30
35
40
45
50
55
60
01
23
45
6
V CE (V)
V GE = 18V
V GE = 15V
V GE = 12V
V GE = 10V
V GE = 8V
Fig.8 - Typical Diode Forward
Characteristic
tp=300μs
0
5
10
15
20
25
30
35
40
45
50
55
60
01
23
4
V F (V)
- 40°C
25°C
125°C


Similar Part No. - IRGP30B120KD-EPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP30B120KD-EP IRF-IRGP30B120KD-EP Datasheet
174Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRGP30B120KD-EPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com