Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAP64Q Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BAP64Q
Description  Quad PIN diode attenuator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAP64Q Datasheet(HTML) 1 Page - NXP Semiconductors

  BAP64Q_15 Datasheet HTML 1Page - NXP Semiconductors BAP64Q_15 Datasheet HTML 2Page - NXP Semiconductors BAP64Q_15 Datasheet HTML 3Page - NXP Semiconductors BAP64Q_15 Datasheet HTML 4Page - NXP Semiconductors BAP64Q_15 Datasheet HTML 5Page - NXP Semiconductors BAP64Q_15 Datasheet HTML 6Page - NXP Semiconductors BAP64Q_15 Datasheet HTML 7Page - NXP Semiconductors BAP64Q_15 Datasheet HTML 8Page - NXP Semiconductors BAP64Q_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
Product profile
1.1 General description
Quad PIN diode in a SOT753 package.
1.2 Features and benefits
4 PIN diodes in a SOT753 package
300 kHz to 4 GHz
High linearity
Low insertion loss
reduction in part count
Low diode capacitance
Low diode forward resistance
1.3 Applications
RF attenuators
Broadband system applications
General purpose Voltage Controlled Attenuators for high linearity applications
2.
Pinning information
3.
Ordering information
BAP64Q
Quad PIN diode attenuator
Rev. 1 — 7 October 2010
Product data sheet
Table 1.
Discrete pinning
Pin
Description
Simplified outline
Graphic symbol
1RF in
2
series bias
3RF out
4
shunt 1 bias
5
shunt 2 bias
13
2
4
5
sym143
54
123
Table 2.
Ordering information
Type number Package
Name
Description
Version
BAP64Q
SC-74A
plastic surface-mounted package; 5 leads
SOT753


Similar Part No. - BAP64Q_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP64Q NXP-BAP64Q Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BAP64Q_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP70Q PHILIPS-BAP70Q_15 Datasheet
143Kb / 13P
   Quad PIN diode attenuator
Rev. 2-6 March 2012
logo
M/A-COM Technology Solu...
MA4P290-1225T MA-COM-MA4P290-1225T Datasheet
129Kb / 6P
   PIN Diode ? Quad Attenuator
logo
Tyco Electronics
MA4P290-1225T MACOM-MA4P290-1225T Datasheet
183Kb / 6P
   PIN Diode ? Quad Attenuator
MA4P274-1225T MACOM-MA4P274-1225T_1 Datasheet
672Kb / 12P
   Quad PIN Diode Attenuator 5 -3000 MHz
logo
M/A-COM Technology Solu...
MA4P274-1225 MA-COM-MA4P274-1225 Datasheet
414Kb / 7P
   Quad PIN Diode ? Attenuator 10 - 4000 MHz
MA4P7455-1225 MA-COM-MA4P7455-1225 Datasheet
352Kb / 7P
   Quad PIN Diode ? Attenuator 10 - 4000 MHz
logo
Tyco Electronics
MA4P274-1225T MACOM-MA4P274-1225T Datasheet
209Kb / 10P
   Quad PIN Diode p Attenuator 5 .3000 MHz
logo
Microsemi Corporation
UM9552 MICROSEMI-UM9552 Datasheet
105Kb / 4P
   PIN DIODE ATTENUATOR
logo
Merrimac Industries, In...
AEF-35A-500 MERRIMAC-AEF-35A-500 Datasheet
94Kb / 1P
   PIN DIODE ATTENUATOR
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3816 AVAGO-HSMP-3816_15 Datasheet
326Kb / 6P
   Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com