Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7660CUA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # ICL7660CUA
Description  Switched-Capacitor Voltage Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7660CUA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button ICL7660CUA Datasheet HTML 4Page - Maxim Integrated Products ICL7660CUA Datasheet HTML 5Page - Maxim Integrated Products ICL7660CUA Datasheet HTML 6Page - Maxim Integrated Products ICL7660CUA Datasheet HTML 7Page - Maxim Integrated Products ICL7660CUA Datasheet HTML 8Page - Maxim Integrated Products ICL7660CUA Datasheet HTML 9Page - Maxim Integrated Products ICL7660CUA Datasheet HTML 10Page - Maxim Integrated Products ICL7660CUA Datasheet HTML 11Page - Maxim Integrated Products ICL7660CUA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
a function of oscillator frequency and the capacitor
value. Oscillator frequency, in turn, is influenced by
temperature and supply voltage. For example, with a
5V input voltage and 10µF charge-pump capacitors,
the output resistance is typically 50
Ω. Thus, the output
voltage is about -5V under light loads, and decreases
to about -4.5V with a 10mA load current.
Minor supply voltage variations that are inconsequential
to digital circuits can affect some analog circuits.
Therefore, when using the MAX1044/ICL7660 for
powering sensitive analog circuits, the power-supply
rejection ratio of those circuits must be considered.
The output ripple and output drop increase under
heavy loads. If necessary, the MAX1044/ICL7660 out-
put impedance can be reduced by paralleling devices,
increasing the capacitance of C1 and C2, or connect-
ing the MAX1044’s BOOST pin to V+ to increase the
oscillator frequency.
Inrush Current and EMI Considerations
During start-up, pump capacitors C1 and C2 must be
charged. Consequently, the MAX1044/ICL7660 devel-
op inrush currents during start-up. While operating,
short bursts of current are drawn from the supply to C1,
and then from C1 to C2 to replenish the charge drawn
by the load during each charge-pump cycle. If the
voltage converters are being powered by a high-
impedance source, the supply voltage may drop too
low during the current bursts for them to function prop-
erly. Furthermore, if the supply or ground impedance is
too high, or if the traces between the converter IC and
charge-pump capacitors are long or have large loops,
switching noise and EMI may be generated. To reduce
these effects:
1) Power the MAX1044/ICL7600 from a low-impedance
source.
2) Add a power-supply bypass capacitor with low
effective series resistance (ESR) close to the IC
between the V+ and ground pins.
3) Shorten traces between the IC and the charge-pump
capacitors.
4) Arrange the components to keep the ground pins of
the capacitors and the IC as close as possible.
5) Leave extra copper on the board around the voltage
converter as power and ground planes. This is
easily done on a double-sided PC board.
Efficiency, Output Ripple,
and Output Impedance
The power efficiency of a switched-capacitor voltage
converter is affected by the internal losses in the con-
verter IC, resistive losses of the pump capacitors, and
conversion losses during charge transfer between the
capacitors. The total power loss is:
The internal losses are associated with the IC’s internal
functions such as driving the switches, oscillator, etc.
These losses are affected by operating conditions such
as input voltage, temperature, frequency, and connec-
tions to the LV, BOOST, and OSC pins.
The next two losses are associated with the output
resistance of the voltage converter circuit. Switch losses
occur because of the on-resistances of the MOSFET
switches in the IC. Charge-pump capacitor losses
occur because of their ESR. The relationship between
these losses and the output resistance is as follows:
where:
and fOSC is the oscillator frequency.
R
1
(f
/ 2) x C1
4 2R
ESR
ESR
OUT
OSC
SWITCHES
C1
C2
≅+
+
()+
P
P
I
x R
OUT
2
OUT
+=
P
= P
+P
+P
+P
Switched-Capacitor Voltage Converters
8
_______________________________________________________________________________________
MAX1044
ICL7660
4
3
10µF
VOUT = -(V+)
10µF
V+
V+
CMOS or
TTL GATE
10k
REQUIRED
FOR TTL
2
1
5
6
7
8
Figure 7. External Clocking
LOSS
INTERNAL
LOSSES
SWITCH
LOSSES
PUMP
CAPACITOR
LOSSES
CONVERSION
LOSSES
PUMP
CAPACITOR
LOSSES
SWITCH
LOSSES


Similar Part No. - ICL7660CUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7660CUA MAXIM-ICL7660CUA Datasheet
1Mb / 14P
   Switched-Capacitor Voltage Converters
2019
More results

Similar Description - ICL7660CUA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TCM828 MICROCHIP-TCM828_10 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
2010
TCM829ECT713 MICROCHIP-TCM829ECT713 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
07/15/10
TCM828ECT713 MICROCHIP-TCM828ECT713 Datasheet
71Kb / 9P
   Switched Capacitor Voltage Converters
5/22/00
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044_V01 Datasheet
1Mb / 14P
   Switched-Capacitor Voltage Converters
2019
logo
ON Semiconductor
MAX828 ONSEMI-MAX828 Datasheet
173Kb / 12P
   Switched Capacitor Voltage Converters
February, 2000 ??Rev. 0
logo
Microchip Technology
TCM828 MICROCHIP-TCM828 Datasheet
75Kb / 9P
   Switched Capacitor Voltage Converters
2001
logo
Analog Devices
ADM8660 AD-ADM8660_15 Datasheet
179Kb / 11P
   CMOS Switched-Capacitor Voltage Converters
REV. C
ADM660 AD-ADM660_15 Datasheet
179Kb / 11P
   CMOS Switched-Capacitor Voltage Converters
REV. C
ADM660ARZ-REEL7 AD-ADM660ARZ-REEL7 Datasheet
288Kb / 12P
   CMOS Switched-Capacitor Voltage Converters
REV. B
ADM660 AD-ADM660 Datasheet
111Kb / 8P
   CMOS Switched-Capacitor Voltage Converters
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com