Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7660ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # ICL7660ESA
Description  Switched-Capacitor Voltage Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7660ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  ICL7660ESA Datasheet HTML 1Page - Maxim Integrated Products ICL7660ESA Datasheet HTML 2Page - Maxim Integrated Products ICL7660ESA Datasheet HTML 3Page - Maxim Integrated Products ICL7660ESA Datasheet HTML 4Page - Maxim Integrated Products ICL7660ESA Datasheet HTML 5Page - Maxim Integrated Products ICL7660ESA Datasheet HTML 6Page - Maxim Integrated Products ICL7660ESA Datasheet HTML 7Page - Maxim Integrated Products ICL7660ESA Datasheet HTML 8Page - Maxim Integrated Products ICL7660ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
_______________Detailed Description
The MAX1044/ICL7660 are charge-pump voltage con-
verters. They work by first accumulating charge in a
bucket capacitor and then transfer it into a reservoir
capacitor. The ideal voltage inverter circuit in Figure 2
illustrates this operation.
During the first half of each cycle, switches S1 & S3
close and switches S2 & S4 open, which connects the
bucket capacitor C1 across V+ and charges C1.
During the second half of each cycle, switches S2 & S4
close and switches S1 & S3 open, which connects the
positive terminal of C1 to ground and shifts the nega-
tive terminal to VOUT. This connects C1 in parallel with
the reservoir capacitor C2. If the voltage across C2 is
smaller than the voltage across C1, then charge flows
from C1 to C2 until the voltages across them are equal.
During successive cycles, C1 will continue pouring
charge into C2 until the voltage across C2 reaches
- (V+). In an actual voltage inverter, the output is less
than - (V+) since the switches S1–S4 have resistance
and the load drains charge from C2.
Additional qualities of the MAX1044/ICL7660 can be
understood by using a switched-capacitor circuit
model. Switching the bucket capacitor, C1, between
the input and output of the circuit synthesizes a resis-
tance (Figures 3a and 3b.)
When the switch in Figure 3a is in the left position,
capacitor C1 charges to V+. When the switch moves to
the right position, C1 is discharged to VOUT. The
charge transferred per cycle is:
∆Q = C1(V+ - V
OUT). If
the switch is cycled at frequency f, then the resulting
Switched-Capacitor Voltage Converters
_______________________________________________________________________________________
5
MAX1044
ICL7660
BOOST
CAP+
GND
CBYPASS
= 0.1µF
V+
RL
CAP-
V+
OSC
C1
10
µF
LV
VOUT
C2
10
µF
COSC
EXTERNAL
OSCILLATOR
VOUT
_____________________________________________________________ Pin Description
NAME
FUNCTION
BOOST
(MAX1044)
Frequency Boost. Connecting BOOST to V+ increases the oscillator frequency by a factor of six. When the
oscillator is driven externally, BOOST has no effect and should be left open.
PIN
1
N.C.
(ICL7660)
No Connection
3
GND
Ground. For most applications, the positive terminal of the reservoir capacitor is connected to this pin.
2
CAP+
Connection to positive terminal of Charge-Pump Capacitor
6
LV
Low-Voltage Operation. Connect to ground for supply voltages below 3.5V.
ICL7660: Leave open for supply voltages above 5V.
5
VOUT
Negative Voltage Output. For most applications, the negative terminal of the reservoir capacitor is
connected to this pin.
4
CAP-
Connection to negative terminal of Charge-Pump Capacitor
7
OSC
Oscillator Control Input. Connecting an external capacitor reduces the oscillator frequency. Minimize stray
capacitance at this pin.
8
V+
Power-Supply Positive Voltage Input. (1.5V to 10V). V+ is also the substrate connection.
Figure 1. Maxim MAX1044/ICL7660 Test Circuit


Similar Part No. - ICL7660ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7660ESA MAXIM-ICL7660ESA Datasheet
1Mb / 14P
   Switched-Capacitor Voltage Converters
2019
More results

Similar Description - ICL7660ESA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TCM828 MICROCHIP-TCM828_10 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
2010
TCM829ECT713 MICROCHIP-TCM829ECT713 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
07/15/10
TCM828ECT713 MICROCHIP-TCM828ECT713 Datasheet
71Kb / 9P
   Switched Capacitor Voltage Converters
5/22/00
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044_V01 Datasheet
1Mb / 14P
   Switched-Capacitor Voltage Converters
2019
logo
ON Semiconductor
MAX828 ONSEMI-MAX828 Datasheet
173Kb / 12P
   Switched Capacitor Voltage Converters
February, 2000 ??Rev. 0
logo
Microchip Technology
TCM828 MICROCHIP-TCM828 Datasheet
75Kb / 9P
   Switched Capacitor Voltage Converters
2001
logo
Analog Devices
ADM8660 AD-ADM8660_15 Datasheet
179Kb / 11P
   CMOS Switched-Capacitor Voltage Converters
REV. C
ADM660 AD-ADM660_15 Datasheet
179Kb / 11P
   CMOS Switched-Capacitor Voltage Converters
REV. C
ADM660ARZ-REEL7 AD-ADM660ARZ-REEL7 Datasheet
288Kb / 12P
   CMOS Switched-Capacitor Voltage Converters
REV. B
ADM660 AD-ADM660 Datasheet
111Kb / 8P
   CMOS Switched-Capacitor Voltage Converters
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com