Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7660AMTV Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # ICL7660AMTV
Description  Switched-Capacitor Voltage Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7660AMTV Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button ICL7660AMTV Datasheet HTML 4Page - Maxim Integrated Products ICL7660AMTV Datasheet HTML 5Page - Maxim Integrated Products ICL7660AMTV Datasheet HTML 6Page - Maxim Integrated Products ICL7660AMTV Datasheet HTML 7Page - Maxim Integrated Products ICL7660AMTV Datasheet HTML 8Page - Maxim Integrated Products ICL7660AMTV Datasheet HTML 9Page - Maxim Integrated Products ICL7660AMTV Datasheet HTML 10Page - Maxim Integrated Products ICL7660AMTV Datasheet HTML 11Page - Maxim Integrated Products ICL7660AMTV Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
The first term is the effective resistance from the
switched-capacitor circuit.
Conversion losses occur during the transfer of charge
between capacitors C1 and C2 when there is a voltage
difference between them. The power loss is:
Increasing Efficiency
Efficiency can be improved by lowering output voltage
ripple and output impedance. Both output voltage rip-
ple and output impedance can be reduced by using
large capacitors with low ESR.
The output voltage ripple can be calculated by noting
that the output current is supplied solely from capacitor
C2 during one-half of the charge-pump cycle.
Slowing the oscillator frequency reduces quiescent cur-
rent. The oscillator frequency can be reduced by con-
necting a capacitor to the OSC pin.
Reducing the oscillator frequency increases the ripple
voltage in the MAX1044/ICL7660. Compensate by
increasing the values of the bucket and reservoir
capacitors. For example, in a negative voltage converter,
the pump frequency is around 4kHz or 5kHz. With the
recommended 10µF bucket and reservoir capacitors,
the circuit consumes about 70µA of quiescent current
while providing 20mA of output current. Setting the
oscillator to 400Hz by connecting a 100pF capacitor to
OSC reduces the quiescent current to about 15µA.
Maintaining 20mA output current capability requires
increasing the bucket and reservoir capacitors to
100µF.
Note that lower capacitor values can be used for lower
output currents. For example, setting the oscillator to
40Hz by connecting a 1000pF capacitor to OSC pro-
vides the highest efficiency possible. Leaving the bucket
and reservoir capacitors at 100µF gives a maximum
IOUT of 2mA, a no-load quiescent current of 10µA, and
a power conversion efficiency of 98%.
General Precautions
1) Connecting any input terminal to voltages greater
than V+ or less than ground may cause latchup. Do
not apply any input sources operating from external
supplies before device power-up.
2) Never exceed maximum supply voltage ratings.
3) Do not connect C1 and C2 with the wrong polarity.
4) Do not short V+ to ground for extended periods with
supply voltages above 5.5V present on other pins.
5) Ensure that VOUT (pin 5) does not go more positive
than GND (pin 3). Adding a diode in parallel with
C2, with the anode connected to VOUT and cathode
to LV, will prevent this condition.
________________Application Circuits
Negative Voltage Converter
Figure 8 shows a negative voltage converter, the most
popular application of the MAX1044/ICL7660. Only two
external capacitors are needed. A third power-supply
bypass capacitor is recommended (0.1µF to 10µF)
V
1
2 x f
x C2
2 x ESR
I
RIPPLE
OSC
C2
OUT
≅+


P
1
2
C1 (V
V
1
2
C2 V
2V
V
x f
/ 2
CONV.LOSS
OUT
2
RIPPLE
2
OUT RIPPLE
OSC
)
=+
 +
2
Switched-Capacitor Voltage Converters
_______________________________________________________________________________________
9
MAX1044
ICL7660
4
3
C1
10µF
VOUT = -(V+)
CBYPASS
0.1µF
2
1
5
6
7
8
C2
10µF
V+
BOOST
LV
Figure 8. Negative Voltage Converter with BOOST and LV
Connections
MAX1044
ICL7660
4
3
VOUT = 2(V+) - 2VD
2
1
5
6
7
8
C1
C2
V+
Figure 9. Voltage Doubler


Similar Part No. - ICL7660AMTV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7660AMTV MAXIM-ICL7660AMTV Datasheet
1Mb / 14P
   Switched-Capacitor Voltage Converters
2019
More results

Similar Description - ICL7660AMTV

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TCM828 MICROCHIP-TCM828_10 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
2010
TCM829ECT713 MICROCHIP-TCM829ECT713 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
07/15/10
TCM828ECT713 MICROCHIP-TCM828ECT713 Datasheet
71Kb / 9P
   Switched Capacitor Voltage Converters
5/22/00
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044_V01 Datasheet
1Mb / 14P
   Switched-Capacitor Voltage Converters
2019
logo
ON Semiconductor
MAX828 ONSEMI-MAX828 Datasheet
173Kb / 12P
   Switched Capacitor Voltage Converters
February, 2000 ??Rev. 0
logo
Microchip Technology
TCM828 MICROCHIP-TCM828 Datasheet
75Kb / 9P
   Switched Capacitor Voltage Converters
2001
logo
Analog Devices
ADM8660 AD-ADM8660_15 Datasheet
179Kb / 11P
   CMOS Switched-Capacitor Voltage Converters
REV. C
ADM660 AD-ADM660_15 Datasheet
179Kb / 11P
   CMOS Switched-Capacitor Voltage Converters
REV. C
ADM660ARZ-REEL7 AD-ADM660ARZ-REEL7 Datasheet
288Kb / 12P
   CMOS Switched-Capacitor Voltage Converters
REV. B
ADM660 AD-ADM660 Datasheet
111Kb / 8P
   CMOS Switched-Capacitor Voltage Converters
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com