Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FWA-3230A_B Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # FWA-3230A_B
Description  1U Rackmount Network Application Platform with 4th gen. Intel짰 Xeon짰 Processor E3 series and Intel짰 Core??i7/i5/i3 Processors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FWA-3230A_B Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  FWA-3230A_B_15 Datasheet HTML 1Page - Advantech Co., Ltd. FWA-3230A_B_15 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
FWA-3230A/B
1U Rackmount Network Application
Platform with 4th gen. Intel® Xeon®
Processor E3 series and Intel®
Core™ i7/i5/i3 Processors
ƒ Supports Intel Xeon E3-1225/E3-1275/E3-1268 V3 and 4th generation Core™
i7-4770S/i5-4570TE/4570S and Pentium G3420/G3320TE, Celeron G1820/
G1820TE
ƒ Supports four DDR3L Un-buffered 1333/1600 DIMMs, up to 32 GB
(FWA-3230A); two DDR3L Un-buffered 1333/1600 DIMMs, up to16 GB
(FWA-3230B)
ƒ Six 10/100/1000 Mbps LAN on Board with up to 3 bypass segments
ƒ Two 2.5" SATA HDDs / SSDs or 1x 3.5" HDD
ƒ Up to two Advantech Network Mezzanine Cards (NMCs)
ƒ IPMI2.0 compliant Remote Management (optional)
Introduction
The FWA-3230 1U network appliance can scale from entry-level performance using Intel® Celeron® and Pentium® processors to the mid-range segment using Intel® Xeon® E3
series processors, offering an outstanding price/performance ratio with each SKU. In addition to supporting the latest Haswell microarchitecture enhancements for increased CPU
performance, virtualization support and I/O throughput, the FWA-3230 adds support for latest Gigabit Ethernet controllers, PCIe gen.3 connectivity, support for remote management
and advanced LAN bypass to create state-of-the-art platforms for specific enterprise networking applications.
Memory configurations can include four DDR3L 1333/1600 DIMMs for up to 32GB in total. In the base configuration, the system comes with support for two 2.5" SATA HDDs/SSDs,
LCM, RJ45 console, two USB ports and six Intel® I210-AT GbE controllers.
For I/O expandability, two standard PCIe full-height, half-length slots with rear access allow the integration of off-the-shelf PCIe adapters and up to two Advantech Network Mezzanine
Card (NMC) slots offer further flexibility for additional front-panel network ports.
Featuring an optional server BMC in accordance with IPMI2.0, the FWA-3230 supports state-of-the-art remote and lights-out management for increased reliability, serviceability and
improved total cost of ownership. Advanced features such as power supply monitoring via PMBus allow the whole platform to be remotely managed. All management firmware can
be remotely upgraded using the industry standard HPM.1 protocol, same as the motherboard system BIOS. All upgrades are fail safe and support instant rollback allowing for full
system recovery without the necessity for onsite service staff.
Specifications
FWA-3230A
FWA-3230B
Processor System
CPU
Intel® Xeon® E3-1225/E3-1275/E3-1268 V3 / 4th gen. Intel vPro™
Processors (LGA1150)
Intel 4th gen. Core i7-4770S/i5-4570S/i5-4570TE Pentium G3420/
G3320TE, Celeron G1820/G1820TE vPro™ processors (LGA1150)
L2 Cache
8 MB
8 MB / 4 MB
Chipset
PCH
Intel® C226 PCH
Intel® H81 PCH
Memory
DIMM sockets
4
2
Technology
Dual channel DDR3L 1333/1600 MHz ECC
(Intel® Xeon® Processors only) Un-buffered memory
Dual channel DDR3L 1333/1600 MHz Non-ECC
Un-buffered memory
Capacity
Up to 32 GB
Up to 16 GB
PCIe
Expansion Slots
2 x PCI-Express Gen.2 x4 FH/HL Expansion Slots(default configuration)
Or 1 x PCI-Express Gen.2 x8 FH/HL Expansion Slot (optional)
Without PCIe riser card
Ethernet
LAN on Board
6 x Intel I210-AT 10/100/1000 Mbps Ethernet with optional 3 segment advanced bypass
NMC modules
2 x NMC modules with PCIex8 gen.3 interfaces
Maximum 8GbE ports or 2 x 10GE ports. Please refer to the "Recommended NMC Module List" section for a list of currently available NMCs
Storage
SATA
1 x 3.5" or 2 x 2.5" internal HDD / SSD
Flash
1 x mSATA socket
1 x USB 2.0 on board pin header for USB DOM
Management Ports &
Peripherals
USB
2 x USB3.0 Type A connectors on the front
1 x USB3.0 pin header (C226)
Serial
1 x RS232 Console port (RJ-45 connector)
LCD Module
16 x 2 graphic display, 5 buttons
IPMI
LOM Module (optional) with Aspeed AST1050 chip
Supports IPMI 2.0, redundant BIOS and remote, failsafe BIOS udpate
Without LOM module
VGA
1 x VGA pin header
TPM
Trust Platform Module (Optional)
Power Supply
Wattage
300W redundant AC PSU
(redundant DC PSUs on request)
300W non-redundant AC PSU
Input
AC 100 ~ 240 V @ 50 ~ 60 Hz, full range
PMBus support on redundant PSU
Environment
Operating
Non-Operating
Temperature
0 ~ 40° C (32 ~ 104° F)
-20 ~ 80° C (-4 ~ 167° F)
Humidity
5 ~ 85 %@ 40° C (104° F)
5 ~ 95 %
Physical
Dimensions (W x L x H)
430 x 500 x 44 mm (W x L x H), 16.6" x 19.7" x 1.7"
Weight (N.W)
10 kg (22 lb)
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 7-May-2015


Similar Part No. - FWA-3230A_B_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FWA-3231 ADVANTECH-FWA-3231 Datasheet
646Kb / 2P
   1U Rackmount Network Appliance with 4th gen. Intel® Xeon® Processor E3 series and Intel® Core™ i7/i5/i3 Processors, 4 NMC slots
9-Jun-2017
FWA-3231-00A1E ADVANTECH-FWA-3231-00A1E Datasheet
646Kb / 2P
   1U Rackmount Network Appliance with 4th gen. Intel® Xeon® Processor E3 series and Intel® Core™ i7/i5/i3 Processors, 4 NMC slots
9-Jun-2017
FWA-3231-01A1E ADVANTECH-FWA-3231-01A1E Datasheet
646Kb / 2P
   1U Rackmount Network Appliance with 4th gen. Intel® Xeon® Processor E3 series and Intel® Core™ i7/i5/i3 Processors, 4 NMC slots
9-Jun-2017
FWA-3231-02A1E ADVANTECH-FWA-3231-02A1E Datasheet
635Kb / 2P
   1U Rack mount Network Application Platform with 4th gen. Intel짰 Xeon짰 Processor E3 series and Intel짰 Core??i7/i5/i3 Processors
FWA-3231-03A1E ADVANTECH-FWA-3231-03A1E Datasheet
635Kb / 2P
   1U Rack mount Network Application Platform with 4th gen. Intel짰 Xeon짰 Processor E3 series and Intel짰 Core??i7/i5/i3 Processors
More results

Similar Description - FWA-3230A_B_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FWA-3231 ADVANTECH-FWA-3231_15 Datasheet
635Kb / 2P
   1U Rack mount Network Application Platform with 4th gen. Intel짰 Xeon짰 Processor E3 series and Intel짰 Core??i7/i5/i3 Processors
logo
List of Unclassifed Man...
FW-7584A ETC2-FW-7584A Datasheet
166Kb / 2P
   Rackmount x86 Network Security Platform with 4th Generation Intel짰 Core짰 i7/i5/i3 Series processor
logo
Lanner All Rights Reser...
LEC-2284 LANNER-LEC-2284 Datasheet
2Mb / 1P
   4th Gen Intel짰 Core??i7/i5/i3 Platform with Rich I/O and Expansion
LEC-2281 LANNER-LEC-2281 Datasheet
1Mb / 1P
   4th Gen Intel짰 Core??i7/i5/i3 Platform with Rich I/O and Expansion
logo
Axiomtek Co., Ltd.
CAPA880 AXIOMTEK-CAPA880 Datasheet
285Kb / 1P
   LGA1150 socket 4th gen Intel짰 Core??i7/i5/i3 & Celeron짰 processor
logo
List of Unclassifed Man...
LEC-2281 ETC2-LEC-2281 Datasheet
1Mb / 2P
   4th Gen Intel짰 Core??i7/i5/i3 Platform with Rich I/O and Expansion
logo
Axiomtek Co., Ltd.
NA-550 AXIOMTEK-NA-550_17 Datasheet
936Kb / 1P
   1U Rackmount Network Appliance Platform with LGA1155 Socket Intel짰 Xeon짰 E3
logo
Advantech Co., Ltd.
SYS-4U4000-4A05 ADVANTECH-SYS-4U4000-4A05_14 Datasheet
1Mb / 2P
   3rd Gen Intel짰 Core??i7/i5/i3 4U 4A053rd Gen Intel짰 Core??i7/i5/i3 4U
logo
List of Unclassifed Man...
FW-7585 ETC2-FW-7585 Datasheet
289Kb / 4P
   Rackmount x86 Network Security Platform Based on 4th Generation Intel짰 Core짰 i7/i5/i3 Series processor
logo
Advantech Co., Ltd.
FWA-4208 ADVANTECH-FWA-4208 Datasheet
464Kb / 2P
   1U Rack-mount Network Application Platform based on Intel짰 Xeon짰 X3400 Processor or Intel짰 Core??i5/i3 ProcessorRoHSCOMPLIANT2002/95/EC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com