Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M13S2561616A-2A Datasheet(PDF) 10 Page - Elite Semiconductor Memory Technology Inc.

Part # M13S2561616A-2A
Description  Double-data-rate architecture, two data transfers per clock cycle
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13S2561616A-2A Datasheet(HTML) 10 Page - Elite Semiconductor Memory Technology Inc.

Back Button M13S2561616A-2A Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2A Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2A Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2A Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2A Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2A Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2A Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2A Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. M13S2561616A-2A Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
ESMT
M13S2561616A (2A)
Automotive Grade
Elite Semiconductor Memory Technology Inc.
Publication Date : Sep. 2012
Revision : 1.1
10/49
AC Timing Parameter & Specifications – continued
-4
-5
-6
Parameter
Symbol
min
max
min
max
min
max
Unit
Note
DQ/DQS output hold time from DQS
tQH
tHP- tQHS
tHP- tQHS
tHP- tQHS
ns
21
Data hold skew factor
tQHS
0.5
0.5
0.5
ns
Active to Precharge command
tRAS
36
70K
40
70K
42
70K
ns
Active to Active / Auto Refresh
command period
tRC
52
55
60
ns
Auto Refresh to Active / Auto Refresh
command period
tRFC
60
70
72
ns
Active to Read, Write delay
tRCD
15
15
18
ns
Precharge command period
tRP
15
15
18
ns
Active to Read with Auto Precharge
command
tRAP
15
15
18
ns
Active bank A to Active bank B
command
tRRD
8
10
12
ns
Write recovery time
tWR
15
15
15
ns
Write data in to Read command delay
tWTR
2
2
2
tCK
Average periodic refresh interval for
TA 85℃
tREFI
7.8
7.8
7.8
us
14
Average periodic refresh interval for TA
85℃ (VA grade only)
tREFI
1.95
1.95
1.95
us
14
Write preamble
tWPRE
0.25
0.25
0.25
tCK
Write postamble
tWPST
0.4
0.6
0.4
0.6
0.4
0.6
tCK
12
Read preamble
tRPRE
0.9
1.1
0.9
1.1
0.9
1.1
tCK
Read postamble
tRPST
0.4
0.6
0.4
0.6
0.4
0.6
tCK
Clock to DQS write preamble setup time
tWPRES
0
0
0
ns
13
Mode Register Set command cycle time
tMRD
2
2
2
tCK
Exit self refresh to Read command
tXSRD
200
200
200
tCK
Exit self refresh to non-Read command
tXSNR
75
75
75
ns
Auto Precharge write
recovery+precharge time
tDAL
(tWR/tCK)
+
(tRP/tCK)
(tWR/tCK)
+
(tRP/tCK)
(tWR/tCK)
+
(tRP/tCK)
tCK
23
Notes:
1.
All voltages referenced to VSS.
2.
Tests for AC timing, IDD, and electrical, AC and DC characteristics, may be conducted at nominal reference/supply
voltage levels, but the related specifications and device operation are guaranteed for the full voltage range specified.
3.
The below figure represents the timing reference load used in defining the relevant timing parameters of the part. It is
not intended to be either a precise representation of the typical system environment nor a depiction of the actual load
presented by a production tester. System designers will use IBIS or other simulation tools to correlate the timing
reference load to a system environment. Manufacturers will correlate to their production test conditions (generally a
coaxial transmission line terminated at the tester electronics).


Similar Part No. - M13S2561616A-2A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
More results

Similar Description - M13S2561616A-2A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128324A-2M ESMT-M13S128324A-2M Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S5121632A-2S ESMT-M13S5121632A-2S Datasheet
705Kb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
W9751G6KB-25 WINBOND-W9751G6KB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L32321A-2G ESMT-M13L32321A-2G Datasheet
1Mb / 48P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W972GG6JB-25 WINBOND-W972GG6JB-25 Datasheet
1Mb / 87P
   Double Data Rate architecture: two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com