Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M14D1G1664A-2D Datasheet(PDF) 2 Page - Elite Semiconductor Memory Technology Inc.

Part # M14D1G1664A-2D
Description  Internal pipelined double-data-rate architecture; two data access per clock cycle
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M14D1G1664A-2D Datasheet(HTML) 2 Page - Elite Semiconductor Memory Technology Inc.

  M14D1G1664A-2D Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M14D1G1664A-2D Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M14D1G1664A-2D Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M14D1G1664A-2D Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M14D1G1664A-2D Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M14D1G1664A-2D Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M14D1G1664A-2D Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M14D1G1664A-2D Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M14D1G1664A-2D Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
ESMT
M14D1G1664A (2D)
Elite Semiconductor Memory Technology Inc.
Publication Date : Aug. 2013
Revision : 1.3
2/64
DM
DQ
Mode Register &
Extended Mode
Register
Column
Address
Buffer
&
Refresh
Counter
Row
Address
Buffer
&
Refresh
Counter
Sense Amplifier
Column Decoder
Data Control Circuit
Address
Clock
Generator
CLK
CLK
CKE
CS
RAS
CAS
WE
DLL
CLK, CLK
ODT
DQS, DQS
Ordering Information:
Product ID
Max Freq.
VDD
Data Rate
(CL-tRCD-tRP)
Package
Comments
M14D1G1664A -1.8BG2D
533MHz
1.8V
DDR2-1066 (7-7-7)
M14D1G1664A -2.5BG2D
400MHz
1.8V
DDR2-800 (5-5-5)
M14D1G1664A -3BG2D
333MHz
1.8V
DDR2-667 (5-5-5)
84 ball BGA
Pb-free
Functional Block Diagram
Bank A
Bank H
Bank B


Similar Part No. - M14D1G1664A-2D

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M14D1G1664A-2S ESMT-M14D1G1664A-2S Datasheet
707Kb / 65P
   Internal pipelined double-data-rate architecture; two data access per clock cycle
More results

Similar Description - M14D1G1664A-2D

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M14D1G1664A-2S ESMT-M14D1G1664A-2S Datasheet
707Kb / 65P
   Internal pipelined double-data-rate architecture; two data access per clock cycle
M14D2561616A-2E ESMT-M14D2561616A-2E Datasheet
1Mb / 61P
   Internal pipelined double-data-rate architecture; two data access per clock cycle
M14D128168A ESMT-M14D128168A Datasheet
786Kb / 59P
   Internal pipelined double-data-rate architecture; two data access per clock cycle
M14D5121632A-2K ESMT-M14D5121632A-2K Datasheet
753Kb / 64P
   Internal pipelined double-data-rate architecture; two data access per clock cycle
M14D128168A-2M ESMT-M14D128168A-2M Datasheet
1,023Kb / 59P
   Internal pipelined double-data-rate architecture; two data access per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com