Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M14D1G1664A-2D Datasheet(PDF) 5 Page - Elite Semiconductor Memory Technology Inc.

Part # M14D1G1664A-2D
Description  Internal pipelined double-data-rate architecture; two data access per clock cycle
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M14D1G1664A-2D Datasheet(HTML) 5 Page - Elite Semiconductor Memory Technology Inc.

  M14D1G1664A-2D Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M14D1G1664A-2D Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M14D1G1664A-2D Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M14D1G1664A-2D Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M14D1G1664A-2D Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M14D1G1664A-2D Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M14D1G1664A-2D Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M14D1G1664A-2D Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M14D1G1664A-2D Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
ESMT
M14D1G1664A (2D)
Elite Semiconductor Memory Technology Inc.
Publication Date : Aug. 2013
Revision : 1.3
5/64
Operation Temperature Condition
Parameter
Symbol
Value
Unit
Operation temperature
TC
0 ~ +95
C
°
Note: 1. Operating temperature is the case surface temperature on the center/top side of the DRAM.
2. Supporting 0 to +85℃ with full AC and DC specifications.
Supporting 0 to + 85℃ and being able to extend to + 95 ℃ with doubling auto-refresh commands in frequency to a
32ms period ( tREFI = 3.9
μ s ) and higher temperature Self-Refresh entry via A7 “1” on EMRS(2).
DC Operation Condition & Specifications
DC Operation Condition
(Recommended DC operating conditions)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Supply voltage
VDD
1.7
1.8
1.9
V
4,9
Supply voltage for DLL
VDDL
1.7
1.8
1.9
V
4,9
Supply voltage for output
VDDQ
1.7
1.8
1.9
V
4,9
Input reference voltage
VREF
0.49 x VDDQ
0.5 x VDDQ
0.51 x VDDQ
V
1,2,9
Termination voltage (system)
VTT
VREF - 0.04
VREF
VREF + 0.04
V
3,9
Input logic high voltage
VIH (DC)
VREF + 0.125
-
VDDQ + 0.3
V
Input logic low voltage
VIL (DC)
-0.3
-
VREF - 0.125
V
(All voltages referenced to VSS)
Parameter
Symbol
Value
Unit
Note
Output minimum source DC current ( VDDQ(min); VOUT
=1.42V )
I OH
-13.4
mA
5, 7, 8
Output minimum sink DC current ( VDDQ(min); VOUT =
0.28V )
I OL
+13.4
mA
6, 7, 8
Note:
1. The value of VREF may be selected by the user to provide optimum noise margin in the system. Typically the value of
VREF is expected to be about 0.5 x VDDQ of the transmitting device and VREF is expected to track variations in VDDQ.
2. Peak to peak AC noise on VREF may not exceed ±2% VREF(DC).
3. VTT of transmitting device must track VREF of receiving device.
4. VDDQ and VDDL track VDD. AC parameters are measured with VDD, VDDQ and VDDL tied together.
5. (VOUT-VDDQ) / IOH must be less than 21 ohm for values of VOUT between VDDQ and VDDQ - 280 mV.
6. VOUT / IOL must be less than 21 ohm for values of VOUT between 0V and 280 mV.
7. The DC value of VREF applied to the receiving device is expected to be set to VTT.
8. After OCD calibration to 18Ω at TC = 25℃, VDD = VDDQ = 1.8V.
9. There is no specific device VDD supply voltage requirement for SSTL_18 compliance. However, under all conditions
VDDQ must be less than or equal to VDD.


Similar Part No. - M14D1G1664A-2D

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M14D1G1664A-2S ESMT-M14D1G1664A-2S Datasheet
707Kb / 65P
   Internal pipelined double-data-rate architecture; two data access per clock cycle
More results

Similar Description - M14D1G1664A-2D

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M14D1G1664A-2S ESMT-M14D1G1664A-2S Datasheet
707Kb / 65P
   Internal pipelined double-data-rate architecture; two data access per clock cycle
M14D2561616A-2E ESMT-M14D2561616A-2E Datasheet
1Mb / 61P
   Internal pipelined double-data-rate architecture; two data access per clock cycle
M14D128168A ESMT-M14D128168A Datasheet
786Kb / 59P
   Internal pipelined double-data-rate architecture; two data access per clock cycle
M14D5121632A-2K ESMT-M14D5121632A-2K Datasheet
753Kb / 64P
   Internal pipelined double-data-rate architecture; two data access per clock cycle
M14D128168A-2M ESMT-M14D128168A-2M Datasheet
1,023Kb / 59P
   Internal pipelined double-data-rate architecture; two data access per clock cycle
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
W9412G6JH-5 WINBOND-W9412G6JH-5 Datasheet
1Mb / 53P
   Double Data Rate architecture; two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
logo
Winbond
W631GG6KB-15 WINBOND-W631GG6KB-15 Datasheet
3Mb / 158P
   Double Data Rate architecture: two data transfers per clock cycle
logo
Elite Semiconductor Mem...
M13L2561616A-2A ESMT-M13L2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com