Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1233 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1233
Description  짹15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1233 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1233 Datasheet HTML 1Page - Maxim Integrated Products MAX1233 Datasheet HTML 2Page - Maxim Integrated Products MAX1233 Datasheet HTML 3Page - Maxim Integrated Products MAX1233 Datasheet HTML 4Page - Maxim Integrated Products MAX1233 Datasheet HTML 5Page - Maxim Integrated Products MAX1233 Datasheet HTML 6Page - Maxim Integrated Products MAX1233 Datasheet HTML 7Page - Maxim Integrated Products MAX1233 Datasheet HTML 8Page - Maxim Integrated Products MAX1233 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
±15kV ESD-Protected Touch-Screen
Controllers Include DAC and Keypad Controller
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(DVDD = AVDD = +2.7V to +3.6V (MAX1233), DVDD = AVDD = +4.75V to +5.25V (MAX1234), external reference VREF = 2.5V
(MAX1233), VREF = 4.096V (MAX1234); fSCLK = 10MHz, fSAMPLE = 50ksps, 12-bit mode, 0.1µF capacitor at REF, TA = -40°C to
+85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Capacitance
CIN
15
pF
DIGITAL OUTPUT (DOUT)
ISINK = 2mA
0.4
Output Voltage Low
VOL
ISINK = 4mA
0.8
V
Output Voltage High
VOH
ISOURCE = 1.5mA
DVDD -
0.5
V
DIGITAL OUTPUT (
BUSY, PENIRQ, KEYIRQ, R_, C_)
Output Voltage Low
VOL
ISINK = 0.2mA
0.4
V
Output Voltage High
VOH
ISOURCE = 0.2mA
DVDD -
0.5
V
POWER REQUIREMENTS
MAX1233
2.7
3
3.6
Supply Voltage (Note 12)
AVDD /
DVDD
MAX1234
4.75
5
5.25
V
Idle; all blocks shut down
0.5
5
Only ADC on; fSAMPLE = 20ksps
150
500
Only DAC on; no load
150
230
Analog and Digital Supply
Current
IAVDD +
IDVDD
Only internal reference on
670
900
µA
TIMING CHARACTERISTICS
SCLK Clock Period
tCP
100
ns
SCLK Pulse Width High
tCH
40
ns
SCLK Pulse Width Low
tCL
40
ns
DIN to SCLK Rise Setup
tDS
40
ns
SCLK Rise to DIN Hold
tDH
0ns
SCLK Fall to DOUT Valid
tDOV
CLOAD = 50pF
40
ns
CS Fall to DOUT Enabled
tDV
CLOAD = 50pF
45
ns
CS Rise to DOUT Disabled
tDOD
CLOAD = 50pF
40
ns
CS Fall to SCLK Rise
tCSS
40
ns
CS Fall to SCLK Ignored
tCSH
0ns
SCLK Rise to R_/C_ Data Valid
tGPO
CLOAD = 50pF (Note 13)
230
ns
CS Pulse Width High
tCSW
40
ns
Note 1:
Tested at DVDD = AVDD = +2.7V (MAX1233), DVDD = AVDD = +5V (MAX1234).
Note 2:
Relative accuracy is the deviation of the analog value at any code from its theoretical value after the offset and gain errors
have been removed.
Note 3:
Offset nulled.
Note 4:
Difference between TEMP1 and TEMP2; temperature in °K = (VTEMP2 - VTEMP1)
× 2680°K/V. No calibration is necessary.
Note 5:
Temperature coefficient is -2.1mV/°C. Determine absolute temperature by extrapolating from a calibrated value.
Note 6:
ADC performance is limited by the conversion noise floor, typically 300µVP-P. An external reference below 2.5V can
compromise the ADC performance.
Note 7:
Guaranteed from code 5 to 255.


Similar Part No. - MAX1233

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1233 MAXIM-MAX1233 Datasheet
1Mb / 45P
   ±15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
Rev 3; 8/05
MAX1233 MAXIM-MAX1233 Datasheet
385Kb / 44P
   ±15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
Rev 4; 3/08
MAX1233 MAXIM-MAX1233 Datasheet
264Kb / 12P
   Proven PC Board Layout
Rev 0; 10/02
MAX1233EGI MAXIM-MAX1233EGI Datasheet
1Mb / 45P
   ±15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
Rev 3; 8/05
MAX1233EGI MAXIM-MAX1233EGI Datasheet
385Kb / 44P
   ±15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
Rev 4; 3/08
More results

Similar Description - MAX1233

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1233 MAXIM-MAX1233_08 Datasheet
385Kb / 44P
   ±15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
Rev 4; 3/08
MAX1233 MAXIM-MAX1233_05 Datasheet
1Mb / 45P
   ±15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
Rev 3; 8/05
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com