Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1245BCPP Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1245BCPP
Description  2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1245BCPP Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1245BCPP Datasheet HTML 1Page - Maxim Integrated Products MAX1245BCPP Datasheet HTML 2Page - Maxim Integrated Products MAX1245BCPP Datasheet HTML 3Page - Maxim Integrated Products MAX1245BCPP Datasheet HTML 4Page - Maxim Integrated Products MAX1245BCPP Datasheet HTML 5Page - Maxim Integrated Products MAX1245BCPP Datasheet HTML 6Page - Maxim Integrated Products MAX1245BCPP Datasheet HTML 7Page - Maxim Integrated Products MAX1245BCPP Datasheet HTML 8Page - Maxim Integrated Products MAX1245BCPP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
+2.375V, Low-Power, 8-Channel,
Serial 12-Bit ADC
_______________________________________________________________________________________
5
0.50
0
-55
-30
45
INTEGRAL NONLINEARITY
vs. TEMPERATURE
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
TEMPERATURE (˚C)
20
-5
70
95
145
120
VDD = 2.375V
0.50
0
OFFSET vs. SUPPLY VOLTAGE
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
VDD (V)
2.375
2.875
3.375
3.125
2.625
0.50
0
-55
-30
45
OFFSET vs. TEMPERATURE
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
TEMPERATURE (˚C)
20
-5
70
145
120
95
0.50
0
CHANNEL-TO-CHANNEL OFFSET MATCHING
vs. SUPPLY VOLTAGE
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
VDD (V)
2.375
2.875
3.375
3.125
2.625
0.50
0
-55
-30
20
GAIN ERROR
vs. TEMPERATURE
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
TEMPERATURE (˚C)
-5
45
120 145
95
70
0.50
0
-55
-30
45
CHANNEL-TO-CHANNEL OFFSET MATCHING
vs. TEMPERATURE
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
TEMPERATURE (˚C)
20
-5
70
145
120
95
0.50
0
GAIN ERROR
vs. SUPPLY VOLTAGE
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
VDD (V)
2.375
2.875
3.375
3.125
2.625
0.50
0
CHANNEL-TO-CHANNEL GAIN MATCHING
vs. SUPPLY VOLTAGE
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
VDD (V)
2.375
2.875
3.375
3.125
2.625
0.50
0
-55
-30
20
CHANNEL-TO-CHANNEL GAIN MATCHING
vs. TEMPERATURE
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
TEMPERATURE (˚C)
-5
45
145
120
95
70
____________________________Typical Operating Characteristics (continued)
(VDD = 2.5V, VREF = 2.048V, fCLK = 1.5MHz, CLOAD = 20pF, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1245BCPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1245BCPP MAXIM-MAX1245BCPP Datasheet
249Kb / 21P
   2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
Rev 1; 11/09
More results

Similar Description - MAX1245BCPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1245 MAXIM-MAX1245_09 Datasheet
249Kb / 21P
   2.375V, Low-Power, 8-Channel, Serial 12-Bit ADC
Rev 1; 11/09
MAX192 MAXIM-MAX192 Datasheet
201Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev 1; 6/02
MAX192BCPP MAXIM-MAX192BCPP Datasheet
202Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev. 1; 4/97
logo
Zentrum Mikroelektronik...
ZADCS146 ZMD-ZADCS146 Datasheet
557Kb / 19P
   12-Bit, 200ksps, 8-Channel, Serial Output ADC
logo
Maxim Integrated Produc...
MAX19777 MAXIM-MAX19777 Datasheet
1Mb / 19P
   3Msps, Low-Power, Serial 12-Bit ADC
2017
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
logo
Texas Instruments
TLV2553IPW TI-TLV2553IPW Datasheet
984Kb / 29P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553 TI-TLV2553 Datasheet
456Kb / 28P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553-Q1 TI1-TLV2553-Q1 Datasheet
401Kb / 28P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com