Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1242BCSA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1242BCSA
Description  2.7V to %.25V, Low-Power, 10-Bit Serial ADCs in SO-8
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1242BCSA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1242BCSA Datasheet HTML 1Page - Maxim Integrated Products MAX1242BCSA Datasheet HTML 2Page - Maxim Integrated Products MAX1242BCSA Datasheet HTML 3Page - Maxim Integrated Products MAX1242BCSA Datasheet HTML 4Page - Maxim Integrated Products MAX1242BCSA Datasheet HTML 5Page - Maxim Integrated Products MAX1242BCSA Datasheet HTML 6Page - Maxim Integrated Products MAX1242BCSA Datasheet HTML 7Page - Maxim Integrated Products MAX1242BCSA Datasheet HTML 8Page - Maxim Integrated Products MAX1242BCSA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
+2.7V to +5.25V, Low-Power, 10-Bit
Serial ADCs in SO-8
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +5.25V; 73ksps; fSCLK = 2.1MHz (50% duty cycle); MAX1242—4.7µF capacitor at REF pin, MAX1243—external
reference; VREF = 2.5V applied to REF pin; TA = TMIN to TMAX; unless otherwise noted.)
Capacitive Bypass at REF
4.7
µF
Load Regulation (Note 5)
0.35
mV
0mA to 0.2mA output load
REF Temperature Coefficient
±30
ppm/°C
MAX1242
REF Short-Circuit Current
30
mA
REF Output Voltage
2.470
2.500
2.530
V
TA = +25°C (Note 4)
Power-Supply Rejection (Note 7)
PSR
VDD = VDD(min) to VDD(max), full-scale input
1.00
VDD +
50mV
Supply Current
IDD
3.0
0.8
VDD > 3.6V
ISINK = 16mA
Output Voltage High
SCLK, CS Input High Voltage
VIH
2.0
V
SCLK, CS Input Low Voltage
Capacitive Bypass at REF
0.1
µF
VIL
0.8
VDD ≤ 3.6V
V
VOH
VDD - 0.5
V
Three-State Leakage Current
IL
±0.01
±10
ISOURCE = 0.5mA
µA
CS = VDD
Three-State Output Capacitance
COUT
15
pF
CS = VDD (Note 6)
Output Voltage Low
VOL
0.4
V
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
ISINK = 5MA
SHDN Input Mid Voltage
VSM
1.1
VDD - 1.1
V
SHDN Voltage, Floating
VFLT
VDD / 2
V
SHDN Max Allowed Leakage,
Mid Input
±100
SHDN = float
nA
SHDN = float
SCLK, CS Input Capacitance
Input Voltage Range
V
CIN
15
pF
SHDN Input High Voltage
VSH
VDD - 0.4
(Note 6)
V
SHDN Input Low Voltage
VSL
0.4
V
Input Resistance
SHDN Input Current
±4.0
18
25
k
REF Input Current in Shutdown
µA
SHDN = 0V or VDD
SCLK, CS Input Hysteresis
VHYST
±0.01
10
µA
SHDN = 0V
CONDITIONS
Input Current
0.2
V
SCLK, CS Input Leakage
IIN
±0.01
±1
100
150
µA
µA
VIN = 0V or VDD
Operating mode (MAX1242)
VDD = 5.25V
Operating mode (MAX1243)
VDD = 5.25V
VDD = 3.6V
Power-down
VDD = 5.25V
VDD = 3.6V
Supply Voltage
VDD
V
VDD = 3.6V
1.9
10
3.5
15
±0.3
1.6
2.5
0.9
1.5
1.8
3.0
1.4
2.0
2.7
5.25
mA
µA
mV
Operating mode (MAX1242)
EXTERNAL REFERENCE (VREF = 2.5V)
INTERNAL REFERENCE (MAX1242 only)
DIGITAL INPUTS: SCLK, C
CS
S, S
SH
HD
DN
N
DIGITAL OUTPUT: DOUT
POWER REQUIREMENTS


Similar Part No. - MAX1242BCSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1242BEPA++ MAXIM-MAX1242BEPA+ Datasheet
171Kb / 13P
   2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8
2012
MAX1242BESA++ MAXIM-MAX1242BESA+ Datasheet
171Kb / 13P
   2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8
2012
More results

Similar Description - MAX1242BCSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1242 MAXIM-MAX1242_V01 Datasheet
171Kb / 13P
   2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8
2012
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX148 MAXIM-MAX148 Datasheet
221Kb / 24P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
MAX148 MAXIM-MAX148_09 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 3; 5/09
MAX148 MAXIM-MAX148_10 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 4; 1/10
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com