Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX125BCAX Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX125BCAX
Description  2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX125BCAX Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX125BCAX Datasheet HTML 3Page - Maxim Integrated Products MAX125BCAX Datasheet HTML 4Page - Maxim Integrated Products MAX125BCAX Datasheet HTML 5Page - Maxim Integrated Products MAX125BCAX Datasheet HTML 6Page - Maxim Integrated Products MAX125BCAX Datasheet HTML 7Page - Maxim Integrated Products MAX125BCAX Datasheet HTML 8Page - Maxim Integrated Products MAX125BCAX Datasheet HTML 9Page - Maxim Integrated Products MAX125BCAX Datasheet HTML 10Page - Maxim Integrated Products MAX125BCAX Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
+2.7V to +5.25V, Low-Power, 4-Channel,
Serial 10-Bit ADCs in QSOP-16
_______________________________________________________________________________________
7
NAME
FUNCTION
1
VDD
Positive Supply Voltage
2–5
CH0–CH3
Sampling Analog Inputs
PIN
6
COM
Ground reference for analog inputs. Sets zero-code voltage in single-ended mode. Must be stable to
±0.5LSB.
7
SHDN
Three-Level Shutdown Input. Pulling SHDN low shuts the MAX1248/MAX1249 down; otherwise, the
devices are fully operational. Pulling SHDN high puts the reference-buffer amplifier in internal compen-
sation mode. Letting SHDN float puts the reference-buffer amplifier in external compensation mode.
12
DOUT
Serial Data Output. Data is clocked out at SCLK’s falling edge. High impedance when CS is high.
11
DGND
Digital Ground
9
REFADJ
Input to the Reference-Buffer Amplifier. To disable the reference-buffer amplifier, tie REFADJ to VDD.
8
VREF
Reference-Buffer Output/ADC Reference Input. Reference voltage for analog-to-digital conversion. In
internal reference mode (MAX1248 only), the reference buffer provides a 2.500V nominal output,
externally adjustable at REFADJ. In external reference mode, disable the internal buffer by pulling
REFADJ to VDD.
16
SCLK
Serial Clock Input. Clocks data in and out of serial interface. In external clock mode, SCLK also sets
the conversion speed. (Duty cycle must be 40% to 60%.)
15
CS
Active-Low Chip Select. Data will not be clocked into DIN unless CS is low. When CS is high, DOUT is
high impedance.
14
DIN
Serial Data Input. Data is clocked in at SCLK’s rising edge.
13
SSTRB
Serial Strobe Output. In internal clock mode, SSTRB goes low when the MAX1248/MAX1249 begin the
A/D conversion and goes high when the conversion is completed. In external clock mode, SSTRB
pulses high for one clock period before the MSB decision. High impedance when CS is high (external
clock mode).
______________________________________________________________Pin Description
VDD
6k
DGND
DOUT
CLOAD
50pF
CLOAD
50pF
DGND
6k
DOUT
a) High-Z to VOH and VOL to VOH
b) High-Z to VOL and VOH to VOL
VDD
6k
DGND
DOUT
CLOAD
50pF
CLOAD
50pF
DGND
6k
DOUT
a) VOH to High-Z
b) VOL to High-Z
Figure 1. Load Circuits for Enable Time
Figure 2. Load Circuits for Disable Time
10
AGND
Analog Ground


Similar Part No. - MAX125BCAX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX125 MAXIM-MAX125 Datasheet
636Kb / 15P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 2; 6/07
MAX125 MAXIM-MAX125 Datasheet
379Kb / 15P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 3; 7/08
MAX125 MAXIM-MAX125 Datasheet
276Kb / 20P
   Complete Evaluation System Samples to 40ksps
Rev 0; 10/97
MAX12527 MAXIM-MAX12527 Datasheet
649Kb / 28P
   Dual, 65Msps, 12-Bit, IF/Baseband ADC
Rev 0; 2/05
MAX12527 MAXIM-MAX12527 Datasheet
400Kb / 30P
   Dual, 96Msps, 14-Bit, IF/Baseband ADC
Rev 1; 4/07
More results

Similar Description - MAX125BCAX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX125 MAXIM-MAX125_08 Datasheet
379Kb / 15P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 3; 7/08
MAX125 MAXIM-MAX125 Datasheet
636Kb / 15P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 2; 6/07
logo
Analog Devices
AD7607 AD-AD7607_16 Datasheet
779Kb / 33P
   8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
logo
Maxim Integrated Produc...
MAX115-MAX116 MAXIM-MAX115-MAX116 Datasheet
215Kb / 14P
   2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
logo
Analog Devices
AD7607 AD-AD7607_17 Datasheet
869Kb / 33P
   8-Channel DAS with 14-Bit, Bipolar Input Simultaneous Sampling ADC
AD7607 AD-AD7607 Datasheet
681Kb / 32P
   8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
REV. B
AD7617 AD-AD7617 Datasheet
947Kb / 52P
   16-Channel DAS with 14-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
AD7608 AD-AD7608 Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD4858 AD-AD4858 Datasheet
2Mb / 70P
   Buffered, 8-Channel Simultaneous Sampling, 20-Bit 1 MSPS DAS
Rev. 0
AD7608 AD-AD7608_17 Datasheet
725Kb / 33P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com