Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRL2203NSPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRL2203NSPBF
Description  Advanced Process Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL2203NSPBF Datasheet(HTML) 2 Page - International Rectifier

  IRL2203NSPBF Datasheet HTML 1Page - International Rectifier IRL2203NSPBF Datasheet HTML 2Page - International Rectifier IRL2203NSPBF Datasheet HTML 3Page - International Rectifier IRL2203NSPBF Datasheet HTML 4Page - International Rectifier IRL2203NSPBF Datasheet HTML 5Page - International Rectifier IRL2203NSPBF Datasheet HTML 6Page - International Rectifier IRL2203NSPBF Datasheet HTML 7Page - International Rectifier IRL2203NSPBF Datasheet HTML 8Page - International Rectifier IRL2203NSPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRL2203NS/LPbF
2
www.irf.com
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
‚ Starting TJ = 25°C, L = 0.16mH RG = 25Ω,
IAS = 60A, VGS=10V (See Figure 12)
ƒ ISD ≤ 60A, di/dt ≤ 110A/µs, VDD ≤ V(BR)DSS,
TJ
≤ 175°C
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Notes:
… This is a typical value at device destruction and represents
operation outside rated limits.
† This is a calculated value limited to TJ = 175°C .
‡ Calculated continuous current based on maximum allowable
junction temperature. Package limitation current is 75A.
ˆ When mounted on 1" square PCB (FR-4 or G-10 Material). For
recommended footprint and soldering techniques refer to
application note #AN-994.
‰ Rθ is measured at TJ approximately 90°C
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min
Typ
Max Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.029
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
7.0
–––
–––
10
VGS(th)
Gate Threshold Voltage
1.0
–––
3.0
V
gfs
Forward Transconductance
73
–––
–––
S
IDSS
Drain-to-Source Leakage Current
–––
–––
25
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
Qg
Total Gate Charge
–––
–––
60
Qgs
Gate-to-Source Charge
–––
–––
14
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
33
RG
Gate Resistance
0.2
–––
3.0
td(on)
Turn-On Delay Time
–––
11
–––
tr
Rise Time
–––
160
–––
td(off)
Turn-Off Delay Time
–––
23
–––
tf
Fall Time
–––
66
–––
Between lead,
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
3290
–––
Coss
Output Capacitance
–––
1270
–––
Crss
Reverse Transfer Capacitance
–––
170
–––
EAS
Single Pulse Avalanche Energy
d
––– 1320 g 290 h
mJ
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min
Typ
Max Units
IS
Continuous Source Current
(Body Diode)
A
ISM
Pulsed Source Current
(Body Diode)Ù
VSD
Diode Forward Voltage
–––
–––
1.2
V
trr
Reverse Recovery Time
–––
56
84
ns
Qrr
Reverse Recovery Charge
–––
110
170
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
di/dt = 100A/µs
f
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VDS = VGS, ID = 250µA
VDS = 30V, VGS = 0V
VDS = 24V, VGS = 0V, TJ = 125°C
IAS = 60A, L = 0.16mH
VGS = 4.5V, See Fig. 6 and 13
integral reverse
p-n junction diode.
TJ = 25°C, IS = 60A, VGS = 0V f
TJ = 25°C, IF = 60A
VGS = 16V
VGS = -16V
MOSFET symbol
showing the
VDD = 15V
ID = 60A
RG = 1.8Ω
ID = 60A
VDS = 24V
Conditions
VGS = 4.5V, See Fig. 10
f
VGS = 0V
VDS = 25V
ƒ = 1.0MHz, See Fig. 5
µA
VDS = 25V, ID = 60A f
VGS = 10V, ID = 60A f
VGS = 4.5V, ID = 48A f
–––
116
i
nA
nC
Nh
pF
–––
–––
400
Internal Drain Inductance
Internal Source Inductance
4.5
–––
7.5
–––
–––
LD
LS
–––
–––


Similar Part No. - IRL2203NSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL2203NSPBF IRF-IRL2203NSPBF Datasheet
231Kb / 11P
   HEXFET짰 Power MOSFET
IRL2203NSPBF IRF-IRL2203NSPBF Datasheet
295Kb / 10P
   Advanced Process Technology
More results

Similar Description - IRL2203NSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com