Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1265AEEI Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1265AEEI
Description  265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1265AEEI Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1265AEEI Datasheet HTML 1Page - Maxim Integrated Products MAX1265AEEI Datasheet HTML 2Page - Maxim Integrated Products MAX1265AEEI Datasheet HTML 3Page - Maxim Integrated Products MAX1265AEEI Datasheet HTML 4Page - Maxim Integrated Products MAX1265AEEI Datasheet HTML 5Page - Maxim Integrated Products MAX1265AEEI Datasheet HTML 6Page - Maxim Integrated Products MAX1265AEEI Datasheet HTML 7Page - Maxim Integrated Products MAX1265AEEI Datasheet HTML 8Page - Maxim Integrated Products MAX1265AEEI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
265ksps, +3V, 6-/2-Channel, 12-Bit ADCs
with +2.5V Reference and Parallel Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +2.7V to +3.6V, COM = GND, REFADJ = VDD, VREF = +2.5V, 4.7µF capacitor at REF pin, fCLK = 4.8MHz (50% duty cycle),
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ..............................................................-0.3V to +6V
CH0–CH5, COM to GND ............................-0.3V to (VDD + 0.3V)
REF, REFADJ to GND.................................-0.3V to (VDD + 0.3V)
Digital Inputs to GND ...............................................-0.3V to +6V
Digital Outputs (D0–D11, INT) to GND.......-0.3V to (VDD + 0.3V)
Continuous Power Dissipation (TA = +70°C)
24-Pin QSOP (derate 9.5mW/°C above +70°C)..........762mW
28-Pin QSOP (derate 8.0mW/°C above +70°C)..........667mW
Operating Temperature Ranges
MAX1265_C_ _ /MAX1267_C_ _ ........................0°C to +70°C
MAX1265_E_ _ /MAX1267_E_ _ ......................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
External acquisition or external clock mode
Internal acquisition/internal clock mode
MAX126_A
External acquisition/internal clock mode
External clock mode
-3dB rolloff
SINAD > 68dB
fIN = 125kHz (Note 4)
fIN1 = 49kHz, fIN2 = 52kHz
MAX126_B
No missing codes overtemperature
(Note 3)
CONDITIONS
ns
50
Aperture Delay
ns
625
tACQ
Track/Hold Acquisition Time
3.2
3.6
4.1
2.5
3.0
3.5
µs
3.3
tCONV
Conversion Time (Note 5)
MHz
3
Full-Power Bandwidth
kHz
250
Full-Linear Bandwidth
dB
-78
Channel-to-Channel Crosstalk
dB
76
IMD
Intermodulation Distortion
dB
80
SFDR
Spurious-Free Dynamic Range
dB
Total Harmonic Distortion
(Including 5th-Order Harmonic)
-78
THD
±0.5
INL
Relative Accuracy (Note 2)
Bits
12
RES
Resolution
dB
67
70
SINAD
Signal-to-Noise Plus Distortion
LSB
±0.2
Channel-to-Channel Offset
Matching
ppm/°C
±2.0
Gain Temperature Coefficient
LSB
±1
LSB
±1
DNL
Differential Nonlinearity
LSB
±4
Offset Error
LSB
±4
Gain Error
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Internal acquisition/internal clock mode
External acquisition or external clock mode
<200
ps
<50
Aperture Jitter
MHz
0.1
4.8
fCLK
External Clock Frequency
%
30
70
Duty Cycle
DC ACCURACY (Note 1)
DYNAMIC SPECIFICATIONS (fIN(sine-wave) = 50kHz, VIN = 2.5VP-P, 265ksps, external fCLK = 4.8MHz, bipolar input mode)
CONVERSION RATE


Similar Part No. - MAX1265AEEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX126 MAXIM-MAX126 Datasheet
122Kb / 16P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
19-1072; Rev 2; 5/98
MAX126 MAXIM-MAX126 Datasheet
379Kb / 15P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 3; 7/08
MAX126 MAXIM-MAX126 Datasheet
276Kb / 20P
   Complete Evaluation System Samples to 40ksps
Rev 0; 10/97
MAX1261 MAXIM-MAX1261 Datasheet
292Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1261ACEI MAXIM-MAX1261ACEI Datasheet
292Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
More results

Similar Description - MAX1265AEEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1295 MAXIM-MAX1295 Datasheet
228Kb / 20P
   265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1530; Rev 0; 9/99
MAX1294 MAXIM-MAX1294 Datasheet
226Kb / 20P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1533; Rev 0; 9/99
MAX1294 MAXIM-MAX1294_V01 Datasheet
392Kb / 19P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1266 MAXIM-MAX1266 Datasheet
390Kb / 19P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1291 MAXIM-MAX1291_V01 Datasheet
366Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1261 MAXIM-MAX1261 Datasheet
292Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1291 MAXIM-MAX1291 Datasheet
374Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 2/00
MAX1091 MAXIM-MAX1091 Datasheet
405Kb / 20P
   250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 2; 12/02
MAX1061 MAXIM-MAX1061 Datasheet
232Kb / 20P
   250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 3/09
MAX1292 MAXIM-MAX1292 Datasheet
382Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com