Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1270BCNG Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1270BCNG
Description  Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1270BCNG Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1270BCNG Datasheet HTML 7Page - Maxim Integrated Products MAX1270BCNG Datasheet HTML 8Page - Maxim Integrated Products MAX1270BCNG Datasheet HTML 9Page - Maxim Integrated Products MAX1270BCNG Datasheet HTML 10Page - Maxim Integrated Products MAX1270BCNG Datasheet HTML 11Page - Maxim Integrated Products MAX1270BCNG Datasheet HTML 12Page - Maxim Integrated Products MAX1270BCNG Datasheet HTML 13Page - Maxim Integrated Products MAX1270BCNG Datasheet HTML 14Page - Maxim Integrated Products MAX1270BCNG Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Multirange, +5V, 8-Channel,
Serial 12-Bit ADCs
______________________________________________________________________________________
11
Table 1. Control-Byte Format
BIT 7
(MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(LSB)
START
SEL2
SEL1
SEL0
RNG
BIP
PD1
PD0
BIT
NAME
DESCRIPTION
7 (MSB)
START
First logic 1 after CS goes low defines the beginning of the control byte.
6, 5, 4
SEL2, SEL1,
SEL0
These 3 bits select the desired “on” channel (Table 2).
3
RNG
Selects the full-scale input voltage range (Table 3).
2
BIP
Selects the unipolar or bipolar conversion mode (Table 3).
1, 0 (LSB)
PD1, PD0
Select clock and power-down modes (Table 4).
Table 2. Channel Selection
SEL2
SEL1
SEL0
CHANNEL
000
CH0
001
CH1
010
CH2
011
CH3
100
CH4
101
CH5
110
CH6
111
CH7
Table 4. Power-Down and Clock Selection
PD1
PD0
MODE
00
Normal operation (always on), internal clock
mode.
01
Normal operation (always on), external clock
mode.
10
Standby power-down mode (STBYPD), clock
mode unaffected.
11
Full power-down mode (FULLPD), clock mode
unaffected.
Table 3. Range and Polarity Selection for MAX1270/MAX1271
RANGE AND POLARITY SELECTION FOR THE MAX1270
INPUT RANGE
RNG
BIP
Negative
FULL SCALE
ZERO
SCALE (V)
FULL SCALE
0 to +5V
0
0
0
VREF x 1.2207
0 to +10V
1
0
0
VREF x 2.4414
±5V
0
1
-VREF x 1.2207
0
VREF x 1.2207
±10V
1
1
-VREF x 2.4414
0
VREF x 2.4414
RANGE AND POLARITY SELECTION FOR THE MAX1271
INPUT RANGE
RNG
BIP
Negative
FULL SCALE
ZERO
SCALE (V)
FULL SCALE
0 to VREF/2
0
0
0
VREF/2
0 to VREF
10
0
VREF
±VREF/2
0
1
-VREF/2
0
VREF/2
±VREF
11
-VREF
0VREF


Similar Part No. - MAX1270BCNG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1270BCNG MAXIM-MAX1270BCNG Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
More results

Similar Description - MAX1270BCNG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1302 MAXIM-MAX1302 Datasheet
1Mb / 31P
   8-/4-Channel, VREF Multirange Inputs, Serial 16-Bit ADCs
Rev 0; 5/05
MAX1034 MAXIM-MAX1034 Datasheet
832Kb / 31P
   8-/4-Channel, 짹VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 0; 5/05
MAX1032 MAXIM-MAX1032 Datasheet
724Kb / 31P
   8-/4-Channel, 짹12V Multirange Inputs, Serial 14-Bit ADCs
Rev 1; 8/06
MAX1300 MAXIM-MAX1300 Datasheet
977Kb / 31P
   8-/4-Channel, 12V Multirange Inputs, Serial 16-Bit ADCs
Rev 1; 11/06
MAX1034 MAXIM-MAX1034_12 Datasheet
431Kb / 31P
   8-/4-Channel, ±VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 2; 3/12
MAX1202 MAXIM-MAX1202 Datasheet
309Kb / 24P
   5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
19-1173; Rev 2; 5/98
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
   5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
MAX187 MAXIM-MAX187 Datasheet
177Kb / 20P
   5V, Low-Power, 12-Bit Serial ADCs
19-0196; Rev 0; 10/93
MAX187 MAXIM-MAX187_V01 Datasheet
459Kb / 18P
   5V, Low-Power, 12-Bit Serial ADCs
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com