Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAP65-05W Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAP65-05W
Description  Silicon PIN diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAP65-05W Datasheet(HTML) 3 Page - NXP Semiconductors

  BAP65-05W_15 Datasheet HTML 1Page - NXP Semiconductors BAP65-05W_15 Datasheet HTML 2Page - NXP Semiconductors BAP65-05W_15 Datasheet HTML 3Page - NXP Semiconductors BAP65-05W_15 Datasheet HTML 4Page - NXP Semiconductors BAP65-05W_15 Datasheet HTML 5Page - NXP Semiconductors BAP65-05W_15 Datasheet HTML 6Page - NXP Semiconductors BAP65-05W_15 Datasheet HTML 7Page - NXP Semiconductors BAP65-05W_15 Datasheet HTML 8Page - NXP Semiconductors BAP65-05W_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BAP65-05W
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 27 September 2010
3 of 9
NXP Semiconductors
BAP65-05W
Silicon PIN diode
[1]
Guaranteed on AQL basis: inspection level S4, AQL 1.0.
s
21
2
insertion loss
IF = 1 mA; f = 900 MHz
-
0.11
-
dB
IF = 1 mA; f = 1800 MHz
-
0.17
-
dB
IF = 1 mA; f = 2450 MHz
-
0.24
-
dB
s
21
2
insertion loss
IF = 5 mA; f = 900 MHz
-
0.08
-
dB
IF = 5 mA; f = 1800 MHz
-
0.14
-
dB
IF = 5 mA; f = 2450 MHz
-
0.21
-
dB
s
21
2
insertion loss
IF = 10 mA; f = 900 MHz
-
0.08
-
dB
IF = 10 mA; f = 1800 MHz
-
0.14
-
dB
IF = 10 mA; f = 2450 MHz
-
0.21
-
dB
s
21
2
insertion loss
IF = 100 mA; f = 900 MHz
-
0.06
-
dB
IF = 100 mA; f = 1800 MHz
-
0.13
-
dB
IF = 100 mA; f = 2450 MHz
-0.2
-dB
L
charge carrier life time
when switched from
IF =10mA to IR =6mA;
RL =100 ; measured at
IR =3mA
-0.17
-
s
LS
series inductance
IF = 100 mA; f = 100 MHz
-
1.4
-
nH
Table 6.
Characteristics …continued
Tj = 25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - BAP65-05W_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BAP65-05W JMNIC-BAP65-05W_15 Datasheet
74Kb / 8P
   Silicon PIN diode
More results

Similar Description - BAP65-05W_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com