Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRL3705ZPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRL3705ZPBF
Description  ADVANCED PROCESS TECHNOLOGY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL3705ZPBF Datasheet(HTML) 2 Page - International Rectifier

  IRL3705ZPBF_15 Datasheet HTML 1Page - International Rectifier IRL3705ZPBF_15 Datasheet HTML 2Page - International Rectifier IRL3705ZPBF_15 Datasheet HTML 3Page - International Rectifier IRL3705ZPBF_15 Datasheet HTML 4Page - International Rectifier IRL3705ZPBF_15 Datasheet HTML 5Page - International Rectifier IRL3705ZPBF_15 Datasheet HTML 6Page - International Rectifier IRL3705ZPBF_15 Datasheet HTML 7Page - International Rectifier IRL3705ZPBF_15 Datasheet HTML 8Page - International Rectifier IRL3705ZPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IRL3705Z/S/LPbF
2
www.irf.com
S
D
G
S
D
G
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
–––
–––
V
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.055
–––
V/°C
–––
6.5
8.0
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
11
m
–––
–––
12
VGS(th)
Gate Threshold Voltage
1.0
–––
3.0
V
gfs
Forward Transconductance
150
–––
–––
V
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
nA
Gate-to-Source Reverse Leakage
–––
–––
-200
Qg
Total Gate Charge
–––
40
60
Qgs
Gate-to-Source Charge
–––
12
–––
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
21
–––
td(on)
Turn-On Delay Time
–––
17
–––
tr
Rise Time
–––
240
–––
ns
td(off)
Turn-Off Delay Time
–––
26
–––
tf
Fall Time
–––
83
–––
LD
Internal Drain Inductance
–––
4.5
–––
Between lead,
nH
6mm (0.25in.)
LS
Internal Source Inductance
–––
7.5
–––
from package
and center of die contact
Ciss
Input Capacitance
–––
2880
–––
Coss
Output Capacitance
–––
420
–––
Crss
Reverse Transfer Capacitance
–––
220
–––
pF
Coss
Output Capacitance
–––
1500
–––
Coss
Output Capacitance
–––
330
–––
Coss eff.
Effective Output Capacitance
–––
510
–––
Source-Drain Ratings and Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
75
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
340
(Body Diode)
Ù
VSD
Diode Forward Voltage–––
–––
1.3
V
trr
Reverse Recovery Time
–––
1624ns
Qrr
Reverse Recovery Charge–––
7.4
11
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
VGS = 5.0V e
VDD = 28V
ID = 43A
RG = 4.3
TJ = 25°C, IS = 52A, VGS = 0V e
TJ = 25°C, IF = 43A, VDD = 28V
di/dt = 100A/µs
e
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 52A e
VDS = VGS, ID = 250µA
VDS = 55V, VGS = 0V
VDS = 55V, VGS = 0V, TJ = 125°C
MOSFET symbol
showing the
integral reverse
p-n junction diode.
Conditions
VGS = 5.0V e
VGS = 0V
VDS = 25V
ƒ = 1.0MHz
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
VGS = 0V, VDS = 44V, ƒ = 1.0MHz
VGS = 0V, VDS = 0V to 44V f
VGS = 5.0V, ID = 43A e
VDS = 25V, ID = 52A
ID = 43A
VDS = 44V
VGS = 16V
VGS = -16V
VGS = 4.5V, ID = 30A e


Similar Part No. - IRL3705ZPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3705ZPBF IRF-IRL3705ZPBF Datasheet
289Kb / 13P
   HEXFET짰 Power MOSFET
More results

Similar Description - IRL3705ZPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com