Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1282 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1282
Description  300ksps/400ksps, Single-Supply, 4-Channel, Serial 12-Bit ADCs with Internal Reference
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1282 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1282 Datasheet HTML 1Page - Maxim Integrated Products MAX1282 Datasheet HTML 2Page - Maxim Integrated Products MAX1282 Datasheet HTML 3Page - Maxim Integrated Products MAX1282 Datasheet HTML 4Page - Maxim Integrated Products MAX1282 Datasheet HTML 5Page - Maxim Integrated Products MAX1282 Datasheet HTML 6Page - Maxim Integrated Products MAX1282 Datasheet HTML 7Page - Maxim Integrated Products MAX1282 Datasheet HTML 8Page - Maxim Integrated Products MAX1282 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
300ksps/400ksps, Single-Supply, 4-Channel,
Serial 12-Bit ADCs with Internal Reference
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—MAX1282 (continued)
(VDD1 = VDD2 = +4.5V to +5.5V, COM = GND, fOSC = 6.4MHz, 50% duty cycle, 16 clocks/conversion cycle (400ksps), external
+2.5V at REF, REFADJ = VDD1, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
To power down the internal reference
For small adjustments, from 1.22V
0 to 1mA output load
On/off leakage current, VCOM, VCH_ = 0 or
VDD1
TA = +25°C
Bipolar, VCOM or VCH_ = VREF/2, referenced
to COM or CH_
Unipolar, VCOM = 0
V/V
+2.05
Buffer Voltage Gain
V
1.4
VDD1 - 1.0
REFADJ Buffer Disable
Threshold
mV
±100
REFADJ Input Range
V
1.22
REFADJ Output Voltage
µF
0.01
10
Capacitive Bypass at REFADJ
µF
4.7
10
Capacitive Bypass at REF
mV/mA
0.05
2.0
Load Regulation (Note 7)
ppm/°C
±15
TC VREF
REF Output Temperature
Coefficient
mA
15
REF Short-Circuit Current
V
2.480
2.500
2.520
VREF
REF Output Voltage
pF
18
Input Capacitance
µA
±0.001
±1
Multiplexer Leakage Current
±VREF/2
V
VREF
VCH_
Input Voltage Range, Single-
Ended and Differential (Note 6)
VIN = 0 or VDD2
In full power-down mode, fSCLK = 0
VREF = 2.500V, fSCLK = 0
VREF = 2.500V, fSCLK = fMAX
(Note 8)
pF
CIN
Input Capacitance
µA
±1
IIN
Input Leakage
V
0.2
VHYST
Input Hysteresis
V
0.8
VINL
Input Low Voltage
V
3.0
VINH
Input High Voltage
5
320
µA
200
350
REF Input Current
V
1.0
VDD1 +
50mV
REF Input Voltage Range
ISINK = 5mA
V
0.4
VOL
Output Voltage Low
15
ISOURCE = 1mA
V
4
VOH
Output Voltage High
CS = VDD2
µA
±10
IL
Three-State Leakage Current
CS = VDD2
pF
15
COUT
Three-State Output Capacitance
ANALOG INPUTS (CH3–CH0, COM)
EXTERNAL REFERENCE (reference buffer disabled, reference applied to REF)
INTERNAL REFERENCE
DIGITAL INPUTS (DIN, SCLK, CS, SHDN)
DIGITAL OUTPUTS (DOUT, SSTRB)


Similar Part No. - MAX1282

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1282EVC16 MAXIM-MAX1282EVC16 Datasheet
110Kb / 6P
   Fully Assembled and Tested
Rev 1; 5/07
MAX1282EVKIT MAXIM-MAX1282EVKIT Datasheet
110Kb / 6P
   Fully Assembled and Tested
Rev 1; 5/07
More results

Similar Description - MAX1282

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1082 MAXIM-MAX1082_V01 Datasheet
250Kb / 23P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
2014
MAX1082 MAXIM-MAX1082_12 Datasheet
358Kb / 23P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
Rev 1; 9/12
MAX1082 MAXIM-MAX1082 Datasheet
315Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
19-1690 Rev 0; 5/00
MAX1284 MAXIM-MAX1284_V01 Datasheet
187Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
2010
MAX1284-MAX1285 MAXIM-MAX1284-MAX1285 Datasheet
210Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
MAX1280 MAXIM-MAX1280 Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
MAX1280 MAXIM-MAX1280_V01 Datasheet
450Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
MAX1084 MAXIM-MAX1084_V01 Datasheet
375Kb / 16P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
2010
MAX1084 MAXIM-MAX1084 Datasheet
235Kb / 16P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
19-1686; Rev 0; 5/00
MAX1080 MAXIM-MAX1080 Datasheet
550Kb / 24P
   300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
19-1685; Rev 0; 5/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com