Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1283BEUE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1283BEUE
Description  300ksps/400ksps, Single-Supply, 4-Channel, Serial 12-Bit ADCs with Internal Reference
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1283BEUE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1283BEUE Datasheet HTML 5Page - Maxim Integrated Products MAX1283BEUE Datasheet HTML 6Page - Maxim Integrated Products MAX1283BEUE Datasheet HTML 7Page - Maxim Integrated Products MAX1283BEUE Datasheet HTML 8Page - Maxim Integrated Products MAX1283BEUE Datasheet HTML 9Page - Maxim Integrated Products MAX1283BEUE Datasheet HTML 10Page - Maxim Integrated Products MAX1283BEUE Datasheet HTML 11Page - Maxim Integrated Products MAX1283BEUE Datasheet HTML 12Page - Maxim Integrated Products MAX1283BEUE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
300ksps/400ksps, Single-Supply, 4-Channel,
Serial 12-Bit ADCs with Internal Reference
_______________________________________________________________________________________
9
2.4988
2.4992
2.4990
2.4996
2.4994
2.5000
2.4998
2.5002
-40
0
20
-20
40
60
80
100
REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
MAX1283
MAX1282
-2.0
-1.0
-1.5
0.5
-0.5
0
1.5
1.0
2.0
OFFSET ERROR vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
2.5
3.0
4.5
3.5
4.0
5.0
5.5
-2.5
-1.5
-2.0
-0.5
-1.0
0
0.5
-40
10
-15
35
60
85
OFFSET ERROR vs. TEMPERATURE
TEMPERATURE (
°C)
-1.0
0
0.4
0.2
-0.4
-0.6
-0.8
-0.2
0.6
0.8
1.0
2.5
3.0
4.5
3.5
4.0
5.0
5.5
GAIN ERROR vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
-2.0
-1.5
-0.5
-1.0
0
0.5
GAIN ERROR vs. TEMPERATURE
TEMPERATURE (
°C)
-40
10
-15
35
60
85
Typical Operating Characteristics (continued)
(MAX1282: VDD1 = VDD2 = 5.0V, fSCLK = 6.4MHz; MAX1283: VDD1 = VDD2 = 3.0V, fSCLK = 4.8MHz; CLOAD = 20pF, 4.7µF capacitor
at REF, 0.01µF capacitor at REFADJ, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1283BEUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX128 MAXIM-MAX128 Datasheet
124Kb / 16P
   Multirange, 5V, 12-Bit DAS with 2-Wire Serial Interface
19-4773; Rev 0; 7/98
MAX1280 MAXIM-MAX1280 Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
MAX1280 MAXIM-MAX1280 Datasheet
151Kb / 9P
   MAX1280 Evaluation System
Rev 0; 5/00
MAX1280BCUP MAXIM-MAX1280BCUP Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
MAX1280BCUP++ MAXIM-MAX1280BCUP+ Datasheet
450Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
More results

Similar Description - MAX1283BEUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1082 MAXIM-MAX1082_V01 Datasheet
250Kb / 23P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
2014
MAX1082 MAXIM-MAX1082_12 Datasheet
358Kb / 23P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
Rev 1; 9/12
MAX1082 MAXIM-MAX1082 Datasheet
315Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
19-1690 Rev 0; 5/00
MAX1284 MAXIM-MAX1284_V01 Datasheet
187Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
2010
MAX1284-MAX1285 MAXIM-MAX1284-MAX1285 Datasheet
210Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
MAX1280 MAXIM-MAX1280 Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
MAX1280 MAXIM-MAX1280_V01 Datasheet
450Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
MAX1084 MAXIM-MAX1084_V01 Datasheet
375Kb / 16P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
2010
MAX1084 MAXIM-MAX1084 Datasheet
235Kb / 16P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
19-1686; Rev 0; 5/00
MAX1080 MAXIM-MAX1080 Datasheet
550Kb / 24P
   300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
19-1685; Rev 0; 5/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com