Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1273CPA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1273CPA
Description  Fault-Protected, 12-Bit ADCs with Software-Selectable Input Range
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1273CPA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1273CPA Datasheet HTML 1Page - Maxim Integrated Products MAX1273CPA Datasheet HTML 2Page - Maxim Integrated Products MAX1273CPA Datasheet HTML 3Page - Maxim Integrated Products MAX1273CPA Datasheet HTML 4Page - Maxim Integrated Products MAX1273CPA Datasheet HTML 5Page - Maxim Integrated Products MAX1273CPA Datasheet HTML 6Page - Maxim Integrated Products MAX1273CPA Datasheet HTML 7Page - Maxim Integrated Products MAX1273CPA Datasheet HTML 8Page - Maxim Integrated Products MAX1273CPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Fault-Protected, 12-Bit ADCs
with Software-Selectable Input Range
_______________________________________________________________________________________
5
TIMING CHARACTERISTICS
(VDD = 4.75V to 5.25V, unipolar/bipolar input range, external reference mode, VREF = 4.096V, CREF = 1.0µF, fSCLK = 1.4MHz,
50% duty cycle, CLOAD = 50pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Figures 1 and 4)
PARAMETERS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIN to SCLK Setup
tDS
100
ns
DIN to SCLK Hold
tDH
0ns
SCLK Fall to Output Data Valid
tDO
20
250
ns
CS Fall to Output Enable
tDV
100
ns
CS Rise to Output Disable
tTR
100
ns
CS to SCLK Rise Setup
tCSS
100
ns
CS to SCLK Rise Hold
tCSH
0ns
SCLK Pulse Width High
tCH
200
ns
SCLK Pulse Width Low
tCL
200
ns
Note 1: Accuracy specifications tested at VDD = 5V. Performance at power-supply tolerance limit is guaranteed by power-supply
rejection test.
Note 2: Offset error nulled. The ideal last-code transition is (FS - 1.5 LSB).
Note 3: PSRR measured at full scale. Tested at ±10V (MAX1272) and ±4.096V (MAX1273) input ranges.
Note 4: Acquisition and conversion times are dependent on the clock speed.
Typical Operating Characteristics
(Typical operating circuit, BIP = RNG = 1, VDD = 5V, external reference mode, VREF = 4.096V, CREF = 1.0µF, fSCLK = 1.4MHz,
50% duty cycle, 87ksps, TA = +25°C, unless otherwise noted.)
CONVERTING SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.20
5.15
5.05 5.10
4.85 4.90 4.95 5.00
4.80
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
4.75
5.25
INTERNAL
REFERENCE
EXTERNAL
REFERENCE
VAIN = 0
CONVERTING SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
-15
10
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
-40
85
VAIN = 0
INTERNAL
REFERENCE
EXTERNAL
REFERENCE
STANDBY SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
-40
85
VAIN = 0
INTERNAL
REFERENCE
EXTERNAL
REFERENCE


Similar Part No. - MAX1273CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1273EUA++ MAXIM-MAX1273EUA+ Datasheet
1Mb / 19P
   Fault-Protected, 12-Bit ADCs with Software-Selectable Input Range
2011
More results

Similar Description - MAX1273CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1272 MAXIM-MAX1272_V01 Datasheet
1Mb / 19P
   Fault-Protected, 12-Bit ADCs with Software-Selectable Input Range
2011
logo
ATMEL Corporation
AD7322 ATMEL-AD7322 Datasheet
901Kb / 18P
   Software Selectable True Bipolar Input, 2-Channel, 12-Bit Plus Sign ADC
logo
Analog Devices
AD7328 AD-AD7328_17 Datasheet
761Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7321 AD-AD7321_17 Datasheet
697Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7324 AD-AD7324 Datasheet
591Kb / 36P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7324 AD-AD7324_15 Datasheet
920Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
AD7324 AD-AD7324_17 Datasheet
734Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7327 AD-AD7327_17 Datasheet
764Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7328 AD-AD7328 Datasheet
880Kb / 36P
   8-Channel, Software-Selectable True Bipolar Input, 12-Bit Plus Sign ADC
REV. A
AD7328 AD-AD7328_15 Datasheet
953Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com