Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX128ACNG Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX128ACNG
Description  Multirange, 5V, 12-Bit DAS with 2-Wire Serial Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX128ACNG Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX128ACNG Datasheet HTML 2Page - Maxim Integrated Products MAX128ACNG Datasheet HTML 3Page - Maxim Integrated Products MAX128ACNG Datasheet HTML 4Page - Maxim Integrated Products MAX128ACNG Datasheet HTML 5Page - Maxim Integrated Products MAX128ACNG Datasheet HTML 6Page - Maxim Integrated Products MAX128ACNG Datasheet HTML 7Page - Maxim Integrated Products MAX128ACNG Datasheet HTML 8Page - Maxim Integrated Products MAX128ACNG Datasheet HTML 9Page - Maxim Integrated Products MAX128ACNG Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Multirange, +5V, 12-Bit DAS with
2-Wire Serial Interface
6
_______________________________________________________________________________________
TIMING CHARACTERISTICS (continued)
(VDD = +4.75V to +5.25V; unipolar/bipolar range; external reference mode, VREF = 4.096V; 4.7µF at REF pin; TA = TMIN to TMAX;
unless otherwise noted. Typical values are at TA = +25°C.)
Note 1:
Accuracy specifications tested at VDD = 5.0V. Performance at power-supply tolerance limits is guaranteed by Power-
Supply Rejection test.
Note 2:
External reference: VREF = 4.096V, offset error nulled, ideal last-code transition = FS - 3/2LSB.
Note 3:
Ground “on” channel, sine wave applied to all “off” channels.
Note 4:
Guaranteed by design. Not tested.
Note 5:
Use static external load during conversion for specified accuracy.
Note 6:
Tested using internal reference.
Note 7:
PSRR measured at full scale. Tested for the ±10V (MAX127) and ±4.096V (MAX128) input ranges.
Note 8:
Not subject to production testing. Provided for design guidance only.
PARAMETERS
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
Low Period of the SCL Clock
tLOW
4.7
µs
High Period of the SCL Clock
tHIGH
4.0
µs
Setup Time for a Repeated
START Condition
tSU, STA
4.7
µs
Data Hold Time
tHD, DAT
0
0.9
µs
Data Setup Time
tSU, DAT
250
ns
Rise Time for Both SDA and SCL
Signals (Receiving)
tR
1000
ns
Fall Time for Both SDA and SCL
Signals (Receiving)
tF
300
ns
Fall Time for Both SDA and SCL
Signals (Transmitting)
tF
Cb = total capacitance of one bus line in pF,
up to 6mA sink
20 +
250
0.1 x Cb
ns
Setup Time for STOP Condition
tSU, STO
4.0
µs
Capacitive Load for Each
Bus Line
Cb
400
pF
Pulse Width of Spike Suppressed
tSP
0
50
ns
Hold Time (Repeated) START
Condition
tHD,STA
4.0
µs
Bus Free Time Between a STOP
and START Condition
tBUF
4.7
µs
SCL Clock Frequency
fSCL
100
kHz
2-WIRE STANDARD MODE


Similar Part No. - MAX128ACNG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1280 MAXIM-MAX1280 Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
MAX1280 MAXIM-MAX1280 Datasheet
151Kb / 9P
   MAX1280 Evaluation System
Rev 0; 5/00
MAX1280BCUP MAXIM-MAX1280BCUP Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
MAX1280BCUP++ MAXIM-MAX1280BCUP+ Datasheet
450Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
MAX1280BEUP MAXIM-MAX1280BEUP Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
More results

Similar Description - MAX128ACNG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX196 MAXIM-MAX196 Datasheet
165Kb / 16P
   Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface
Rev 0; 9/95
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270 MAXIM-MAX1270 Datasheet
808Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX197 MAXIM-MAX197 Datasheet
165Kb / 16P
   Multi-Range (짹10V, 짹5V, 10V, 5V), Single 5V, 12-Bit DAS with 84 Bus Interface
19-0381; Rev 1; 6/96
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
   5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
MAX1202 MAXIM-MAX1202 Datasheet
309Kb / 24P
   5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
19-1173; Rev 2; 5/98
MAX199 MAXIM-MAX199 Datasheet
165Kb / 16P
   Multi-Range (짹4V, 짹2V, 4V, 2V), 5V Supply, 12-Bit DAS with 84 Bus Interface
19-0401; Rev 0; 6/95
MAX5115 MAXIM-MAX5115 Datasheet
459Kb / 19P
   Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial Interface
Rev 0; 2/05
logo
Fairchild Semiconductor
NM24C08U FAIRCHILD-NM24C08U Datasheet
100Kb / 13P
   8K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
   2K-Bit Serial EEPROM 2-Wire Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com