Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX126CEAX Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX126CEAX
Description  2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX126CEAX Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX126CEAX Datasheet HTML 1Page - Maxim Integrated Products MAX126CEAX Datasheet HTML 2Page - Maxim Integrated Products MAX126CEAX Datasheet HTML 3Page - Maxim Integrated Products MAX126CEAX Datasheet HTML 4Page - Maxim Integrated Products MAX126CEAX Datasheet HTML 5Page - Maxim Integrated Products MAX126CEAX Datasheet HTML 6Page - Maxim Integrated Products MAX126CEAX Datasheet HTML 7Page - Maxim Integrated Products MAX126CEAX Datasheet HTML 8Page - Maxim Integrated Products MAX126CEAX Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
+2.7V to +5.25V, Low-Power, 4-Channel,
Serial 10-Bit ADCs in QSOP-16
_______________________________________________________________________________________
3
Multiplexer Leakage Current
pF
15
CIN
DIN, SCLK, CS Input Capacitance
µA
±0.01
±1
IIN
DIN, SCLK, CS Input Leakage
V
0.2
VHYST
DIN, SCLK, CS Input Hysteresis
V
0.8
VIL
DIN, SCLK, CS Input Low Voltage
2.0
µA
0.01
10
Shutdown VREF Input Current
k
18
25
VREF Input Resistance
µA
100
150
VREF Input Current
V
1.0
VDD +
50mV
VREF Input Voltage Range
(Note 9)
pF
16
Input Capacitance
0 to VREF
V
±VREF / 2
Input Voltage Range, Single-
Ended and Differential (Note 6)
µA
±0.01
±1
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
(Note 10)
VIN = 0V or VDD
Unipolar, COM = 0V
VDD ≤ 3.6V
VREF = 2.500V
Bipolar, COM = VREF / 2
On/off leakage current, VCH_ = 0V or VDD
CONDITIONS
µA
±4.0
IS
SHDN Input Current
V
0.4
VSL
SHDN Input Low Voltage
V
VDD - 0.4
VSH
SHDN Input High Voltage
SHDN = 0V or VDD
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +5.25V; COM = 0V; fSCLK = 2.0MHz; external clock (50% duty cycle); 15 clocks/conversion cycle (133ksps);
MAX1248—4.7µF capacitor at VREF pin; MAX1249—external reference, VREF = 2.500V applied to VREF pin; TA = TMIN to TMAX,
unless otherwise noted.)
V
3.0
VIH
DIN, SCLK, CS Input High Voltage
VDD > 3.6V
V
2.470
2.500
2.530
VREF Output Voltage
TA = +25°C (Note 7)
mA
30
VREF Short-Circuit Current
ppm/°C
±30
VREF Temperature Coefficient
MAX1248
µF
0
Capacitive Bypass at VREF
Internal compensation mode
4.7
External compensation mode
mV
0.35
Load Regulation (Note 8)
0mA to 0.2mA output load
µF
0.01
Capacitive Bypass at REFADJ
±1.5
REFADJ Adjustment Range
%
V
VDD -
0.5
REFADJ Buffer-Disable Threshold
Capacitive Bypass at VREF
Internal compensation mode
0
µF
External compensation mode
4.7
Reference-Buffer Gain
MAX1248
2.06
V/V
MAX1249
2.00
REFADJ Input Current
MAX1248
±50
µA
MAX1249
±10
V
1.1
VDD - 1.1
VSM
SHDN Input Mid Voltage
ANALOG/COM INPUTS
EXTERNAL REFERENCE AT VREF (Buffer disabled)
DIGITAL INPUTS (DIN, SCLK, CS, SHDN)
EXTERNAL REFERENCE AT REFADJ
INTERNAL REFERENCE (MAX1248 only, reference buffer enabled)


Similar Part No. - MAX126CEAX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX126CEAX MAXIM-MAX126CEAX Datasheet
636Kb / 15P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 2; 6/07
MAX126CEAX MAXIM-MAX126CEAX Datasheet
379Kb / 15P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 3; 7/08
More results

Similar Description - MAX126CEAX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX125 MAXIM-MAX125_08 Datasheet
379Kb / 15P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 3; 7/08
MAX125 MAXIM-MAX125 Datasheet
636Kb / 15P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 2; 6/07
logo
Analog Devices
AD7607 AD-AD7607_16 Datasheet
779Kb / 33P
   8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
logo
Maxim Integrated Produc...
MAX115-MAX116 MAXIM-MAX115-MAX116 Datasheet
215Kb / 14P
   2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
logo
Analog Devices
AD7607 AD-AD7607_17 Datasheet
869Kb / 33P
   8-Channel DAS with 14-Bit, Bipolar Input Simultaneous Sampling ADC
AD7607 AD-AD7607 Datasheet
681Kb / 32P
   8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
REV. B
AD7617 AD-AD7617 Datasheet
947Kb / 52P
   16-Channel DAS with 14-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
AD7608 AD-AD7608 Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD4858 AD-AD4858 Datasheet
2Mb / 70P
   Buffered, 8-Channel Simultaneous Sampling, 20-Bit 1 MSPS DAS
Rev. 0
AD7608 AD-AD7608_17 Datasheet
725Kb / 33P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com