Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX126CEAX Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX126CEAX
Description  2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX126CEAX Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX126CEAX Datasheet HTML 1Page - Maxim Integrated Products MAX126CEAX Datasheet HTML 2Page - Maxim Integrated Products MAX126CEAX Datasheet HTML 3Page - Maxim Integrated Products MAX126CEAX Datasheet HTML 4Page - Maxim Integrated Products MAX126CEAX Datasheet HTML 5Page - Maxim Integrated Products MAX126CEAX Datasheet HTML 6Page - Maxim Integrated Products MAX126CEAX Datasheet HTML 7Page - Maxim Integrated Products MAX126CEAX Datasheet HTML 8Page - Maxim Integrated Products MAX126CEAX Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
+2.7V to +5.25V, Low-Power, 4-Channel,
Serial 10-Bit ADCs in QSOP-16
_______________________________________________________________________________________
5
TIMING CHARACTERISTICS
(VDD = +2.7V to +5.25V, TA = TMIN to TMAX, unless otherwise noted.)
Note 1: Tested at VDD = 2.7V; COM = 0V; unipolar single-ended input mode.
Note 2: Relative accuracy is the deviation of the analog value at any code from its theoretical value after the full-scale range has
been calibrated.
Note 3: MAX1248—internal reference, offset nulled; MAX1249 — external reference (VREF = +2.500V), offset nulled.
Note 4: Ground “on” channel; sine wave applied to all “off” channels.
Note 5: Conversion time defined as the number of clock cycles multiplied by the clock period; clock has 50% duty cycle.
Note 6: The common-mode range for the analog inputs is from AGND to VDD.
Note 7 Sample tested to 0.1% AQL.
Note 8: External load should not change during conversion for specified accuracy.
Note 9: ADC performance is limited by the converter’s noise floor, typically 300µVp-p.
Note 10 Guaranteed by design. Not subject to production testing.
Note 11: The MAX1249 typically draws 400
µA less than the values shown.
Note 12: Measured as
|V
FS(2.7V) - VFS(5.25V)|.
DIN to SCLK Setup
ns
240
tSTR
CS Rise to SSTRB Output Disable
ns
240
tSDV
CS Fall to SSTRB Output Enable
240
tSSTRB
SCLK Fall to SSTRB
ns
200
tCL
SCLK Pulse Width Low
ns
200
SCLK Pulse Width High
ns
0
CS to SCLK Rise Hold
ns
100
tCSS
CS to SCLK Rise Setup
ns
240
tTR
CS Rise to Output Disable
ns
240
tDV
CS Fall to Output Enable
tDO
SCLK Fall to Output Data Valid
ns
0
tDH
DIN to SCLK Hold
ns
µs
1.5
tACQ
Acquisition Time
0
tSCK
SSTRB Rise to SCLK Rise
ns
100
tDS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Internal clock mode only (Note 10)
External clock mode only, Figure 2
External clock mode only, Figure 1
Figure 1
Figure 2
Figure 1
CONDITIONS
ns
20
240
Figure 1
tCSH
tCH
ns
MAX124_ _C/E
MAX124_ _M
20
200


Similar Part No. - MAX126CEAX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX126CEAX MAXIM-MAX126CEAX Datasheet
636Kb / 15P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 2; 6/07
MAX126CEAX MAXIM-MAX126CEAX Datasheet
379Kb / 15P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 3; 7/08
More results

Similar Description - MAX126CEAX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX125 MAXIM-MAX125_08 Datasheet
379Kb / 15P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 3; 7/08
MAX125 MAXIM-MAX125 Datasheet
636Kb / 15P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 2; 6/07
logo
Analog Devices
AD7607 AD-AD7607_16 Datasheet
779Kb / 33P
   8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
logo
Maxim Integrated Produc...
MAX115-MAX116 MAXIM-MAX115-MAX116 Datasheet
215Kb / 14P
   2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
logo
Analog Devices
AD7607 AD-AD7607_17 Datasheet
869Kb / 33P
   8-Channel DAS with 14-Bit, Bipolar Input Simultaneous Sampling ADC
AD7607 AD-AD7607 Datasheet
681Kb / 32P
   8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
REV. B
AD7617 AD-AD7617 Datasheet
947Kb / 52P
   16-Channel DAS with 14-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
AD7608 AD-AD7608 Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD4858 AD-AD4858 Datasheet
2Mb / 70P
   Buffered, 8-Channel Simultaneous Sampling, 20-Bit 1 MSPS DAS
Rev. 0
AD7608 AD-AD7608_17 Datasheet
725Kb / 33P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com