Electronic Components Datasheet Search |
|
MAX1271ACNG Datasheet(PDF) 9 Page - Maxim Integrated Products |
|
MAX1271ACNG Datasheet(HTML) 9 Page - Maxim Integrated Products |
9 / 20 page Multirange, +5V, 8-Channel, Serial 12-Bit ADCs _______________________________________________________________________________________ 9 Detailed Description Converter Operation The MAX1270/MAX1271 multirange, fault-tolerant ADCs use successive approximation and internal track/hold (T/H) circuitry to convert an analog signal to a 12-bit digital output. Figure 3 shows the block diagram of the MAX1270/MAX1271. Analog-Input Track/Hold The T/H enters tracking/acquisition mode on the falling edge of the sixth clock in the 8-bit input control word, and enters hold/conversion mode when the timed acquisition interval (six clock cycles, 3µs minimum) ends. In internal clock mode, the acquisition is timed by two external clock cycles and four internal clock cycles. When operating in bipolar (MAX1270 and MAX1271) or unipolar mode (MAX1270) the signal applied at the input channel is rescaled through the resistor-divider network formed by R1, R2, and R3 (Figure 4); a low impedance (<4Ω) input source is recommended to minimize gain error. When the MAX1271 is configured for unipolar mode, the channel input resistance (RIN) becomes a fixed 5.12kΩ (typ). Source impedances below 15kΩ (0 to VREF) and 5kΩ (0 to VREF/2) do not significantly affect the AC performance of the ADC. The acquisition time (tACQ) is a function of the source output resistance, the channel input resistance, and the T/H capacitance. Higher source impedances can be used if an input capacitor is connected between the analog inputs and AGND. Note that the input capacitor forms an RC filter with the input source impedance, lim- iting the ADC’s signal bandwidth. 100k Ω 510k Ω 24k Ω REFADJ +5V MAX1270 MAX1271 0.01 µF CH2 CH1 CH0 SHDN CH3 CH4 CH5 CH6 CH7 REFADJ REF VDD AGND DGND MAX1270 MAX1271 12-BIT SAR ADC IN REF CLOCK OUT T/H 2.5V REFERENCE ANALOG INPUT MUX AND SIGNAL CONDITIONING Av = 1.638 INT CLOCK DIN SSTRB DOUT CS SCLK SERIAL INTERFACE LOGIC 10k Ω +4.096V 0.5mA DOUT OR SSTRB +5V a) HIGH IMPEDANCE TO VOH, VOL TO VOH AND VOH TO HIGH IMPEDANCE HIGH IMPEDANCE TO VOH, VOL TO VOH AND VOH TO HIGH IMPEDANCE b) CLOAD CLOAD 5mA DOUT OR SSTRB Figure 1. Reference-Adjust Circuit Figure 3. Block Diagram Figure 2. Output Load Circuit for Timing Characteristics |
Similar Part No. - MAX1271ACNG |
|
Similar Description - MAX1271ACNG |