Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1294AEEI Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1294AEEI
Description  420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1294AEEI Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1294AEEI Datasheet HTML 3Page - Maxim Integrated Products MAX1294AEEI Datasheet HTML 4Page - Maxim Integrated Products MAX1294AEEI Datasheet HTML 5Page - Maxim Integrated Products MAX1294AEEI Datasheet HTML 6Page - Maxim Integrated Products MAX1294AEEI Datasheet HTML 7Page - Maxim Integrated Products MAX1294AEEI Datasheet HTML 8Page - Maxim Integrated Products MAX1294AEEI Datasheet HTML 9Page - Maxim Integrated Products MAX1294AEEI Datasheet HTML 10Page - Maxim Integrated Products MAX1294AEEI Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
420ksps, +5V, 6-/2-Channel, 12-Bit ADCs
with +2.5V Reference and Parallel Interface
_______________________________________________________________________________________
7
Pin Description
D0
10
10
INT
11
11
RD
12
12
WR
13
13
CLK
14
14
D4
6
6
D3
7
7
D2
8
8
D1
9
9
D5
5
5
D6
4
4
1
D7
3
3
D8
2
2
D9
1
Three-State Digital I/O Line (D0)
INT goes low when the conversion is complete and output data is ready.
Active-Low Read Select. If CS is low, a falling edge on RD will enable the read
operation on the data bus.
Active-Low Write Select. When CS is low in the internal acquisition mode, a rising
edge on WR latches in configuration data and starts an acquisition plus a conver-
sion cycle. When CS is low in external acquisition mode, the first rising edge on WR
ends acquisition and starts a conversion.
Clock Input. In external clock mode, drive CLK with a TTL/CMOS-compatible clock.
In internal clock mode, connect this pin to either VDD or GND.
Three-State Digital I/O Line (D4)
Three-State Digital I/O Line (D3)
Three-State Digital I/O Line (D2)
Three-State Digital I/O Line (D1)
Three-State Digital I/O Line (D5)
Three-State Digital I/O Line (D6)
Three-State Digital I/O Line (D7)
Three-State Digital Output (D8)
Three-State Digital Output (D9)
GND
19
23
REFADJ
20
24
CH2
19
CH1
16
20
CH0
17
21
COM
18
22
CH3
18
CH4
17
CH5
16
CS
15
15
Analog and Digital Ground
Bandgap Reference Output/Bandgap Reference Buffer Input. Bypass to GND with
a 0.01µF capacitor. When using an external reference, connect REFADJ to VDD to
disable the internal bandgap reference.
Analog Input Channel 2
Analog Input Channel 1
Analog Input Channel 0
Ground Reference for Analog Inputs. Sets zero-code voltage in single-ended mode
and must be stable to ±0.5LSB during conversion.
Analog Input Channel 3
Analog Input Channel 4
Analog Input Channel 5
Active-Low Chip Select. When CS is high, digital outputs (INT, D11–D0) are high
impedance.
PIN
MAX1296
MAX1294
NAME
FUNCTION


Similar Part No. - MAX1294AEEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1294AEEI MAXIM-MAX1294AEEI Datasheet
392Kb / 19P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
More results

Similar Description - MAX1294AEEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1294 MAXIM-MAX1294_V01 Datasheet
392Kb / 19P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1266 MAXIM-MAX1266 Datasheet
390Kb / 19P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1295 MAXIM-MAX1295 Datasheet
228Kb / 20P
   265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1530; Rev 0; 9/99
MAX1265 MAXIM-MAX1265 Datasheet
307Kb / 19P
   265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1292 MAXIM-MAX1292 Datasheet
382Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
MAX1290 MAXIM-MAX1290 Datasheet
388Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1531; Rev 3; 12/02
MAX1262 MAXIM-MAX1262 Datasheet
386Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-2720; Rev 0; 04/03
MAX1064 MAXIM-MAX1064 Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1090 MAXIM-MAX1090 Datasheet
404Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
19-1640; Rev 0; 1/00
MAX1090 MAXIM-MAX1090_V01 Datasheet
490Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com