Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS0335RCN-151 Datasheet(PDF) 6 Page - PACELEADER INDUSTRIAL

Part # SS0335RCN-151
Description  Continuous Forward Current
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SS0335RCN-151 Datasheet(HTML) 6 Page - PACELEADER INDUSTRIAL

  SS0335RCN-151 Datasheet HTML 1Page - PACELEADER INDUSTRIAL SS0335RCN-151 Datasheet HTML 2Page - PACELEADER INDUSTRIAL SS0335RCN-151 Datasheet HTML 3Page - PACELEADER INDUSTRIAL SS0335RCN-151 Datasheet HTML 4Page - PACELEADER INDUSTRIAL SS0335RCN-151 Datasheet HTML 5Page - PACELEADER INDUSTRIAL SS0335RCN-151 Datasheet HTML 6Page - PACELEADER INDUSTRIAL SS0335RCN-151 Datasheet HTML 7Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Part No. SS0335RCN-151
Page 6 OF 7
Taping Dimension (unit= mm)
LEDsmountingpart
Reel Lead
Min.40mm( No.LEDs)
Reel Endof tape NoLEDs
Topcover tape
Embossedcarrier tape
Reel LeadMin.160mm
( NoLEDsis marethan40)
NoLEDs
Pull direction
Tolerance: ±0.2 (unit= mm)
Quantity: 3000 pcs/Reel
PACELEADER INDUSTRIAL CO.,LTD


Similar Part No. - SS0335RCN-151

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SS0335BCN-181 PACELEADER-SS0335BCN-181 Datasheet
1Mb / 6P
   Continuous Forward Current
SS0335WFN-042-1 PACELEADER-SS0335WFN-042-1 Datasheet
586Kb / 8P
   Continuous Forward Current
SS0335YCN-041 PACELEADER-SS0335YCN-041 Datasheet
190Kb / 6P
   Continuous Forward Current
SS0335ZCN-042-1 PACELEADER-SS0335ZCN-042-1 Datasheet
183Kb / 7P
   Continuous Forward Current
More results

Similar Description - SS0335RCN-151

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SS0335BCN-181 PACELEADER-SS0335BCN-181 Datasheet
1Mb / 6P
   Continuous Forward Current
SS0335ZCN-042-1 PACELEADER-SS0335ZCN-042-1 Datasheet
183Kb / 7P
   Continuous Forward Current
SS0335YCN-041 PACELEADER-SS0335YCN-041 Datasheet
190Kb / 6P
   Continuous Forward Current
SS0335WFN-042-1 PACELEADER-SS0335WFN-042-1 Datasheet
586Kb / 8P
   Continuous Forward Current
logo
Tyco Electronics
1393277-8 MACOM-1393277-8 Datasheet
748Kb / 5P
   Limiting continuous current 45A
logo
List of Unclassifed Man...
V23076A1022C133 ETC2-V23076A1022C133 Datasheet
889Kb / 4P
   Limiting continuous current 45A
logo
M.S. Kennedy Corporatio...
MSK4803 MSK-MSK4803_15 Datasheet
935Kb / 8P
   600A Continuous Output Current
logo
IK Semicon Co., Ltd
IK5302 IKSEMICON-IK5302 Datasheet
855Kb / 14P
   3A continuous output current
logo
Advanced Monolithic Sys...
AMS1070 AMS-AMS1070 Datasheet
838Kb / 7P
   3A Continuous Output Current
logo
Solid State Optronic
AD4C212 SSOUSA-AD4C212_15 Datasheet
220Kb / 5P
   140mA maximum continuous load current
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com