Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1242AESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1242AESA
Description  2.7V to %.25V, Low-Power, 10-Bit Serial ADCs in SO-8
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1242AESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1242AESA Datasheet HTML 3Page - Maxim Integrated Products MAX1242AESA Datasheet HTML 4Page - Maxim Integrated Products MAX1242AESA Datasheet HTML 5Page - Maxim Integrated Products MAX1242AESA Datasheet HTML 6Page - Maxim Integrated Products MAX1242AESA Datasheet HTML 7Page - Maxim Integrated Products MAX1242AESA Datasheet HTML 8Page - Maxim Integrated Products MAX1242AESA Datasheet HTML 9Page - Maxim Integrated Products MAX1242AESA Datasheet HTML 10Page - Maxim Integrated Products MAX1242AESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
+2.7V to +5.25V, Low-Power, 10-Bit
Serial ADCs in SO-8
_______________________________________________________________________________________
7
AIN
TRACK INPUT
HOLD
GND
TRACK
HOLD
9k
RIN
CHOLD
16pF
-
+
CSWITCH
COMPARATOR
ZERO
REF
CAPACITIVE DAC
AT THE SAMPLING INSTANT,
THE INPUT SWITCHES FROM
AIN TO GND.
SHUTDOWN
INPUT
ANALOG INPUT
0V TO VREF
+2.7V to +5.25V
1
2
3
4
VDD
AIN
SHDN
REF
8
7
6
5
SCLK
CS
DOUT
GND
SERIAL
INTERFACE
C*
*4.7
µF, MAX1242
0.1
µF, MAX1243
4.7
µF 0.1µF
REFERENCE
INPUT
MAX1243
MAX1242
MAX1243
Figure 3. Operational Diagram
Figure 4. Equivalent Input Circuit
where RIN = 9kΩ, RS = the input signal’s source imped-
ance, and tACQ is never less than 1.5µs. Source imped-
ances below 4k
Ω do not significantly affect the ADC’s
AC performance.
Higher source impedances can be used if a 0.01µF
capacitor is connected to the analog input. Note that
the input capacitor forms an RC filter with the input
source impedance, limiting the ADC’s input signal
bandwidth.
Input Bandwidth
The ADC’s input tracking circuitry has a 2.25MHz
small-signal bandwidth, so it is possible to digitize
high-speed transient events and measure periodic sig-
nals with bandwidths exceeding the ADC’s sampling
rate by using undersampling techniques. To avoid
aliasing of unwanted high-frequency signals into the
frequency band of interest, anti-alias filtering is recom-
mended.
Analog Input Protection
Internal protection diodes, which clamp the analog
input to VDD and GND, allow the input to swing from
GND - 0.3V to VDD + 0.3V without damage. However,
for accurate conversions near full scale, the input must
not exceed VDD by more than 50mV, or be lower than
GND by 50mV.
If the analog input exceeds 50mV beyond the supplies,
limit the input current to 2mA.
Internal Reference (MAX1242)
The MAX1242 has an on-chip voltage reference
trimmed to 2.5V. The internal reference output is con-
nected to REF and also drives the internal capacitive
DAC. The output can be used as a reference voltage
source for other components and can source up to
400µA. Bypass REF with a 4.7µF capacitor. Larger
capacitors increase wake-up time when exiting shut-
down (see
Using SHDN to Reduce Supply Current).
The internal reference is enabled by pulling the SHDN
pin high. Letting SHDN float disables the internal refer-
ence, which allows the use of an external reference, as
described in the
External Reference section.
External Reference
The MAX1242/MAX1243 operate with an external refer-
ence at the REF pin. To use the MAX1242 with an
external reference, disable the internal reference by let-
ting SHDN float. Stay within the voltage range 1.0V to
VDD to achieve specified accuracy. The minimum input
impedance is 18k
Ω for DC currents. During conver-
sion, the external reference must be able to deliver up
to 250µA of DC load current and have an output
impedance of 10
Ω or less. The recommended mini-
mum value for the bypass capacitor is 0.1µF. If the ref-
erence has higher output impedance or is noisy,
bypass it close to the REF pin with a 4.7µF capacitor.


Similar Part No. - MAX1242AESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1242AESA++ MAXIM-MAX1242AESA+ Datasheet
171Kb / 13P
   2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8
2012
More results

Similar Description - MAX1242AESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1242 MAXIM-MAX1242_V01 Datasheet
171Kb / 13P
   2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8
2012
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX148 MAXIM-MAX148 Datasheet
221Kb / 24P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
MAX148 MAXIM-MAX148_09 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 3; 5/09
MAX148 MAXIM-MAX148_10 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 4; 1/10
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com