Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCIE-1752 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCIE-1752
Description  64-ch Isolated Digital Output PCI Express Card
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCIE-1752 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCIE-1752 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
Features
Specifications
Isolated Digital Input
ƒ
Channels
PCIE-1754: 64
PCIE-1756: 32
ƒ
Input Voltage
Logic 0: 3 V max.
Logic 1: 10 V min. (30 VDC max.)
ƒ
Input Current
10 VDC @ 2.97 mA
20 VDC @ 6.35 mA
30 VDC @ 9.73 mA
ƒ
Interrupt Capable Ch.
PCIE-1754: 4
PCIE-1756: 2
ƒ
Isolation Protection
2,500 VDC
ƒ
Overvoltage Protection
70 VDC
ƒ
ESD Protection
2,000 VDC
ƒ
Opto-Isolator Response
50 µs
Isolated Digital Output
ƒ
Channels
PCIE-1752: 64
PCIE-1756: 32
ƒ
Output Type
Sink (NPN)
ƒ
Isolation Protection
2,500 VDC
ƒ
Output Voltage
5 ~ 40 VDC
ƒ
Sink Current
500 mA max./channel
ƒ
Opto-isolator Response
50 µs
Introduction
The Advantech PCIE-1752, PCIE-1754 and PCIE-1756 series products offer 64 isolated digital input and output channels with 2,500 VDC isolation protection. They feature a wide input
range (10 ~ 30 VDC), wide output range (5 ~ 40 VDC) and high sink current (500mA max./channel) can make PCIE-1752/1754/1756 series products easily used in industrial automation
control systems. With the help of the latest Advantech driver - DAQNavi, users can perform the configuration and setting easily and efficiently in the programming.
64-ch Isolated Digital Output PCI Express
Card
64-ch Isolated Digital Input PCI Express
Card
64-ch Isolated Digital I/O PCI Express Card
PCIE-1752/1756
ƒ Wide output range (5 ~ 40 VDC)
ƒ High sink current on isolated output channels (500mA max./ch)
ƒ 2,000 VDC ESD protection
ƒ High-voltage isolation (2,500 VDC)
ƒ Interrupt handling capability
PCIE-1754/1756
ƒ Wide input range (10 ~ 30 VDC)
ƒ Either +/- voltage input for DI by group
ƒ High over-voltage protection (70 VDC)
ƒ High-voltage isolation (2,500 VDC)
ƒ Output status read-back
ƒ Keeps the output settings and values after system hot reset
ƒ Channel-freeze function
General
ƒ
Bus Type
PCI Express V1.0
ƒ
I/O Connectors
1 x 100-pin SCSI female connector
ƒ
Dimensions (L x H)
168 x 100 mm (6.6" x 3.9")
ƒ
Power Consumption
PCIE-1752
Typical: 3.3 V @ 485 mA
Max.: 3.3 V @ 530 mA; 12V @ 90 mA
PCIE-1754
Typical: 3.3 V @ 285 mA
Max.: 3.3 V @ 330 mA
PCIE-1756
Typical: 3.3 V @ 385 mA
Max.: 3.3 V @ 430 mA; 12V @ 55 mA
ƒ
Operating Temperature 0 ~ 60°C (32 ~ 140°F)
ƒ
Storage Temperature
-20 ~ 70°C (-4 ~ 158°F)
ƒ
Storage Humidity
5 ~ 95% RH, non-condensing
Ordering Information
ƒ
PCIE-1752
64-ch Isolated Digital Output PCI Express Card
ƒ
PCIE-1754
64-ch Isolated Digital Input PCI Express Card
ƒ
PCIE-1756
64-ch Isolated Digital I/O PCI Express Card
Accessories
ƒ
PCL-10250-1E
100-pin SCSI to Two 50-pin SCSI Cable, 1 m
ƒ
PCL-10250-2E
100-pin SCSI to Two 50-pin SCSI Cable, 2 m
ƒ
ADAM-3951
50-pin DIN-rail Wiring Board w/ LED Indicators
ƒ
PCL-101100M-3E
100-pin SCSI to 100-pin SCSI Cable, 3 m
ƒ
ADAM-39100
100-pin DIN-rail Wiring Board
PCIE-1756
PCIE-1752
PCIE-1754
PCIE-1752
PCIE-1754
PCIE-1756
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 5-May-2015


Similar Part No. - PCIE-1752

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCIE-1752 ADVANTECH-PCIE-1752 Datasheet
199Kb / 1P
   64-ch Isolated Digital Output PCI Express Card
More results

Similar Description - PCIE-1752

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCIE-1752 ADVANTECH-PCIE-1752 Datasheet
199Kb / 1P
   64-ch Isolated Digital Output PCI Express Card
PCIE-1754 ADVANTECH-PCIE-1754 Datasheet
199Kb / 1P
   64-ch Isolated Digital Input PCI Express Card
PCIE-1756 ADVANTECH-PCIE-1756 Datasheet
199Kb / 1P
   64-ch Isolated Digital I/O PCI Express Card
PCI-1752U ADVANTECH-PCI-1752U_15 Datasheet
403Kb / 1P
   64-ch Isolated Digital Output Universal PCI Card
PCI-1756 ADVANTECH-PCI-1756 Datasheet
630Kb / 1P
   64-ch Isolated Digital Output Universal PCI Card
PCIE-1758DI ADVANTECH-PCIE-1758DI Datasheet
356Kb / 1P
   128-ch Isolated Digital Input PCI Express Card
15-May-2020
PCIE-1750U ADVANTECH-PCIE-1750U Datasheet
446Kb / 1P
   32-ch Isolated Digital I/O with universal output PCI Express Card
16-Jan-2019
PCIE-1760 ADVANTECH-PCIE-1760_15 Datasheet
189Kb / 1P
   8-ch Relay and 8-ch Isolated Digital Input PCI Express Card
PCIE-1760 ADVANTECH-PCIE-1760_V01 Datasheet
428Kb / 1P
   8-Ch Relay and 8-Ch Isolated Digital Input PCI Express Card
12-Mar-2019
PCIE-1730 ADVANTECH-PCIE-1730 Datasheet
234Kb / 1P
   32-ch TTL and 32-ch Isolated Digital I/O PCI Express Card
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com