Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT760 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BAT760
Description  Medium power Schottky barrier single diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT760 Datasheet(HTML) 5 Page - NXP Semiconductors

  BAT760_15 Datasheet HTML 1Page - NXP Semiconductors BAT760_15 Datasheet HTML 2Page - NXP Semiconductors BAT760_15 Datasheet HTML 3Page - NXP Semiconductors BAT760_15 Datasheet HTML 4Page - NXP Semiconductors BAT760_15 Datasheet HTML 5Page - NXP Semiconductors BAT760_15 Datasheet HTML 6Page - NXP Semiconductors BAT760_15 Datasheet HTML 7Page - NXP Semiconductors BAT760_15 Datasheet HTML 8Page - NXP Semiconductors BAT760_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
BAT760_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 17 October 2008
5 of 9
NXP Semiconductors
BAT760
Medium power Schottky barrier single diode
8.
Package outline
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 13.
Fig 4.
Package outline SOD323 (SC-76)
03-12-17
Dimensions in mm
0.25
0.10
0.45
0.15
2.7
2.3
1.8
1.6
0.40
0.25
1.1
0.8
1.35
1.15
1
2
Table 8.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
BAT760
SOD323
4 mm pitch, 8 mm tape and reel
-115
-135


Similar Part No. - BAT760_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT760 DIODES-BAT760_15 Datasheet
101Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - BAT760_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BAT760-Q NEXPERIA-BAT760-Q Datasheet
187Kb / 10P
   Medium power Schottky barrier single diode
4 August 2021
BAT760 NEXPERIA-BAT760 Datasheet
210Kb / 8P
   Medium power Schottky barrier single diode
1 October 2022
logo
NXP Semiconductors
BAT760 NXP-BAT760_13 Datasheet
64Kb / 9P
   Medium power Schottky barrier single diode
Rev. 03-17 October 2008
BAT760 NXP-BAT760 Datasheet
56Kb / 9P
   Medium power Schottky barrier single diode
Rev. 03-17 October 2008
logo
Advanced Semiconductor
5082-2351 ASI-5082-2351 Datasheet
16Kb / 1P
   MEDIUM BARRIER SCHOTTKY DIODE
DME2333-230 ASI-DME2333-230 Datasheet
24Kb / 1P
   SCHOTTKY MEDIUM BARRIER DIODE
DME3057 ASI-DME3057 Datasheet
23Kb / 1P
   SCHOTTKY MEDIUM BARRIER DIODE
5082-2207 ASI-5082-2207 Datasheet
22Kb / 1P
   SCHOTTKY MEDIUM BARRIER DIODE
5082-2818 ASI-5082-2818 Datasheet
16Kb / 1P
   MEDIUM BARRIER SCHOTTKY DIODE
5082-2785 ASI-5082-2785 Datasheet
17Kb / 1P
   SCHOTTKY MEDIUM BARRIER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com