Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1247BMJE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1247BMJE
Description  2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1247BMJE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1247BMJE Datasheet HTML 1Page - Maxim Integrated Products MAX1247BMJE Datasheet HTML 2Page - Maxim Integrated Products MAX1247BMJE Datasheet HTML 3Page - Maxim Integrated Products MAX1247BMJE Datasheet HTML 4Page - Maxim Integrated Products MAX1247BMJE Datasheet HTML 5Page - Maxim Integrated Products MAX1247BMJE Datasheet HTML 6Page - Maxim Integrated Products MAX1247BMJE Datasheet HTML 7Page - Maxim Integrated Products MAX1247BMJE Datasheet HTML 8Page - Maxim Integrated Products MAX1247BMJE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
_______________General Description
The MAX1246/MAX1247 12-bit data-acquisition systems
combine a 4-channel multiplexer, high-bandwidth
track/hold, and serial interface with high conversion
speed and low power consumption. The MAX1246 oper-
ates from a single +2.7V to +3.6V supply; the MAX1247
operates from a single +2.7V to +5.25V supply. Both
devices’ analog inputs are software configurable for
unipolar/bipolar and single-ended/differential operation.
The 4-wire serial interface connects directly to SPI™/
QSPI™ and Microwire™ devices without external logic. A
serial strobe output allows direct connection to TMS320-
family digital signal processors. The MAX1246/MAX1247
use either the internal clock or an external serial-interface
clock to perform successive-approximation analog-to-
digital conversions.
The MAX1246 has an internal 2.5V reference, while the
MAX1247 requires an external reference. Both parts have
a reference-buffer amplifier with a ±1.5% voltage-
adjustment range.
These devices provide a hard-wired SHDN pin and a
software-selectable power-down, and can be pro-
grammed to automatically shut down at the end of a con-
version. Accessing the serial interface automatically
powers up the MAX1246/MAX1247, and the quick turn-on
time allows them to be shut down between all conver-
sions. This technique can cut supply current to under
60µA at reduced sampling rates.
The MAX1246/MAX1247 are available in a 16-pin DIP and
a small QSOP that occupies the same board area as an
8-pin SO.
For 8-channel versions of these devices, see the
MAX146/MAX147 data sheet.
________________________Applications
Portable Data Logging
Data Acquisition
Medical Instruments
Battery-Powered Instruments
Pen Digitizers
Process Control
____________________________Features
o 4-Channel Single-Ended or 2-Channel
Differential Inputs
o Single-Supply Operation:
+2.7V to +3.6V (MAX1246)
+2.7V to +5.25V (MAX1247)
o Internal 2.5V Reference (MAX1246)
o Low Power: 1.2mA (133ksps, 3V supply)
54µA (1ksps, 3V supply)
1µA (power-down mode)
o SPI/QSPI/Microwire/TMS320-Compatible
4-Wire Serial Interface
o Software-Configurable Unipolar or Bipolar Inputs
o 16-Pin QSOP Package (same area as 8-pin SO)
+2.7V, Low-Power, 4-Channel,
Serial 12-Bit ADCs in QSOP-16
________________________________________________________________
Maxim Integrated Products
1
VDD
I/O
SCK (SK)
MOSI (SO)
MISO (SI)
VSS
SHDN
SSTRB
DOUT
DIN
SCLK
CS
COM
AGND
DGND
VDD
CH3
4.7
µF
0.1
µF
CH0
0V TO
+2.5V
ANALOG
INPUTS
MAX1246
CPU
+3V
VREF
0.047
µF
REFADJ
__________Typical Operating Circuit
19-1071; Rev 1; 3/97
PART
MAX1246ACPE
MAX1246BCPE
MAX1246ACEE
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
16 Plastic DIP
16 Plastic DIP
16 QSOP
EVALUATION
KIT
AVAILABLE
______________Ordering Information
Ordering Information continued at end of data sheet.
Contact factory for availability of alternate surface-mount
packages.
MAX1246BCEE
0°C to +70°C
16 QSOP
INL
(LSB)
±1/2
±1
±1/2
±1
SPI and QSPI are registered trademarks of Motorola, Inc. Microwire is a registered trademark of National Semiconductor Corp.
Pin Configuration appears at end of data sheet.


Similar Part No. - MAX1247BMJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1247EVKIT-QSOP MAXIM-MAX1247EVKIT-QSOP Datasheet
116Kb / 8P
   Convenient On-Board Test Points
Rev 1; 6/97
MAX1247EVL11-QSOP MAXIM-MAX1247EVL11-QSOP Datasheet
116Kb / 8P
   Convenient On-Board Test Points
Rev 1; 6/97
More results

Similar Description - MAX1247BMJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1246 MAXIM-MAX1246_07 Datasheet
260Kb / 25P
   2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
Rev 2; 10/01
MAX1248 MAXIM-MAX1248 Datasheet
242Kb / 24P
   2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
Rev 2; 5/98
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX144 MAXIM-MAX144_05 Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX1036 MAXIM-MAX1036 Datasheet
427Kb / 22P
   2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
19-2442; Rev 1; 10/02
MAX144 MAXIM-MAX144 Datasheet
240Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Rev 0; 11/98
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com